19 * all specifcations and photos are subject to change without notice. axiomtek.com overview soho series smb series accessories ? 2013 axiomtek co., ltd. all rights reserved. 8 rj + 2 sfp 10 rj NA-330 1u rackmount network appliance platform with intel ? atom? processor d525 and 10 lans low power and high performance intel ? atom? processor d525 1.8 ghz with 1m l2 cache and intel ? ich8m chipset supports 10 10/100/1000mbps ethernet ports or optional fber solution (intel ? 82583v, 82572ei, 82541pi) supports two groups lan bypass supports single mode or multi mode fber connection by sfp fexible design supports two ddr3 sodimm max. up to 4gb unbuffer and none-ecc memory supports bios redirected to com port supports two 2.5" sata hdd or one 3.5'' sata hdd suitable for vpn, network bandwidth controller, frewall applications supports intel ? hyper-threading technology ordering information packing list dimensions specifcations features rear view front view low p o we r system cpu intel ? atom? d525 1.86 ghz with 1m l2 cache chipset intel ? ich8m memory 2 x ddr3 800 (single channel) so-dimm max. up to 4 gb (unbuffered non-ecc) bios ami 8mbit pnp flash bios with function of bios redirected to com port hdd interface 2 x 2.5" sata hdd (default) or 1 x 3.5'' sata hdd (optional) network interface 10 (rj-type) x 10/100/1000mbps ethernet (intel ? 82583v, 82572ei, 82541pi) or 8 (rj-type) + 2 (sfp type, fber) 10/100/1000mbps ethernet (intel 82583v, 82572ei, 82541pi) ssd 1 x sata dom or 1x compactflash? i/o interface 1 x rs-232 (rj-type connector) 2 x usb connector, 10 x rj-45 connector watchdog timer 255 stepping for porting usb 2 x usb 2.0 port on front side, rest are internal pin headers expansion slot 1 x pcie mini card slot (usb transaction bus) other features lan bypass function through wdt and gpio pin control (default) lan bypass (2 groups) power supply 84w open frame os compatibility linux redhat kernel 2.6 mechanical/ environmental form factor 1u rackmount led power, hdd, link/act with transfer rate, lan bypass (default), gpio programmable (optional) operating temp. 0 ~ +45c (32f ~ 113f) storage temp. -20c ~ +70c (-4f ~ +158f) humidity 10% ~ 95% rh, non-condensing chassis material steel dimensions 44 mm (1.73") (h) x 430 mm (16.93") (w) x 255 mm (10.03") (d) weight (net/gross) 3.3 kg (7.27 lb)/4.3 kg (9.47 lb) certifcation fcc class a/ce class a standard na330-ragi-1.8g -d525 1u network appliance with ulv intel ? atom? processor d525 1.8 ghz and 10 10/100/1000 mbps (10 rj) na330-rami-1.8g -d525 1u network appliance with ulv intel ? atom? processor d525 1.8 ghz and 10 10/100/1000 mbps (8 rj+2 sfp) optional ck9a104 cable kit (p/n: 8816e320010e) 59416112100e cable db9 (m) - rj-45, l: 1.5m straight cable * specifcations and certifcations are based on options and may vary. ** recommend ordering optional cable kit with frst order. 1 x sata cable 1 x utility cd (user's manual and driver) 1 x power cord 1 x rj-45 to db9 (f) 1.8m console cable (rc) cross cable introduction the NA-330 is a 1u rackmountable network security hardware platform for vpn, frewall and other network security applications. it supports low power intel ? atom? processor d525 1.8 ghz with intel ? ich8m chipset and a ddr3 800 memory up to 4 gb. the wlan ports are available in copper and fber confgurations to meet different requirements. for storing event data, the NA-330 utilizes two 2.5" sata hdd or 3.5'' sata hdd. meantime, it supports compactflash? or optional sata dom. to ensure an uninterrupted network connection, the two-group bypass function acts automatically when the system is powered down or off.
|