Part Number Hot Search : 
M2M2C 6038080 SC2449 M2M2C CY7C13 L8705 KKA6107Q C3005
Product Description
Full Text Search
 

To Download NA-100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 2 NA-100 desktop fanless network appliance platform with amd geode lx800 processor and 4 lans ultra low power amd geode lx800 processor supports four 10/100mbps ethernet ports (realtek 8100c) supports lan bypass and bios redirected to com port supports one 2.5 ide hdd supports accelerated ipsec security engines and wireless module through minipci suitable for vpn, utm, network bandwidth controller, ssl/ tls, frewall and other embedded box applications ordering information packing list dimensions specifcations features rear view front view standard NA-100-d4er-500 ultra low power fanless network appliance with amd lx800 cpu, 4 10/100mbps optional ck9a100 cable kit (p/n: 88080000640e) ax93300 pata to sata converter module card * specifcations and certifcations are based on options and may vary. ** recommend ordering optional cable kit with frst order. 1 x dc power adapter 12v/5a 1 x 44-pin ide cable 1 x utility cd (user's manual and driver) introduction the NA-100 1u-height desktop network appliance platform integrates a low power consumption amd geode? lx800 processor with amd geode? cs5536ad chipset. available with four fast ethernet ports thru pci interface, the NA-100 offers reliable network connection for data transaction for small offce network environments through realtek 8100c lan chip. this compact network platform supports up to a maximum of 512mb of ddr266/333/400 so-dimm socket with unbuffered non-ecc memory. to provide optimal network performance for more complex security application requirements, 2.5" hdd, compactflash? and minipci slot with 32-bit/33mhz are available for expansion to increase storage. system cpu amd geode lx800 onboard; lx600/ lx700 as option chipset amd geode cs5536ad memory 2 x so-dimm ddr 333/400 max. up to 2 gb bios award 4mbit pnp flash bios with function of bios redirected to com port hdd interface 1 x 2.5 ide hdd network interface 4 x 10/100mbps ethernet (realtek 8100c) ssd 1 x compactflash? type-ii i/o interface 1 x rs-232 db9 connector, 2 x usb connector, 4 x rj-45 connector, 1 x dc-in power jack watchdog timer 255 stepping for porting usb 2 x usb 2.0 port on rear side, rest are internal pin headers expansion slot 1 x 32-bit/33mhz minipci slot other features (optional) lan bypass function through wdt and gpio pin control (one group) power supply 1 x 12v, 5a power adapter os compatibility linux redhat kernel 2.4 and 2.6, freebsd mechanical/ environmental form factor 1u desktop led power, hdd, link/act with transfer rate operating temp. 0 ~ +40c (32f ~ 104f) storage temp. -20 ~ +70c (-4f ~ +158f) humidity 10% ~ 90% rh, non-condensing chassis material steel dimensions 44 mm (1.79") (h) x 210.2 mm (8.27") (w) x 151.2 mm (5.94") (d) weight (net/gross) 2.35 kg (5.18 lb)/2.61 kg (5.75 lb) certifcation fcc class b/ce class b fanless low p ower


▲Up To Search▲   

 
Price & Availability of NA-100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X