Part Number Hot Search : 
11DQ09 RC288DPL 29517 MP450 MJD47 LT3682 MAX351 PPA1044
Product Description
Full Text Search
 

To Download MMBZ4709 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mmbz4681 thru mmbz4717 zener diodes maximum ratings and electrical characteristics ratings at 25? ambient temperature unless otherwise specified. symbol value unit zener current (see table ?haracteristics? power dissipation at t a = 25? p tot 350 (1) mw maximum junction temperature t j 150 ? storage temperature range t s ?5 to +150 ? symbol min. typ. max. unit thermal resistance r q ja 420 (1) ?/w junction to ambient air forward voltage at i f = 10 ma v f 0.9 volts notes: (1) on fr-5 board using recommended solder pad layout. 12/2/98 dimensions in inches and (millimeters) .016 (0.4) .056 (1.43 ) .037(0.95) .037(0.95) max. .004 (0.1) .122 (3.1) .016 (0.4) .016 (0.4) 1 2 3 top view .102 (2.6) .007 (0.175) .045 (1.15) .118 (3.0) .052 (1.33 ) .005 (0.125) .094 (2.4) .037 (0.95) sot-23 features silicon planar zener diodes standard zener voltage tolerance is 5%. other tolerances are available upon request high temperature soldering guaranteed: 250 ? /10 seconds at terminals. these diodes are also available in do-35 case with the type designation 1n4681 ... 1n4717 and sod-123 case with the type designation mmsz4681 ... mmsz4717. mechanical data case: sot-23 plastic package weight: approx. 0.008 g terminals: solderable per mil-std-750, method 2026.
mmbz4681 cf 2.4 2.28 2.52 2.0 1.0 mmbz4682 ch 2.7 2.57 2.84 1.0 1.0 mmbz4683 cj 3.0 2.85 3.15 0.8 1.0 mmbz4684 ck 3.3 3.14 3.47 7.5 1.5 mmbz4685 cm 3.6 3.42 3.78 7.5 2.0 mmbz4686 cn 3.9 3.71 4.10 5.0 2.0 mmbz4687 cp 4.3 4.09 4.52 4.0 2.0 mmbz4688 ct 4.7 4.47 4.94 10.0 3.0 mmbz4689 cu 5.1 4.85 5.36 10.0 3.0 mmbz4690 cv 5.6 5.32 5.88 10.0 4.0 mmbz4691 ca 6.2 5.89 6.51 10.0 5.0 mmbz4692 cx 6.8 6.46 7.14 10.0 5.1 mmbz4693 cy 7.5 7.13 7.88 10.0 5.7 mmbz4694 cz 8.2 7.79 8.61 1.0 6.2 mmbz4695 dc 8.7 8.27 9.14 1.0 6.6 mmbz4696 dd 9.1 8.65 9.56 1.0 6.9 mmbz4697 de 10.0 9.50 10.5 1.0 7.6 mmbz4698 df 11.0 10.50 11.6 0.05 8.4 mmbz4699 dh 12.0 11.40 12.6 0.05 9.1 mmbz4700 dj 13.0 12.40 13.7 0.05 9.8 mmbz4701 dk 14.0 13.30 14.7 0.05 10.6 mmbz4702 dm 15.0 14.30 15.8 0.05 11.4 mmbz4703 dn 16.0 15.20 16.8 0.05 12.1 mmbz4704 dp 17.0 16.20 17.9 0.05 12.9 mmbz4705 dt 18.0 17.10 18.9 0.05 13.6 mmbz4706 du 19.0 18.10 20.0 0.05 14.4 mmbz4707 dv 20.0 19.00 21.0 0.01 15.2 mmbz4708 da 22.0 20.90 23.1 0.01 16.7 MMBZ4709 dz 24.0 22.80 25.2 0.01 18.2 mmbz4710 dy 25.0 23.80 26.3 0.01 19.0 mmbz4711 ea 27.0 25.70 28.4 0.01 20.4 mmbz4712 ec 28.0 26.60 29.4 0.01 21.2 mmbz4713 ed 30.0 28.50 31.5 0.01 22.8 mmbz4714 ee 33.0 31.40 34.7 0.01 25.0 mmbz4715 ef 36.0 34.20 37.8 0.01 27.3 mmbz4716 eh 39.0 37.10 41.0 0.01 29.6 mmbz4717 ej 43.0 40.90 45.2 0.01 32.6 mmbz4681 thru mmbz4717 electrical characteristics type marking code notes: (1) tested with pulse test current test voltage v r (volts) norm (1) min max max reverse current i r ( m a) zener voltage (1) v z @ i zt = 50 m a (volts) (t a = 25? unless otherwise noted)


▲Up To Search▲   

 
Price & Availability of MMBZ4709

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X