Part Number Hot Search : 
F0094U 245MT M100H45 K0651 ML501P73 IC18F 800000 FM5822
Product Description
Full Text Search
 

To Download LMR-195 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  (800) tms-coax ? www.timesmicrowave.com 10 times microwave systems lmr ? -195 flexible low loss communications coax LMR-195 ideal for ? jumper assemblies in wireless communications systems ? short antenna feeder runs ? any application (e.g. wll, gps, lmr, wlan, wisp, wimax, scada, mobile antennas) requiring an easily routed, low loss rf cable ? drop-in replacement for rg-58 and rg-142 ? low loss is another hallmark feature of LMR-195. size for size lmr has the lowest loss of any fexible cable and comparable loss to semirigid hard-line cables. ? rf shielding is 50 db greater than typical single shielded coax (40 db). the multi-ply bonded foil outer conductor is rated conservatively at > 90 db (i.e. >180 db between two adjacent cables). ? weatherability : LMR-195 cables designed for outdoor exposure incorporate the best materials for uv resistance and have life expectancy in excess of 20 years. ? connectors : a wide variety of connectors are available for LMR-195 cable, including all common interface types, reverse polarity, and a choice of solder or non-solder center pins. most lmr connectors employ crimp outer attachment using standard hex crimp sizes. ? cable assemblies : all LMR-195 cable types are available as pre-terminated cable assemblies. refer to the section on flextech for further details. ? lmr ? standard is a uv resistant polyethylene jacketed cable designed for 20-year service outdoor use. the bending and handling characteristics are signifcantly better than air-dielectric and corrugated hard-line cables. ? lmr ? - db is identical to standard lmr plus has the advantage of being watertight. the addition of waterproofng compound in and around the foil/braid insures continuous reliable service should the jacket be inadvertently damaged during installation or in the future. ? lmr ? - fr is a non-halogen (non-toxic), low smoke, fre retardant cable designed for in-building runs that can be routed anywhere except air handling plenums. lmr-fr is ul/nec & csa ratedcmr and ft4 respectively, meets faa far25 requirements and is msha-p for mining applications. ? lmr ? - fr-pvc is a general-purpose indoor cable and has a ul/nec & csa rating of cmr and ft4 respectively. it is less expensive than lmr-fr, however it emits toxic fumes (hcl) and greater smoke density when burned. ? lmr ? - pvc is designed for low loss general-purpose applications and is somewhat more flexible than the standard polyethylene jacketed lmr. ? lmr ? - pvc-w is a white-jacketed version of lmr- p v c f o r m a r i n e a n d o t h e r a p p l i c a t i o n s where color compatibility is desired. ? lmr ? - ma is a fexible cable designed specifcally for mobile antenna applications. it has a pvc jacket and un-bonded aluminum tape to facilitate end stripping with automated equipment. ? flexibility and bendability are hallmarks of the lmr- 195 cable design. the fexible outer conductor enables the tightest bend radius available for any cable of similar size and performance. part description stock part number application jacket color code LMR-195 outdoor pe black 54110 LMR-195-db outdoor/watertight pe black 54113 LMR-195-fr indoor/outdoor riser cmr frpe black 54111 LMR-195-fr-w indoor/outdoor riser cmr frpe white 54158 LMR-195-fr-pvc indoor/outdoor riser cmr frpvc black 54105 LMR-195-ma mobile antennas pvc black 54210 LMR-195-pvc general purpose pvc black 54215 LMR-195-pvc-w general purpose pvc white 54199 construction specifcations description material in. (mm) inner conductor solid bc 0.037 (0.94) dielectric foam pe 0.110 (2.79) outer conductor aluminum tape 0.116 (2.95) overall braid tinned copper 0.139 (3.53) jacket (see table above) 0.195 (4.95)
(800) tms-coax ? www.timesmicrowave.com 11 times microwave systems mechanical specifcations performance property units us (metric) bend radius: installation in. (mm) 0.5 (12.7) bend radius: repeated in. (mm) 2.0 (50.8) bending moment ft-lb (n-m) 0.2 (0.27) weight lb/ft (kg/m) 0.021 (0.03) tensile strength lb (kg) 40 (18.2) flat plate crush lb/in. (kg/mm) 15 (0.27) electrical specifcations performance property units us (metric) velocity of propagation % 76 dielectric constant na 1.56 time delay ns/ft (ns/m) 1.27 (4.17) impedance ohms 50 capacitance pf/ft (pf/m) 25.4 (83.3) inductance uh/ft (uh/m) 0.064 (0.21) shielding effectiveness db >90 dc resistance inner conductor ohms/1000ft (/km) 7.6 (24.9) outer conductor ohms/1000ft (/km) 4.9 (16.1) voltage withstand volts dc 1000 jacket spark volts rms 3000 peak power kw 2.5 attenuation vs. frequency (typical) attenuation (db per 100 feet) 100.0 10.0 1.0 10 100 1,000 10,000 environmental specifcations performance property 0 f o c installation temperature range -40/+185 -40/+85 storage temperature range -94/+185 -70/+85 operating temperature range -40/+185 -40/+85 tc-195-sm tc-195-nm cct-01 LMR-195 frequency (mhz) calculate attenuation = (0.356859) ? fmhz + (0.000470) ? fmhz (interactive c alculator available at http://www.timesmicrowave.com/cable_calculators) attenuation: vswr=1.0 ; ambient = +25c (77f) power: vswr=1.0; ambient = +40c; inner conductor = 100c (212f); sea level; dry air; atmospheric pressure; no solar loading frequency (mhz) 30 50 150 220 450 900 1500 1800 2000 2500 5800 attenuation db/100 ft 2.0 2.5 4.4 5.4 7.8 11.1 14.5 16.0 16.9 19.0 29.9 attenuation db/100 m 6.5 8.4 14.6 17.7 25.5 36.5 47.7 52.5 55.4 62.4 98.1 avg. power kw 0.89 0.68 0.39 0.32 0.22 0.16 0.12 0.11 0.10 0.09 0.06 tc-195-tm tc-195-nm-ra-d install tools type part number stock code description crimp ct-240/200/195/100 3190-667 crimp tool for lmr-100,195, tool 200 and 240 connectors cutting tool cct-01 3190-1544 cable end fush cut tool deburr tool dbt-u 3192-001 removes center conductor rough edges replacement rb-01 3190-1609 replacement blade for blade cutting tool dbt-u ct-240/200/195/100 connectors inner outer finish* part stock vswr** coupling contact contact body length width weight interface description number code freq. (ghz) nut attach attach /pin in (mm) in (mm) lb (g) n male straight plug tc-195-nm 3190-1555 <1.25:1 (2.5) knurl solder crimp s/g 1.5 (38.1) 0.75 (19.1) 0.073 (33.1) n male right angle tc-195-nmh-ra-d 3190-2425 <1.35:1 (6) hex/knurl solder crimp a/g 1.3 (32.1) 1.19 (30.1) 0.083 (37.5) sma male straight plug tc-195-sm 3190-1553 <1.25:1 (2.5) hex solder crimp ss/g 1.0 (25.4) 0.32 (8.1) 0.015 (6.8) tnc male straight plug tc-195-tm 3190-1554 <1.25:1 (2.5) knurl solder crimp s/g 1.4 (35.6) 0.59 (15.0) 0.045 (20.4) * finish metals: n=nickel, s=silver, g=gold, ss=stainless steel, a=alballoy **vswr spec based on 3 foot cable with a connector pair


▲Up To Search▲   

 
Price & Availability of LMR-195

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X