Part Number Hot Search : 
IXDS430 BFG424F IDT713 T3004 SOT23 DG412DYZ FFM101 SOT23
Product Description
Full Text Search
 

To Download GHR1609 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88618 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 10-nov-09 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 photoflash rectifier ghr16 vishay general semiconductor features ? glass passivated chip junction ? fast switching for high efficiency ? low leakage current ? high forward surge capability ? solder dip 275 c max. 10 s, per jesd 22-b106 ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in high voltage rectification of photoflash application. mechanical data case: r-1 molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 class 1a whisker test polarity: color band denotes cathode end primary characteristics i f(av) 0.5 a v rrm 1600 v i fsm 20 a v f 1.5 v t rr 300 ns t j max. 175 c r-1 maximum ratings (t a = 25 c unless otherwise noted) parameter symbol value unit maximum repetitive pe ak reverse voltage v rrm 1600 v maximum rms voltage v rms 1120 v maximum dc blocking voltage v dc 1600 v maximum average forward rectified current 0.375" (9.5 mm) lead length at t a = 55 c l f(av) 0.5 a peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 20 a maximum full load reverse current, full cycle average, 0.375" (9.5 mm) lead length at t l = 55 c i r(av) 100 a operating junction and storage temperature range t j , t stg - 65 to + 175 c electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol value unit maximum instantaneous forward voltage drop 0.5 a v f 1.5 v maximum dc reverse current at rated dc blocking voltage t a = 25 c i r 5.0 a maximum reverse recovery time i f = 0.5 a, i r = 1.0 a, i rr = 0.25 a t rr 300 ns typical junction capa citance 4.0 v, 1 mhz c j 10 pf
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88618 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 10-nov-09 ghr16 vishay general semiconductor ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - maximum forwar d current derating curve fig. 2 - maximum non-repetitive peak forward surge current fig. 3 - typical instantaneous forward characteristics fig. 4 - typical junction capacitance ordering information (example) preferred p/n unit weight (g) preferred package code base quantity delivery mode ghr16-e3/54 0.2 54 5500 13" diameter paper tape and reel ghr16-e3/73 0.2 73 3000 ammo pack packaging ambient temperature (c) average forward rectified current (a) 0 0.75 1.00 25 50 75 100 125 150 175 0.50 0.25 re s i s tive or inductive load 0.375 " (9.5 mm) lead length s ingle pha s e half wave 60 hz 0 20 10 30 1 100 10 peak forward s urge current (a) number of cycle s at 60 hz 1.0 cycle t j = t j max. 8.3 m s s ingle half s ine-wave 0.4 0.6 0.8 1.0 1.2 1.4 1.6 in s tantaneou s forward voltage (v) 0.01 0.1 10 1 in s tantaneou s forward current (a) t j = 25 c pul s e width = 300 s 1 % duty cycle rever s e voltage (v) junction capacitance (pf) 1 0.1 10 100 100 10 1 t j = 25 c f = 1.0 mhz v s ig = 50 mv p-p
document number: 88618 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 10-nov-09 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 ghr16 vishay general semiconductor package outline dimensions in inches (millimeters) case s tyle r-1 0.025 (0.65) 0.021 (0.55) dia. 0.102 (2.6) 0.091 (2.3) dia. 0.787 (20.0) min. 0.787 (20.0) min. 0.126 (3.2) 0.106 (2.7)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of GHR1609

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X