Part Number Hot Search : 
76400003 LR3114 SI9750 TL432A SI3090C S3106 JT224505 AD795
Product Description
Full Text Search
 

To Download FR1607G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  - 414 - pin 1 pin 3 positive ct pin 2 case fr1601g thru FR1607G 16.0 amps. glass passivated fast recovery rectifiers voltage range 50 to 1000 volts current 16.0 amperes features low forward voltage drop high current capability high reliability high surge current capability mechanical data cases: to-220 molded plastic epoxy: ul 94v-0 rate flame retardant terminals: leads solderable per mil-std-202, method 208 guaranteed polarity: as marked high temperature soldering guaranteed: 260 /10 seconds .16?,(4.06mm) from case. mounting position: any weight: 2.24 grams to-220 dimensions in inches and (millimeters) maximum ratings and electrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% type number symbol fr 1601g fr 1602g fr 1603g fr 1604g fr 1605g fr 1606g fr 1607g units maximum recurrent peak reverse voltage v rrm 50 100 200 400 600 800 1000 v maximum rms voltage v rms 35 70 140 280 420 560 700 v maximum dc blocking voltage v dc 50 100 200 400 600 800 1000 v maximum avera g e forward rectified current see fig. 2 i (av) 16.0 a peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method ) i fsm 150 a maximum instantaneous forward voltage @ 8.0a v f 1.3 v maximum dc reverse current @ t c =25 at rated dc blocking voltage @ t c =125 i r 5.0 100 ua ua maximum reverse recovery time ( note 1) trr 150 250 500 ns typical thermal resistance (note 2) r jc 3.0 /w operating and storage temperature range t j ,t stg -65 to +150 notes: 1. reverse recovery test conditions: i f =0.5a, i r =1.0a, i rr =0.25a 2. thermal resistance from junction to case per leg mounted on heatsink size 2" x 3" x 0.25" al-plate
- 415 - fig.1- reverse recovery time characteristic and test circuit diagram 50  noninductive  non inductive oscilloscope (note 1) pulse generator (note 2) dut (+) 50vdc (approx) (-) notes: 1. rise time=7ns max. input impedance= 1 megohm 22pf 2. rise time=10ns max. sourse impedance= 50 ohms (-) (+) 10  noninductive -1.0a -0.25a 0 +0.5a trr 1cm set time base for 5/ 10ns/ cm ratings and characteristic curves (fr1601g thru FR1607G) fig.2- maximum forward current derating curve average for ward current . (a) 0 50 100 150 0 4.0 8.0 12.0 16.0 20.0 case temperature. ( c) o fig.4- maximum non-repetitive forward surge current per leg peak for ward surge current . (a) 1 2 5 10 20 100 50 50 200 250 300 150 100 number of cycles at 60hz 8.3ms single half sine wave jedec method fig.6- typical instantaneous forward characteristics per leg instantaneous for ward current . (a) .8 .9 1.0 1.1 1.2 1.3 1.4 1.5 .1 .2 .4 1.0 2 4 10 20 40 80 instantaneous forward voltage. (v) tj=25 c pulse width=300 s 1% duty cycle o fig.3- typical reverse characteristics per leg instantaneous reverse current .( a) 0 20 40 60 80 100 120 140 0.1 1.0 10 100 1000 percent of rated peak reverse voltage. (%) tj=25 c 0 tj=125 c 0 fig.5- typical junction capacitance per leg capacitance.(pf) 0.1 0.5 1.0 5 10 50 100 500 1000 50 100 150 200 250 300 reverse voltage. (v) tj=25 c f=1.0mhz vsig=50mvp-p 0


▲Up To Search▲   

 
Price & Availability of FR1607G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X