200v 3.0a ERC91-02 weight : 1.16 grams mounting position : any polarity : color band denotes cathode end lead : axial lead solderable per mil-std-202, epoxy : ul94v-o rate flame retardant case : do-201ad molded plastic mechanical data web site: www.taychipst.com 1 of 2 features e-mail: sales@taychipst.com maximum ratings and electrical characteristics * high current capability * high surge current capability * high reliability * low reverse current * low forward voltage drop * fast switching for high efficiency method 208 guaranteed ratin g at 25 c ambient tem p erature unless otherwise s p ecifi e . single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20%. symbol value unit maximum repetitive peak reverse voltage v rrm 200 v maximum dc blocking voltage v r(dc) 160 v maximum average forward current i f(av) 3.0 a maximum non-repetitive peak forward surge current ( sine wave, 10 ms ) maximum forward voltage at i f = 3.0 a v f 0.95 v maximum reverse current at v rrm i rrm 100 a maximum reverse recovery time ( note 1 ) trr 0.035 s junction temperature range t j - 40 to + 150 c storage temperature range t stg - 40 to + 150 c notes : ( 1 ) reverse recovery test conditions : i f = 100 ma, i r = 200 ma. rating i fsm 50 a fast recovery diode
ratings and characteristic curves ERC91-02 e-mail: sales@taychipst.com web site: www.taychipst.com 2 of 2 200v 3.0a ERC91-02 fast recovery diode fig.1 - reverse recovery time characteristic and test circuit diagram fig.2 - derating curve for output fig.3 - maximum non-repetitive peak rectified current forward surge current 0 25 50 75 100 125 150 175 1 2 4 6 10 20 40 60 100 ambient temperature, ( c) number of cycles fig.4 - typical forward characteristics fig.5 - typical reverse characteristics 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 ta = 25 c 4 3 2 1 5 100 100 10 40 0 50 0 30 20 10 10 80 0.1 1 1 100 140 0 20 40 60 120 percent of rated reverse voltage, (%) peak forward surge current, amperes average forward output current, amperes forward current, amperes reverse current, microamperes t j = 25 c t j = 100 c 20 s 200 s forward voltage, volts trr 0.1 i r i f i r 100 0.1 specimen 100 f resistive load
|