Part Number Hot Search : 
AD85561 CH168 VO1263AB D74LV2 SRC1201N NRF902 SLA5007 BD175
Product Description
Full Text Search
 

To Download EPSA120050UE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a division of cui inc date page series: description: 01/2011 1 of 4 switching power supply 6 w wall plug - euro blade 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com features ?universal ac input ?regulated output voltage ?short circuit, over load protection ?meets eisa / efficiency level v regulations ?custom designs available model output voltage output current output wattage ripple* efficiency level cord length nominal (v dc) min (a) max (a) max (w) max. (mvp-p) (mm) epsa050120ue 5 0 1.2 6 50 v 1500 +50/-30 EPSA120050UE 12 0 0.5 6 120 v 1500 +50/-30 part number key epsa050120ue - xx - ej - cxx dc plug type: see output plug options on page 4 factory designation base number example of 5 v dc, 1.2 a reserved for custom configurations *100 ~ 240 v ac input, measured at 20mhz bandwidth with a 10 f electrolytic cap and a 0.1 f ceramic cap on the output rohs
a division of cui inc date page series: description: 01/2011 2 of 4 switching power supply 6 w wall plug - euro blade 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com input parameter conditions/description min nom max units rated input voltage 100 240 v ac input voltage range 90 264 v ac rated frequency 50 60 hz frequency range 47 63 hz rated input current 0.18 a output parameter conditions/description min nom max units line regulation 5 % load regulation 5 % over voltage protection output shut down over current protection 200 % short circuit protection yes turn-on 2s hold-up 110 v ac, 50 hz, 80% max. load 10 ms safety & emi parameter conditions/description min nom max units hi-pot input to output at 10 ma for 2 seconds 3,000 v ac insulation resistance input to output at 500 v dc 10 m ? safety approvals tuv/gs, ce emi standard cispr22 (en55022) class b leakage current 0.25 ma rohs compliant yes environmental parameter conditions/description min nom max units operating temperature 040c operating humidity 10 95 % storage temperature -25 85 c storage humidity 10 95 % reliability parameter conditions/description min nom max units mtbf at full load, 25 c, telcordia sr-332, issue 2 300,000 hours burn-in 100% burn-in at 40c 5c, 80~100% of full load
a division of cui inc date page series: description: 01/2011 3 of 4 switching power supply 6 w wall plug - euro blade 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com mechanical drawing cable length: refer to page 1 epsa120050 24 awg epsa050120 cable gauge 22 awg
a division of cui inc date page series: description: 01/2011 4 of 4 switching power supply 6 w wall plug - euro blade 20050 sw 112 th ave. tualatin, oregon 97062 phone 503 . 612 . 2300 fax 503 . 612 . 2382 www.v-in nity.com output plug options *contact cui for additional output plug options. 3.5 mm phono plug standard dc plug locking dc plug eiaj plugs stripped and tinned st stripped and tinned pxx x x n = center negative plug polarity: ?blank? = n/a p = center positive plug angle: ?blank? = standard r = right angle plug type dc plug type ?d ??3??a?? ??3??a?? ??3d? ??3d? 9.5 9.5 9.5 9.5 9.5 1.7 1.7 0.7 eiaj-3 eiaj-2 eiaj-1 eiaj 4.75 4.0 2.35 p14/p14r p13/p13r c unit b a p12/p12r mm mm mm 2.5 2.1 5.5 5.5 p11 c unit b a p10 mm mm 9.5 9.5 9.5 9.5 9.5 1.05 1.35 1.3 2.5 2.1 3.8 3.8 3.5 5.5 5.5 p9/p9r p8/p8r p7/p7r p6/p6r c unit b a p5/p5r mm mm mm mm mm ? ? ? ? ? ? ? ? ? ? ? ? ? ? ? p1r p1 right angle pxr standard px right angle pxxr standard pxx


▲Up To Search▲   

 
Price & Availability of EPSA120050UE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X