Part Number Hot Search : 
MKP1837 16386 BAS40W MK1432S 68HC11 F1750 FGD4536 N4002
Product Description
Full Text Search
 

To Download DDTA114GE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30320 rev. 3 - 2 1 of 3 ddta (r2-only series) e www.diodes.com  diodes incorporated ddta (r2-only series) e pnp pre-biased small signal sot-523 surface mount transistor  epitaxial planar die construction  complementary npn types available (ddtc)  built-in biasing resistor, r2 only  also available in lead free version features maximum ratings @ t a = 25  c unless otherwise specified a m j l d b c h k g top view c e b n mechanical data  case: sot-523, molded plastic  case material - ul flammability rating 94v-0  moisture sensitivity: level 1 per j-std-020a  terminals: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 3, on page 2  terminal connections: see diagram  marking: date code and marking code (see diagrams & page 2)  weight: 0.002 grams (approx.)  ordering information (see page 2) t c u d o r p w e n b r 2 schematic diagram e c p/n r2 (nom) marking DDTA114GE ddta124ge ddta144ge ddta115ge 10k  22k  47k  100k  p26 p27 p28 p29 characteristic symbol value unit collector-base voltage v cbo -50 v collector-emitter voltage v ceo -50 v emitter-base voltage v ebo -5 v collector current i c (max) -100 ma power dissipation p d 150 mw thermal resistance, junction to ambient air (note 1) r  ja 833  c/w operating and storage and temperature range t j ,t stg -55 to +150  c sot-523 dim min max typ a 0.15 0.30 0.22 b 0.75 0.85 0.80 c 1.45 1.75 1.60 d  0.50 g 0.90 1.10 1.00 h 1.50 1.70 1.60 j 0.00 0.10 0.05 k 0.60 0.80 0.75 l 0.10 0.30 0.22 m 0.10 0.20 0.12 n 0.45 0.65 0.50  0  8  all dimensions in mm note: 1. mounted on fr4 pc board with recommended pad layout at http://www.diodes.com/datasheets/ap02001.pdf.
ds30320 rev. 3 - 2 2 of 3 ddta (r2-only series) e www.diodes.com characteristic symbol min typ max unit test condition collector-base breakdown voltage bv cbo -50  v i c = -50  a collector-emitter breakdown voltage bv ceo -50  v i c = -1ma emitter-base breakdown voltage bv ebo 5   v i e = -720  a, DDTA114GE i e = -330  a, ddta124ge i e = -160  a, ddta144ge i e = -72  a, ddta115ge collector cutoff current i cbo  -0.5  a v cb = -50v emitter cutoff current DDTA114GE ddta124ge ddta144ge ddta115ge i ebo -300 -140 -65 -30  -580 -260 -130 -58  a v eb = -4v collector-emitter saturation voltage v ce(sat)  -0.3 v i c = -10ma, i b = -0.5ma dc current transfer ratio DDTA114GE ddta124ge ddta144ge ddta115ge h fe 30 56 68 82  i c = -5ma, v ce = -5v bleeder resistor (r 2 ) tolerance d r 2 -30  +30 %  gain-bandwidth product* f t  250  mhz v ce = -10v, i e = 5ma, f = 100mhz electrical characteristics @ t a = 25  c unless otherwise specified t c u d o r p w e n * transistor - for reference only xxx = product type marking code (see page 1, e.g. p26 = DDTA114GE) ym = date code marking y = year ex: n = 2002 m = month ex: 9 = september xxxym marking information notes: 2. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 3. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: ddta115ge-7-f. device packaging shipping DDTA114GE-7 sot-523 3000/tape & reel ddta124ge-7 sot-523 3000/tape & reel ddta144ge-7 sot-523 3000/tape & reel ddta115ge-7 sot-523 3000/tape & reel ordering information (note 2) month jan feb march apr may jun jul aug sep oct nov dec code 12345 67 89 o nd year 2002 2003 2004 2005 2006 2007 2008 2009 code nprst uvw date code key
ds30320 rev. 3 - 2 3 of 3 ddta (r2-only series) e t c u d o r p w e n 0.1 1 10 0 100 200 500 600 700 i , collector current (ma) c fi g . 6 input volta g e vs. collector current v = 0.2 o v , input voltage (v) in -25c 25c 75 c 300 400 0.001 0.01 1 100 1000 01 2 3 4 89 10 i , collector current (ma) c v , input voltage (v) in fi g . 5 collector current vs. input volta g e -25c 5 67 25c 10 0.1 75 c v = 5v o 0 2 4 6 10 0 20 30 c , c apa c itan c e ( pf ) ob v , reverse bias voltage (v) r fig. 4 output capacitance 12 10 5 15 25 i=0v e 8 10 1000 100 1 10 100 hfe, dc current gain (normalized) i , collector current (ma) c fi g . 3 dc current gain v = 10 ce 75 c -25 c 25 c 0.001 0.01 0.1 1 0 10 20 30 40 50 v , maximum collector voltage (v) ce(sat) i , collector current (ma) c fig. 2 v vs. i ce ( sat ) c i/i =10 cb -25 c 75 c 25 c 0 50 100 0 50 100 150 p , power dissipation (mw) d t , ambient temperature (c) a fi g . 1, deratin g curve 150 200 2 5 0 -50 typical curves - DDTA114GE


▲Up To Search▲   

 
Price & Availability of DDTA114GE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X