Part Number Hot Search : 
TIP145 00145 T1800C 09ADL MJ3042 T1800C YSS241F TRISGPA
Product Description
Full Text Search
 

To Download D3KB4A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical specifications of single-phase glass passivated bridge rectifier maximum average forward rectified output current @tc=100 oc (with heatsink) features maximum ratings and electrical characteristics ratings at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. maximum recurrent peak reverse voltage maximum rms bridge input voltage maximum dc blocking voltage peak forward surge current 8.3 ms single half sine-wave superimposed on rated load (jedec method) symbol v rrm v dc if (av) i fsm v rms volts volts amps 4.0 120 amps units volts maximum dc reverse current at rated dc blocking voltage per element v f i r 1.1 500 maximum forward voltage drop per element at 2.0a dc volts @t j = 25 o c @t j = 125 o c 10 mamps i2t rating for fusing (t<8.3ms) i2t 60 a2sec typical thermal resistance without heatsink rqja 55 0c/w typical thermal resistance with heatsink rqjc 1.5 0c/w typical thermal resistance without heatsink rqjl 15 0c/w rectifier specialists r dc components co., ltd. mechanical data operating temperature range tj -55 to +150 c 0 storage temperature range tstg -55 to +150 0 c * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * terminals: mil-std-202e, method 208 guaranteed * polarity: symbols molded or marked on body * mounting position: any * glass passivated junction* high case dielectronic strength * high surge current capability ideal for printed circuit board d3k dimensions in inches and (millimeters) d3kb d3kb d3kb d3kb d3kb d3kb d3kb 4a 4b 4d 4g 4j 4k 4m 50 100 200 400 600 800 1000 35 70 140 280 420 560 700 50 100 200 400 600 800 1000 .555(14.1) .531(13.5) .437(11.1) .413(10.5) .484(12.3) .461(11.7) .047 (1.2) .043(1.1) .059(1.5) .043(1.1) .049(1.25) .041(1.05) .034(0.86).026(0.66) .287(7.3) .264(6.7) .484(12.3) .461(11.7) .162(4.11) .138(3.51) spacing .134(3.4) .122(3.1) .110(2.8) .094(2.4) .130(3.3) .114(2.9) .024(0.6).016(0.4) .094(2.4) .071(1.8) .024 (0.6) .055(1.4) .039(1.0) voltage range - 50 to 1000 volts cu rrent - 4.0 amperes D3KB4A thru d3kb4m * weight: 1.35 gram
r dc components co., ltd. rating and characteristic curves (D3KB4A thru d3kb4m) single phase half wave 60hz inductive orresistive load case temperature, ( oc) 0 50 100 150 fig. 2 - typical forward current derating curve 2 1 average forward output current, (a) fig. 1 - maximum non-repetitive forward surge current peak forward surge current, (a) number of cycles at 60hz 1 2 5 10 20 50 100 0 100 80 60 40 20 8.3ms single half sine-wave (jedec mathod) 120 instantaneous forward voltage, (v) 0 .2 .4 .6 .8 1.4 fig. 3 - typical instantaneous forward characteristics 10 1.0 1 .1 instantaneous forward current, (a) percent of rated peak reverse voltage, (%) 0 20 40 60 80 100 120 140 fig. 4 - typical reverse characteristics 100 10 1 .01 instantaneous reverse current, ( ma) tj=25oc tj=125oc 3 4 5 1.0 1.2 0 20 pulse width=300ms 1% duty cycle tc=25oc


▲Up To Search▲   

 
Price & Availability of D3KB4A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X