Part Number Hot Search : 
DDZ10CS 8HC71 HLP5050 D2W101 WM8599 CXA1846N UC2842AM ACTS541K
Product Description
Full Text Search
 

To Download BP5067-12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  100vac input/15vdc (170ma) output non-isolated ac/dc converter bp5037b15 data sheet absolute maximum ratings input voltage output current esd endurance operating temperature range storage temperature range maximum surface temperature parameter symbol limits unit vi iomax vsurge topr tstg tcmax 170 200 2 ?25 to +80 ?25 to +105 105 v mapk kv c c c unit ?2 ?1 conditions v v ma v v vp-p % dc(80 to 120vac) vi=141v, io=100ma vi=141v vi=113 to 170v, io=100ma vi=141v, io=0 to 100ma vi=141v, io=100ma vi=141v, io=170ma ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. ? 2 spike noise is not included in output ripple voltage. electrical characteristics input voltage range output voltage output current line regulation load regulation output ripple voltage power conversion efficiency parameter symbol typ. max. min. vi vo io vr vl vp 141 15.0 ? 0.05 0.07 0.05 78 170 16.1 170 0.15 0.20 0.15 ? 113 13.9 0 ? ? ? 70 conversion efficiency conversion efficiency 100 90 80 70 60 50 40 30 20 10 0 20 400 120 140 180 100 8060 160 200 (ta=25 c , vi= 141 v) output current io(ma) conversion efficiency (%) derating curve derating curve operation range 200 160 120 80 40 0 0 10 -30 -20 -10 20 4030 80706050 90 ambient temperature ta( c ) output current io(ma) dimensions (unit : mm ) switching frequency switching frequency 70 60 50 40 30 20 10 0 20 400 120 140 100 8060 160 180 output current io(ma) switching frequency fsw (khz) external component specifications fuse: fuse use a quick-acting fuse of 1a above 200v, 22 to 100 f ripple current 0.13arms or above. above 200v, 0.1 to 0.22 f use a film or ceramic capacitor. evaluate under actual conditions. c1: input capacitor c2: noise reduction capacitor above 25v, 100 to 470 f low impedance esr : 0.25 ? max. ripple current 0.4arms or above. capacitor impedance affects the output ripple voltage. c3: output capacitor inductance : 1mh rating current : 420ma above choose components that do not easily get magnetically saturated at high temperature. d1: rectifier diode 10 to 22? 1/4w the optimum value can be determined through actual testing. r1: noise reduction resistor use a varistor to protect against lightning surges and static electricity. znr: varistor please verify operation and characteristics in the customer's circuit before actual usage. ensure that the load current does not exceed the maximum rating. 16.8max. mark side 41.0 28.2max. 9.0max. 5.05max. 3.95max. (2.54? 9)=22.86 typ. 1 3 5 7 10 0.50.1 5.08 1.30.2 7.62 0.250.05 3.3max application circuit pin no. 1 2 3 4 5 6 7 8 9 10 function output terminal vo(15v) not used chalk coil connect not used chalk coil connect not used common not used not used input terminal vi(141vdc) bp5037b15 please note that pin no.10 side is input. be sure to use fuse for safety. 330f/25v +15v 0.1f c2 fuse 1a 1 10 7 5 3 + ? + ? 22f/200v c1 znr 220v r1 10?1/4w 1sr35?400 d1 c3 output l1 use a rectifying diode with a peak reverse voltage of 400v or higher, an average rectification current of 0.5a or larger and a peak surge current of 20a or larger. full-wave rectification can be used. l1: power inductor temperature rising ?t(c) surface temperature increase surface temperature increase 30 25 20 15 10 5 0 100 50 0 200 150 (ta=25 c, vi=141v) output current io(ma) load regulation load regulation 18 16 14 12 10 8 6 4 2 0 200 100 60 8040 120 200180160 220 (ta=25 c , vi=141v) output current io(ma) output voltage vo(v) 1mh 100vac input/12vdc (350ma) output non-isolated ac/dc converter BP5067-12 data sheet absolute maximum ratings surface temperature increase surface temperature increase 40 35 30 25 20 15 10 5 0 500 350 250 300 200150100 (ta=25 c , vi=141v) output current io(ma) temperature rising ?t( c ) dimensions (unit : mm) application circuit external component specifications fuse: fuse use a quick-acting fuse of (1a) above 200v, 33 to 220 f ripple current 0.13arms or above. c1: input capacitor above 25v, 100 to 470 f, low impedance esr : 0.4 ? max. ripple current 0.25arms or above capacitor impedance affects the output ripple voltage. c2: output capacitor above 200v, 0.1 to 0.22 f use a film or ceramic capacitor. evaluate under actual conditions. c3: noise reduction capacitor inductance : 1mh, rating current : above 750ma select a components that does not become magnetically saturated at high tempertures. l1: power inductor use a rectifying diode with a peak reverse voltage of 400v or higher, an average rectification current of 0.5a or larger and a peak surge current of 20a or larger. when using a large capacitance input capacitor, select a component strong against inrush current during power up. full-wave rectification can be used. d1: rectifier diode 10 to 22?, 1/4w the ideal value can be determined through actual testing. r1: noise reduction resistor a varistor must be used to protect against lightning surges and static electricity. znr: varistor pin no. 1 2 3 4 5 6 7 8 9 10 11 12 function output terminal vo(12v) skip choke coil connect skip choke coil connect skip common skip skip n.c. skip input terminal vi(141vdc) please verify operation and characteristics in the customer's circuit before actual usage. ensure that the load current does not exceed the maximum rating. BP5067-12 be sure to use fuse for safety. dc motor vo c2 fuse 12 10 7 5 3 1 + ? c1 znr 220v r1 d1 100v 50/60hz c3 l1 1mh 22.0max. 4 1.0 34.5max. 2.54 ? 11=27.94 1 3 5 7 10 12 0.5 0.1 5.08 1.3 0.2 7.62 3.3max + ? io mark side 9.9max. 5.05max. 4.85max. 0.25 0.05 unit conditions v v ma v v vp-p % dc(80 to 135vac) vi=141v, io=350ma vi=141v vi=113 to 190v, io=350ma vi=141v, io=0 to 350ma vi=141v, io=350ma vi=141v, io=350ma electrical characteristics input voltage output voltage output current line regulation load regulation output ripple voltage power conversion efficiency parameter symbol typ. max. min. vi vo io vr vl vp 141 12.0 ? 0.05 0.05 0.07 80 190 13.0 350 0.30 0.30 0.15 ? 113 11.0 0 ?0.30 ?0.30 ? 70 ?2 ?1 ? 1 maximum output current varies depending on ambient temperature ; please refer to derating curve. ? 2 please refer to load regulation, conversion efficiency. derating curve derating curve ambient temperature ta( c ) output current io(ma) operation range 400 350 300 250 200 150 100 50 0 0 10 -20 -10-30 20 4030 80706050 90 conversion efficiency conversion efficiency (ta=25 c , vi=141v) output current io(ma) conversion efficiency (%) 100 90 80 70 60 50 40 30 20 10 0 0 200 10050 300 350 150 250 load regulation load regulation 14 20 2 4 6 8 10 12 0 100 200 300 400 50 150 250 350 500450 550 (ta=25 c , vi=141v) output current io(ma) output voltage vo(v) input voltage maximum output current esd endurance operating temperature range storage temperature range parameter symbol limits unit vi io max vsurge topr tstg 190 350 2 ?20 to +80 ?25 to +105 v mapk kv c c 1/1 2010.01 - rev.a www.rohm.com ?2010 rohm co., ltd. all rights reserved.


r1010 a www.rohm.com ? 2010 rohm co., ltd. all rights reserved. notice rohm customer support system http://www.rohm.com/contact/ thank you for your accessing to rohm product informations. more detail product informations and catalogs are available, please contact us. notes no copying or reproduction of this document, in part or in whole, is permitted without the consent of rohm co.,ltd. the content specified herein is subject to change for improvement without notice. the content specified herein is for the purpose of introducing rohm's products (hereinafter "products"). if you wish to use any such product, please be sure to refer to the specifications, which can be obtained from rohm upon request. examples of application circuits, circuit constants and any other information contained herein illustrate the standard usage and operations of the products. the peripheral conditions must be taken into account when designing circuits for mass production. great care was taken in ensuring the accuracy of the information specified in this document. however, should you incur any damage arising from any inaccuracy or misprint of such information, rohm shall bear no responsibility for such damage. the technical information specified herein is intended only to show the typical functions of and examples of application circuits for the products. rohm does not grant you, explicitly or implicitly, any license to use or exercise intellectual property or other rights held by rohm and other parties. rohm shall bear no responsibility whatsoever for any dispute arising from the use of such technical information. the products specified in this document are intended to be used with general-use electronic equipment or devices (such as audio visual equipment, office-automation equipment, commu- nication devices, electronic appliances and amusement devices). the products specified in this document are not designed to be radiation tolerant. while rohm always makes efforts to enhance the quality and reliability of its products, a product may fail or malfunction for a variety of reasons. please be sure to implement in your equipment using the products safety measures to guard against the possibility of physical injury, fire or any other damage caused in the event of the failure of any product, such as derating, redunda ncy, fire control and fail-safe designs. rohm shall bear no responsibility whatsoever for your use of any product outside of the prescribed scope or not in accordance with the instruction manual. the products are not designed or manufactured to be used with any equipment, device or system which requires an extremely high level of reliability the failure or malfunction of which may result in a direct threat to human life or create a risk of human injury (such as a medical instrument, transportation equipment, aerospac e machinery, nuclear-reactor controller, fuel- controller or other safety device). rohm shall bear no responsibility in any way for use of any of the products for the above special purposes. if a product is intended to be used for any such special purpose, please contact a rohm sales representative before purchasing. if you intend to export or ship overseas any product or technology specified herein that may be controlled under the foreign exchange and the foreign trade law, you will be required to obtain a license or permit under the law.


▲Up To Search▲   

 
Price & Availability of BP5067-12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X