Part Number Hot Search : 
15DD0T N7785B SCI7660 74VHC14T 16BCSE 101M35 ANSR2N7 PBYL2020
Product Description
Full Text Search
 

To Download BMS300412 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bms3004 no. a1908-1/5 1 3 2 ms3004 lot no. 1 : gate 2 : drain 3 : source sanyo : to-220f-3sg 10.16 0.8 15.87 12.98 3.3 6.68 3.23 1.47 max 15.8 4.7 2.54 2.76 123 0.5 2.54 2.54 3.18 ( 1.0) (0.84) detail-a a emc frame features ? on-resistance r ds (on)1=6.5m (typ.) ? input capacitance ciss=13400pf (typ.) ? 4v drive speci cations absolute maximum ratings at ta=25c parameter symbol conditions ratings unit drain-to-source voltage v dss --75 v gate-to-source voltage v gss 20 v drain current (dc) i d --68 a drain current (pulse) i dp pw 10 s, duty cycle 1% --272 a allowable power dissipation p d 2.0 w tc=25 c40w channel temperature tch 150 c storage temperature tstg --55 to +150 c avalanche energy (single pulse) *1 e as 380 mj avalanche current *2 i av --54 a note : * 1 v dd =--48v, l=100 h, i av =--54a (fig.1) * 2 l 100 h, single pulse package dimensions unit : mm (typ) 7529-001 41112qa tkim tc-00002740/10511qa tkim tc-00002547 sanyo semiconductors data sheet bms3004 p-channel silicon mosfet general-purpose switching device applications http:// semicon.sanyo.com/en/network ordering number : ena1908a product & package information ? package : to-220f-3sg ? jeita, jedec : sc-67 ? minimum packing quantity : 50 pcs./magazine marking electrical connection
bms3004 no. a1908-2/5 electrical characteristics at ta=25c parameter symbol conditions ratings unit min typ max drain-to-source breakdown voltage v (br)dss i d = -- 1ma, v gs =0v --75 v zero-gate voltage drain current i dss v ds = --75 v, v gs =0v --10 a gate-to-source leakage current i gss v gs =16v, v ds =0v 10 a cutoff voltage v gs (off) v ds = -- 10v, i d = -- 1ma --1.2 --2.6 v forward transfer admittance | yfs | v ds = -- 10v, i d = --34 a 120 s static drain-to-source on-state resistance r ds (on)1 i d = --34 a, v gs = -- 10v 6.5 8.5 m r ds (on)2 i d = --34 a, v gs = -- 4v 8.3 11.4 m input capacitance ciss v ds =--20v, f=1mhz 13400 pf output capacitance coss 1000 pf reverse transfer capacitance crss 740 pf turn-on delay time t d (on) see fig.2 70 ns rise time t r 245 ns turn-off delay time t d (off) 1400 ns fall time t f 650 ns total gate charge qg v ds =--48v, v gs =--10v, i d =--68a 300 nc gate-to-source charge qgs 30 nc gate-to-drain ?miller? charge qgd 70 nc diode forward voltage v sd i s =--68a, v gs =0v --0.9 --1.5 v reverse recovery time t rr see fig.3 i s =--68a, v gs =0v, di/dt=--100a/ s 146 ns reverse recovery charge q rr 470 nc fig.1 avalanche resistance test circuit fig.2 switching time test circuit fig.3 reverse recovery time test circuit 50 0v --10v 50 rg v dd l bms3004 g s d pw=10 s d.c. 1% p. g 50 g s d i d = --34a r l =1.4 v dd = --48v v out v in 0v --10v v in bms3004 v dd bms3004 l driver mosfet g s d
bms3004 no. a1908-3/5 drain-to-source voltage, v ds -- v drain current, i d -- a gate-to-source voltage, v gs -- v drain current, i d -- a static drain-to-source on-state resistance, r ds (on) -- m case temperature, tc -- c static drain-to-source on-state resistance, r ds (on) -- m drain current, i d -- a diode forward voltage, v sd -- v source current, i s -- a gate-to-source voltage, v gs -- v i d -- v ds i d -- v gs r ds (on) -- tc r ds (on) -- v gs i s -- v sd | y fs | -- i d forward transfer admittance, | y fs | -- s drain current, i d -- a switching time, sw time -- ns sw time -- i d drain-to-source voltage, v ds -- v ciss, coss, crss -- pf ciss, coss, crss -- v ds it16255 it16252 --50 --25 150 0 --30 --10 --15 --20 --25 -- 5 100 1000 3 2 it16259 it16257 it16256 --0.1 --1.0 23 57 3 100 1000 --1.4 --1.2 --1.0 --0.8 --0.4 --0.2 --0.6 0 --0.01 --0.1 5 7 3 2 5 7 3 2 5 7 3 2 5 7 3 2 5 7 3 2 --1.0 --10 --100 --1000 7 5 7 5 3 2 3 10 1.0 7 5 2 2 10000 100000 2 2 --10 357 --100 57 23 --0.1 --1.0 23 57 2 --10 357 --100 57 23 0 25 50 75 100 125 3 5 7 3 2 5 7 5 7 75 c 25 c tc= --25 c --25 c tc=75 c i d = --34a single pulse single pulse t c=75 c 25 c --25 c tc= --25 c 25 c 75 c v ds = --10v tc=75 c 25 c --25 c ciss crss it16258 10 100 3 2 3 2 5 5 7 1000 10000 2 3 5 7 7 t d (off) v dd = --48v v gs = --10v t r --0.2 --0.6 --0.4 --0.8 --1.0 --1.2 --1.4 0 0 --20 --40 --140 --120 --100 --80 --60 0 --20 --40 --140 --120 --100 --80 --60 0 it16254 -- 3 0 --1 --2 --4 --5 --6 --7 --10 -- 8 -- 9 0 2 20 18 16 14 12 8 10 4 6 4 2 0 8 6 20 16 18 14 12 10 it16253 --0.5 --1.5 --2.0 --1.0 --2.5 --4.0 --4.5 --5.0 --3.5 --3.0 0 tc=25 c --4v v gs = --3v --10v v ds = --10v t f 25 c v gs = - -4v, i d = --34a v gs = --10v, i d = --34a --8v coss t d (on) --6v f=1mhz v gs =0v single pulse
bms3004 no. a1908-4/5 total gate charge, qg -- nc gate-to-source voltage, v gs -- v v gs -- qg e as -- ta avalanche energy derating factor -- % ambient temperature, ta -- c p d -- ta allowable power dissipation, p d -- w p d -- tc a s o drain-to-source voltage, v ds -- v drain current, i d -- a ambient temperature, ta -- c case temperature, tc -- c allowable power dissipation, p d -- w it16250 0 0 20 40 60 80 100 120 140 100 80 60 20 40 120 160 it16251 0 0 20 40 60 80 100 140 120 30 35 40 25 15 10 20 5 45 160 it16249 0 0 20 40 60 80 100 140 120 2.5 2.0 1.0 0.5 1.5 160 it16261 0 50 200 150 250 100 300 0 -- 2 -- 4 -- 6 -- 1 -- 3 -- 5 -- 8 -- 7 -- 9 --10 --0.1 --1.0 2 3 5 7 2 3 5 7 2 7 3 5 2 3 5 7 --10 --0.1 i dp = --272a (pw 10 s) i d = --68a 100 s 1ms 10ms 100ms dc operation operation in this area is limited by r ds (on). --1.0 23 57 2 --10 --100 357 2357 10 s --100 --1000 it16260 v ds = --48v i d = --68a tc=25 c single pulse
bms3004 ps no. a1908-5/5 this catalog provides information as of april, 2012. speci cations and information herein are subject to change without notice. note on usage : since the bms3004 is a mosfet product, please avoid using this device in the vicinity of highly charged objects. any and all sanyo semiconductor co.,ltd. products described or contained herein are, with regard to "standard application", intended for the use as general electronics equipment. the products mentioned herein shall not be intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee thereof. if you should intend to use our products for new introduction or other application different from current conditions on the usage of automotive device, communication device, office equipment, industrial equipment etc. , please consult with us about usage condition (temperature, operation time etc.) prior to the intended use. if there is no consultation or inquiry before the intended use, our customer shall be solely responsible for the use. specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein stipulate the performance, characteristics, and functions of the described products in the independent state, and are not guarantees of the performance, characteristics, and functions of the described products as mounted in the customer ' s products or equipment. to verify symptoms and states that cannot be evaluated in an independent device, the customer should always evaluate and test devices mounted in the customer ' s products or equipment. sanyo semiconductor co.,ltd. assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all sanyo semiconductor co.,ltd. products described or contained herein. sanyo semiconductor co.,ltd. strives to supply high-quality high-reliability products, however, any and all semiconductor products fail or malfunction with some probability. it is possible that these probabilistic failures or malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise to smoke or fire, or accidents that could cause damage to other property. when designing equipment, adopt safety measures so that these kinds of accidents or events cannot occur. such measures include but are not limited to protective circuits and error prevention circuits for safe design, redundant design, and structural design. in the event that any or all sanyo semiconductor co.,ltd. products described or contained herein are controlled under any of applicable local export control laws and regulations, such products may require the export license from the authorities concerned in accordance with the above law. no part of this publication may be reproduced or transmitted in any form or by any means, electronic or mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise, without the prior written consent of sanyo semiconductor co.,ltd. any and all information described or contained herein are subject to change without notice due to product/technology improvement, etc. when designing equipment, refer to the "delivery specification" for the sanyo semiconductor co.,ltd. product that you intend to use. upon using the technical information or products described herein, neither warranty nor license shall be granted with regard to intellectual property rights or any other rights of sanyo semiconductor co.,ltd. or any third party. sanyo semiconductor co.,ltd. shall not be liable for any claim or suits with regard to a third party's intellectual property rights which has resulted from the use of the technical information and products mentioned above.


▲Up To Search▲   

 
Price & Availability of BMS300412

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X