Part Number Hot Search : 
20M22X MA80620H VF040 2SC3451N IN1232 SM3P2 IRG4P F7476
Product Description
Full Text Search
 

To Download B1586 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  bay linear, inc 2478 armstrong street, livermore, ca 94550 tel: (925) 989-7144, fax: (925) 940- 9556 www.baylinear.com 1.5a low dropout voltage regulator B1586 adjustable & fix output pin connection ordering information devices package temp. B1586t to-220 0 c to 70 c B1586s to-263 0 c to 70 c B1586d to-252 0 c to 70 c description the bay linear B1586 is monolithic low power 1.5a adjustable and fixed npn voltage regulator that are easy to use with minimum external components. it is suitable for applications requiring a well-regulated positive output voltage with low input-output differential voltage requirements and output voltage 1.5v, 2.5v, 3.0v, 3.3v, or 5v. the B1586 outstanding features include full power usage up to 1.5amp of load current internal current limiting and thermal shutdown. other fixed versions are also available consult with factory. the B1586 is offered in 3-pin to-220 & to-263 packages compatible with other 3 terminal regulators. for 5a low dropout regulator refer to the b1585 data sheet. features ? adjustable output down to 1.2v ? fixed output voltages 2.5v, 3.0v 3.3v, and 5.0v ? output current of 1.5a ? low dropout voltage 1.1v typ. ? current & thermal limiting ? standard 3-terminal low cost to-220, d 2 , d packages ? similar to industry standard lt1086 applications ? 3.3v to 2.5v for pentium processor ? smps post regulator ? high efficiency ?green? computer systems ? high efficiency linear power supplies ? 5v to 3.xxv fro pentium processor ? battery charger bay linear bay linear bay linear bay linear linear excellence top view to-263-3 (s) 1 bay linear 2 3 top view to-263-3 (s) 1 bay linear 2 3 top view to-263-3 (s) 1 bay linear 2 3 top view to-263-3 (s) 1 bay linear 2 3
bay linear, inc 2478 armstrong street, livermore, ca 94550 tel: (925) 989-7144, fax: (925) 940- 9556 www.baylinear.com B1586 absolute maximum rating parameter symbol value unit maximum input voltage v in 7 v power dissipation p o internally limited w thermal resistance junction to case jc 3 thermal resistance junction to ambient ja 50 c/w operating junction temperature range control section power transistor t j 0 to 125 0 to 150 storage temperature range t stg -65 to 150 lead temperature (soldering 10 sec.) t lead 260 c electrical characteristics (v in = 4.75v to 5.25v; i o = 10ma to 1.5amp, unless otherwise specified) parameter symbol conditions min typ max unit 1.485 1.515 0 bay linear, inc 2478 armstrong street, livermore, ca 94550 tel: (925) 989-7144, fax: (925) 940- 9556 www.baylinear.com advance information - these data sheets contain descriptions of products that are in development. the specifications are based on the engineering ca lculations, computer simulations and/ or initial prototype evaluation. preliminary information - these data sheets contain minimum and maximum specifications that are based on the initial device characterizations. these lim its are subject to change upon the completion of the full characterization over the specified temperature and supply voltage ranges. the application circuit examples are only to explain the representative applications of the devices and are not intended to gua rantee any circuit design or permit any industrial property right to other rights to execute. bay linear takes no responsibility for any problems related to any industrial property right resulting from the use of the contents shown in the data book. typical parameters can and do vary in different applications. customer?s technical experts must validate all operating parameters including ? typical? for each customer applic ation. life support and nuclear policy bay linear products are not authorized for and should not be used within life support systems which are intended for surgical implants into the body to support or sustain life, in aircraft, space equipment, submarine, or nuclear facility applications wi thout the specific written consent of bay linear president.


▲Up To Search▲   

 
Price & Availability of B1586

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X