www.adata-group.com features > easy to create wireless hotspot: 5p5p with support for 802.11 b/g/n wireless networking, the AV200 can act as a wireless router/ap (access point), conveniently connecting to the internet through an ethernet to create a wireless hotspot. the internet connection can be shared by up to 5 devices at the same time. > repeater function extends wireless signal: with the wireless repeater mode of the AV200, the wireless signal can be extended. so in addition to sharing data from an sd card or usb flash drive, loss of wireless signal to a remote device can be prevented. > supports power over built-in battery or usb port: a built-in rechargeable battery eliminates the need for an external power source, and is easily recharged with the supplied mini usb cable. dashdrive air AV200 overview w a rra n t y 1 year air dashdrive > data transfer between devices and sd card/ufd: the AV200 adopts ftp file server/http streaming protocol to provide simple data transfer and sharing, providing mobile devices (ios/ android/windows/os x) with wireless access to an sd card or usb flash drive. the dashdrive air application is designed for ipad, ipod touch and iphone users. it requires ios 5.0 or later versions, and can be easily downloaded for use with the AV200. supports up to 5 users reading files or up to 3 users watching streaming videos at the same time.
www.adata-group.com specifications > ports: mini-usb port for pc / usb charger mode rj45 (wan port) usb-af for ufd (max, 500ma) ? wireless mode memory card i/f for sd / mmc ? pc / wireless mode > built-in li-polymer rechargeable battery: 1100 mah (up to 3-hour of operation time) > dimensions (l x w x h): 60 x 50 x 25mm (2.3 x 1.9 x 0.9in) > weight: 55g (0.1 lb) > certifications: fcc / ce type dimensions(mm) pcs/carton cuft carton gross weight carton dimensions(mm) retail 55g 130 x 103 x 35 40 1.3 6.503kg 442 x 352 x 240 weight ordering information packaging information capacity model number color ean code na aAV200-cwh white 4713435795828 dashdrive air AV200 overview > wireless standard: ieee 802.11b/g/n standards compliant, transmission speed up to 150mbps > system compatibility: ios/android/windows/os x > power: 5v dc in > warranty: 1 year > temperature: operating 0oc~55oc; storage -20oc~55oc > box contents: AV200; quick guide; mini usb cable
|