Part Number Hot Search : 
FP9266 SL1014 MV5026A TC75S 09MUQ 2N431K 2N6786 SK541100
Product Description
Full Text Search
 

To Download AK68512D1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  description the accutek AK68512D1C high density memory module is a static random access memory organized in 512k x 8 bit words. the as - sembly consists of one medium speed 512k x 8 sram in a tsop type 2 package. the module is supplied in a 600 mil wide, 32 pin dip (dual in-line package) configuration. this pinout is completely compatible with industry standard monolithic designs. these mod - ules are intended for use in applications where limited board space dictates compact module designs. the operation of the AK68512D1C is identical to standard mono - lithic 8 bit word wide srams. the AK68512D1C offers the features of low power and medium speed by using cmos devices and makes high density mounting possible with no surface mount technology. features  524,28 8 x 8 bit organization  fast access time: 55 - 70 nsec  completely static ram, no clock or timing strobe required  inputs and outputs ttl compatible  conventional 600 mil wide sip package with industry compatible pinout  single 5 volt power supply - AK68512D1C  single 3.3 volt power supply - AK68512D1C/3.3  operating free air temperature 0 0 to 70 0 c electrical specifications timing diagrams and basic electrical characteristics are those of the standard 512k x 8 srams used to construct these modules. accutek?s module design allows the flexibility of selecting indus- try-compatible 512k x 8 srams from any of a number of semicon- ductor manufacturers. accutek microcircuit corporation AK68512D1C 524,28 8 x 8 bit cmos static random access memory pin nomenclature dq 1 -dq 8 data in/data out a 0 -a 18 adress inputs ce chip enable we write enable vcc 5v supply vss ground oe output enable timing options 55 nsec access time 70 nsec access time pin assignment functional diagram a a a a a a a a a a a a dq dq dq v 18 16 14 12 7 6 5 4 3 2 1 0 1 2 3 ss v a a we a a a a oe a ce dq dq dq dq dq cc 15 17 13 8 9 11 10 8 7 6 5 4 top view 1 32 pin soic a18 a16 a14 a12 a7 a6 a5 a4 a3 a2 a1 a0 dq1 dq2 dq3 vss vcc a15 a17 we a13 a8 a9 a11 oe a10 ce dq8 dq7 dq6 dq5 dq4 0.22uf capacitor
ordering information part number coding interpretation position 12345678 1 product ak = accutek memory 2 type 4 = dynamic ram 5 = cmos dynamic ram 6 = static ram 3 organization/word width 1 = by 1 16 = by 16 4 = by 4 32 = by 32 8 = by 8 36 = by 36 9 = by 9 4 size/bits depth 64 = 64k 4096 = 4 meg 256 = 256k 8192 = 8 meg 1024 = 1 meg 16384 = 16 meg 5 package type g = single in-line package (sip) s = single in-line module (sim) d = dual in-line package (dip) w = .050 inch pitch edge connect z = zig-zag in-line package (zip) 6 special designation p = page mode n = nibble mode k = static column mode w = write per bit mode v = video ram 7 separator - = commercial 0 0 cto+70 0 c m = military equivalent screened (-55 0 c to +125 0 c) i = industrial temperature tested (-45 0 cto+85 0 c) x = burned in 8 speed (first two significant digits) drams srams 50 = 50 ns 8 = 8 ns 60 = 60 ns 12 = 12 ns 70 = 70 ns 55 = 55 ns 80 = 80 ns 70 = 70 ns accutek microcircuit corporation business center at newburyport 2 new pasture road, suite #1 newburyport, ma 01950-4054 phone: 978-465-6200 fax: 978-462-3396 email: sales@accutekmicro.com internet: www.accutekmicro.com accutek reserves the right to make changes in specifications at any time and without notice. accutek does not assume any responsibility for the use of any circuitry described; no circuit patent licenses are im - plied. preliminary data sheets cont ain minimum and maximum limits based upon design objectives, which are subject to change upon full characterization over the specific operating conditions. mechanical dimensions inches the numbers and coding on this page do not include all variations avail - able but are show as examples of the most widely used variations. contact accutek if other information is required. examples: AK68512D1C-70 512k x 8, 70 nsec sram module, dip configuration 0.245" 0.900" 32 pin type 2 tsop 0.550" 0.600" 1.600" 0.700" 0.100" 0.125" 0.130"


▲Up To Search▲   

 
Price & Availability of AK68512D1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X