Part Number Hot Search : 
31818 C100KC ON2623 2500T 16F100M 3S111 16F100M GS1JE
Product Description
Full Text Search
 

To Download 74HC4316D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  d a t a sh eet product speci?cation file under integrated circuits, ic06 september 1993 integrated circuits 74hc/hct4316 quad bilateral switches for a complete data sheet, please also download: the ic06 74hc/hct/hcu/hcmos logic family specifications the ic06 74hc/hct/hcu/hcmos logic package information the ic06 74hc/hct/hcu/hcmos logic package outlines
september 1993 2 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 features low on resistance: 160 w (typ.) at v cc - v ee = 4.5 v 120 w (typ.) at v cc - v ee = 6.0 v 80 w (typ.) at v cc - v ee = 9.0 v logic level translation: to enable 5 v logic to communicate with 5 v analog signals typical break before make built in output capability: non-standard i cc category: msi general description the 74hc/hct4316 are high-speed si-gate cmos devices. they are specified in compliance with jedec standard no. 7a. the 74hc/hct4316 have four independent analog switches. each switch has two input/output terminals (ny, nz) and an active high select input (ns). when the enable input ( e) is high, all four analog switches are turned off. current through a switch will not cause additional v cc current provided the voltage at the terminals of the switch is maintained within the supply voltage range; v cc >> (v y , v z ) >> v ee . inputs ny and nz are electrically equivalent terminals. v cc and gnd are the supply voltage pins for the digital control inputs ( e and ns). the v cc to gnd ranges are 2.0 to 10.0 v for hc and 4.5 to 5.5 v for hct. the analog inputs/outputs (ny and nz) can swing between v cc as a positive limit and v ee as a negative limit. v cc - v ee may not exceed 10.0 v. see the 4016 for the version without logic level translation. quick reference data v ee = gnd = 0 v; t amb =25 c; t r =t f = 6 ns symbol parameter conditions typical unit hc hct t pzh turn on time c l = 15 pf; r l =1 k w ; v cc =5 v e to v os 19 19 ns ns to v os 16 17 ns t pzl turn on time e to v os 19 24 ns ns to v os 16 21 ns t phz / t plz turn off time e to v os 20 21 ns ns to v os 16 19 ns c i input capacitance 3.5 3.5 pf c pd power dissipation capacitance per switch notes 1 and 2 13 14 pf c s max. switch capacitance 5 5 pf notes 1. c pd is used to determine the dynamic power dissipation (p d in m w): p d =c pd v cc 2 f i +? {(c l + c s ) v cc 2 f o } where: f i = input frequency in mhz f o = output frequency in mhz ? {(c l + c s ) v cc 2 f o } = sum of outputs c l = output load capacitance in pf c s = max. switch capacitance in pf v cc = supply voltage in v 2. for hc the condition is v i = gnd to v cc for hct the condition is v i = gnd to v cc - 1.5 v
september 1993 3 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 ordering information see 74hc/hct/hcu/hcmos logic package information . pin description pin no. symbol name and function 1, 4, 10, 13 1z to 4z independent inputs/outputs 2, 3, 11, 12 1y to 4y independent inputs/outputs 7 e enable input (active low) 8 gnd ground (0 v) 9v ee negative supply voltage 15, 5, 6, 14 1s to 4s select inputs (active high) 16 v cc positive supply voltage fig.1 pin configuration. fig.2 logic symbol. fig.3 iec logic symbol. (b)
september 1993 4 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 function table note 1. h = high voltage level l = low voltage level x = dont care applications signal gating modulation demodulation chopper inputs switch ens l l l h off on h x off fig.4 functional diagram. fig.5 schematic diagram (one switch).
september 1993 5 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 ratings limiting values in accordance with the absolute maximum system (iec 134) voltages are referenced to v ee = gnd (ground = 0 v) note to ratings to avoid drawing v cc current out of terminal z, when switch current flows in terminals y n , the voltage drop across the bidirectional switch must not exceed 0.4 v. if the switch current flows into terminals z, no v cc current will flow out of terminal y n . in this case there is no limit for the voltage drop across the switch, but the voltages at y n and z may not exceed v cc or v ee . recommended operating conditions symbol parameter min. max. unit conditions v cc dc supply voltage - 0.5 + 11.0 v i ik dc digital input diode current 20 ma for v i <- 0.5 v or v i > v cc + 0.5 v i sk dc switch diode current 20 ma for v s <- 0.5 v or v s > v cc + 0.5 v i s dc switch current 25 ma for - 0.5 v < v s < v cc + 0.5 v i ee dc v ee current 20 ma i cc ; i gnd dc v cc or gnd current 50 ma t stg storage temperature range - 65 + 150 c p tot power dissipation per package for temperature range: - 40 to + 125 c 74hc/hct plastic dil 750 mw above + 70 c: derate linearly with 12 mw/k plastic mini-pack (so) 500 mw above + 70 c: derate linearly with 8 mw/k p s power dissipation per switch 100 mw symbol parameter 74hc 74hct unit conditions min. typ. max. min. typ. max. v cc dc supply voltage v cc - gnd 2.0 5.0 10.0 4.5 5.0 5.5 v see figs 6 and 7 v cc dc supply voltage v cc - v ee 2.0 5.0 10.0 2.0 5.0 10.0 v see figs 6 and 7 v i dc input voltage range gnd v cc gnd v cc v v s dc switch voltage range v ee v cc v ee v cc v t amb operating ambient temperature range - 40 + 85 - 40 + 85 c see dc and ac characteristics t amb operating ambient temperature range - 40 + 125 - 40 + 125 c t r , t f input rise and fall times 6.0 1000 500 400 250 6.0 500 ns v cc = 2.0 v v cc = 4.5 v v cc = 6.0 v v cc = 10.0 v
september 1993 6 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 fig.6 guaranteed operating area as a function of the supply voltages for 74hc4316. fig.7 guaranteed operating area as a function of the supply voltages for 74hct4316. dc characteristics for 74hc/hct for 74hc: v cc - gnd or v cc - v ee = 2.0, 4.5, 6.0 and 9.0 v for 74hct: v cc - gnd = 4.5 and 5.5 v; v cc - v ee = 2.0, 4.5, 6.0 and 9.0 v notes 1. at supply voltages (v cc - v ee ) approaching 2.0 v the analog switch on-resistance becomes extremely non-linear. therefore it is recommended that these devices are used to transmit digital signals only, when using these supply voltages. 2. for test circuit measuring r on see fig.8. symbol parameter t amb ( c) unit test conditions 74hc/hct v cc (v) v ee (v) i s ( m a) v is v i + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. r on on resistance (peak) - 160 120 85 - 320 240 170 - 400 300 215 - 480 360 255 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 100 1000 1000 1000 v cc to v ee v ih or v il r on on resistance (rail) 160 80 70 60 - 160 140 120 - 200 175 150 - 240 210 180 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 100 1000 1000 1000 v ee v ih or v il r on on resistance (rail) 170 90 80 65 - 180 160 135 - 225 200 170 - 270 240 205 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 100 1000 1000 1000 v cc v ih or v il d r on maximum d on resistance between any two channels - 16 9 6 w w w w 2.0 4.5 6.0 4.5 0 0 0 - 4.5 v cc to v ee v h or v il
september 1993 7 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 dc characteristics for 74hc voltages are referenced to gnd (ground = 0 v) symbol parameter t amb ( c) unit test conditions 74hc v cc (v) v ee (v) v i other + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. v ih high level input voltage 1.5 3.15 4.2 6.3 1.2 2.4 3.2 4.3 1.5 3.15 4.2 6.3 1.5 3.15 4.2 6.3 v 2.0 4.5 6.0 9.0 v il low level input voltage 0.8 2.1 2.8 4.3 0.5 1.35 1.8 2.7 0.5 1.35 1.8 2.7 0.5 1.35 1.8 2.7 v 2.0 4.5 6.0 9.0 i i i nput leakage current 0.1 0.2 1.0 2.0 1.0 2.0 m a 6.0 10.0 0 0 v cc or gnd i s analog switch off-state current 0.1 1.0 1.0 m a 10.0 0 v ih or v il v s ? = v cc - v ee (see fig.10) i s analog switch on-state current 0.1 1.0 1.0 m a 10.0 0 v ih or v il v s ? = v cc - v ee (see fig.11) i cc quiescent supply current 8.0 16.0 80.0 160.0 160.0 320.0 m a 6.0 10.0 0 0 v cc or gnd v is =v ee or v cc ; v os =v cc or v ee
september 1993 8 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 ac characteristics for 74hc gnd = 0 v; t r =t f = 6 ns; c l = 50 pf symbol parameter t amb ( c) unit test conditions 74hc v cc (v) v ee (v) other + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay v is to v os 17 6 5 4 60 12 10 8 75 15 13 10 90 18 15 12 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l = ; c l = 50 pf (see fig.18) t pzh / t pzl turn on time e to v os 61 22 18 19 205 41 35 37 255 51 43 47 310 62 53 56 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21) t pzh / t pzl turn on time ns to v os 52 19 15 17 175 35 30 34 220 44 37 43 265 53 45 51 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21) t phz / t plz turn off time e to v os 63 23 18 21 220 44 37 39 275 55 47 49 330 66 56 59 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21) t phz / t plz turn off time ns to v os 55 20 16 18 175 35 30 36 220 44 37 45 265 53 45 54 ns 2.0 4.5 6.0 4.5 0 0 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21)
september 1993 9 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 dc characteristics for 74hct voltages are referenced to gnd (ground = 0) note 1. the value of additional quiescent supply current ( d i cc ) for a unit load of 1 is given here. to determine d i cc per input, multiply this value by the unit load coefficient shown in the table below. symbol parameter t amb ( c) unit test conditions 74hct v cc (v) v ee (v) v i other + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. v ih high level input voltage 2.0 1.6 2.0 2.0 v 4.5 to 5.5 v il low level input voltage 1.2 0.8 0.8 0.8 v 4.5 to 5.5 i i input leakage current 0.1 1.0 1.0 m a 5.5 0 v cc or gnd i s analog switch off-state current 0.1 1.0 1.0 m a 10.0 0v ih or v il v s ? = v cc - v ee (see fig.10) i s analog switch on-state current 0.1 1.0 1.0 m a 10.0 0v ih or v il v s ? = v cc - v ee (see fig.11) i cc quiescent supply current 8.0 16.0 80.0 160.0 160.0 320.0 m a 5.5 5.0 0 - 5.0 v cc or gnd v is =v ee or v cc ; v os =v cc or v ee d i cc additional quiescent supply current per input pin for unit load coef?cient is 1 (note 1) 100 360 450 490 m a 4.5 to 5.5 0 v cc - 2.1 v other inputs at v cc or gnd input unit load coefficient ns e 0.50 0.50
september 1993 10 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 fig.8 test circuit for measuring r on . fig.9 typical r on as a function of input voltage v is for v is = 0 to v cc - v ee . fig.10 test circuit for measuring off-state current. fig.11 test circuit for measuring on-state current.
september 1993 11 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 ac characteristics for 74hct gnd = 0 v; t r =t f = 6 ns; c l = 50 pf symbol parameter t amb ( c) unit test conditions 74hct v cc (v) v ee (v) other + 25 - 40 to + 85 - 40 to + 125 min. typ. max. min. max. min. max. t phl / t plh propagation delay v is to v os 6 4 12 8 15 10 18 12 ns 4.5 4.5 0 - 4.5 r l = ; c l = 50 pf (see fig.18) t pzh turn on time e to v os 22 21 44 42 55 53 66 63 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21) t pzl turn on time e to v os 28 21 56 42 70 53 84 63 ns 4.5 4.5 0 - 4.5 t pzh turn on time ns to v os 20 17 40 34 53 43 60 51 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21) t pzl turn on time ns to v os 25 17 50 34 63 43 75 51 ns 4.5 4.5 0 - 4.5 t phz / t plz turn off time e to v os 25 23 50 46 63 58 75 69 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21) t phz / t plz turn off time ns to v os 22 20 44 40 55 50 66 60 ns 4.5 4.5 0 - 4.5 r l =1 k w ; c l = 50 pf (see figs 19, 20 and 21)
september 1993 12 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 additional ac characteristics for 74hc/hct recommended conditions and typical values gnd = 0 v; t amb =25 c notes 1. adjust input voltage v is to 0 dbm level (0 dbm = 1 mw into 600 w ). 2. adjust input voltage v is to 0 dbm level at v os for 1 mhz (0 dbm = 1 mw into 50 w ). general note v is is the input voltage at an ny or nz terminal, whichever is assigned as an input. v os is the output voltage at an ny or nz terminal, whichever is assigned as an output. symbol parameter typ. unit v cc (v) v ee (v) v is(p-p) (v) conditions sine-wave distortion f = 1 khz 0.80 0.40 % % 2.25 4.5 - 2.25 - 4.5 4.0 8.0 r l = 10 k w ; c l = 50 pf (see fig.14) sine-wave distortion f = 10 khz 2.40 1.20 % % 2.25 4.5 - 2.25 - 4.5 4.0 8.0 r l = 10 k w ; c l = 50 pf (see fig.14) switch off signal feed-through - 50 - 50 db db 2.25 4.5 - 2.25 - 4.5 note 1 r l = 600 w ; c l = 50 pf f = 1 mhz (see figs 12 and 15) crosstalk between any two switches - 60 - 60 db db 2.25 4.5 - 2.25 - 4.5 note 1 r l = 600 w ; c l = 50 pf; f = 1 mhz; (see fig.16) v (p-p) crosstalk voltage between control and any switch (peak-to-peak value) 110 220 mv mv 4.5 4.5 0 - 4.5 r l = 600 k w ; c l = 50 pf; f = 1 mhz ( e or ns, square-wave between v cc and gnd, t r =t f = 6 ns) (see fig.17) f max minimum frequency response ( - 3 db) 150 160 mhz mhz 2.25 4.5 - 2.25 - 4.5 note 2 r l =50 w ; c l = 10 pf (see figs 13 and 14) c s maximum switch capacitance 5 pf fig.12 typical switch off signal feed-through as a function of frequency. test conditions: v cc = 4.5 v; gnd = 0 v; v ee = - 4.5 v; r l =50 w ; r source =1 k w .
september 1993 13 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 fig.13 typical frequency response. test conditions: v cc = 4.5 v; gnd = 0 v; v ee = - 4.5 v; r l =50 w ; r source =1 k w . fig.14 test circuit for measuring sine-wave distortion and minimum frequency response. fig.15 test circuit for measuring switch off signal feed-through. fig.16 test circuit for measuring crosstalk between any two switches. (a) channel on condition; (b) channel off condition. fig.17 test circuit for measuring crosstalk between control and any switch. the crosstalk is defined as follows (oscilloscope output):
september 1993 14 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 ac waveforms fig.18 waveforms showing the input (v is ) to output (v os ) propagation delays. fig.19 waveforms showing the turn-on and turn-off times. (1) hc : v m = 50%; v i = gnd to v cc . hct : v m = 1.3 v; v i = gnd to 3 v.
september 1993 15 philips semiconductors product speci?cation quad bilateral switches 74hc/hct4316 test circuit and waveforms conditions definitions for figs 20 and 21: c l = load capacitance including jig and probe capacitance (see ac characteristics for values). r t = termination resistance should be equal to the output impedance z o of the pulse generator. t r =t f = 6 ns; when measuring f max , there is no constraint to t r , t f with 50% duty factor. package outlines see 74hc/hct/hcu/hcmos logic package outlines . test switch v is t pzh t pzl t phz t plz others v ee v cc v ee v cc open v cc v ee v cc v ee pulse family amplitude v m t r ; t f f max ; pulse width other 74hc v cc 50% < 2 ns 6 ns 74hct 3.0 v 1.3 v < 2 ns 6 ns fig.20 test circuit for measuring ac performance. fig.21 input pulse definitions.


▲Up To Search▲   

 
Price & Availability of 74HC4316D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X