Part Number Hot Search : 
SB107 651G0 UL8097JF LEADFREE ANTXV2 EZ227 TRRPB C4418
Product Description
Full Text Search
 

To Download 74HC158D Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1. general description the 74hc is a high-speed si-gate cmos device and is pin compatible with low power schottky ttl (lsttl). the 74hc158 is speci?ed in compliance with jedec standard no. 7a. the 74hc158 is a quad 2-input multiplexer which select 4 bits of data from two sources and are controlled by a common data select input (s). the four outputs present the selected data in the inverted form. the enable input ( e) is active low. when e is high, all the outputs (1 y to 4 y) are forced high regardless of all other input conditions. moving the data from two groups of registers to four common output buses is a common use of the 74hc158. the state of s determines the particular register from which the data comes. it can also be used as a function generator. the device is useful for implementing highly irregular logic by generating any four of the 16 different functions of two variables with one variable common. the 74hc158 is the logic implementation of a 4-pole, 2-position switch, where the position of the switch is determined by the logic levels applied to s. the logic equations for the output are: 1 y = e.(1l1.s + 1l0. s) 2 y = e.(2l1.s + 2l0. s) 3 y = e.(3l1.s + 3l0. s) 4 y = e.(4l1.s + 4l0. s) the 74hc158 is identical to the 74hc157 but has inverting outputs. 2. features n low-power dissipation n inverting data path n complies with jedec standard no. 7a n esd protection: u hbm eia/jesd22-a114-b exceeds 2000 v u mm eia/jesd22-a115-a exceeds 200 v. n multiple package options n speci?ed from - 40 cto+80 c and from - 40 c to +125 c. 74hc158 quad 2-input multiplexer; inverting rev. 03 12 november 2004 product data sheet
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 2 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 3. quick reference data [1] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l v cc 2 f o ) = sum of outputs. 4. ordering information table 1: quick reference data gnd = 0 v; t amb =25 c; t r =t f = 6 ns. symbol parameter conditions min typ max unit t phl , t plh propagation delay c l = 15 pf; v cc = 5 v ni0, ni1 to ny - 12 - ns e to n y - 14 - ns s to n y - 14 - ns c i input capacitance - 3.5 - pf c pd power dissipation capacitance per multiplexer v i = gnd to v cc [1] -40-pf table 2: ordering information type number package temperature range name description version 74hc158n - 40 c to +125 c dip16 plastic dual in-line package; 16 leads (300 mil) sot38-4 74HC158D - 40 c to +125 c so16 plastic small outline package; 16 leads; body width 3.9 mm sot109-1
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 3 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 5. functional diagram fig 1. functional diagram fig 2. logic symbol fig 3. iec logic symbol 001aab862 2 s 1i0 1y 4 2y 7 3y 9 4y 12 e 1 15 3 1i1 5 2i0 6 2i1 11 3i0 10 3i1 14 4i0 13 4i1 multiplexer outputs 001aab860 1i0 1i1 2i0 2i1 3i0 3i1 4i0 4i1 s 1y 2y 3y 4y 1 12 9 7 4 13 e 15 14 10 11 6 5 3 2 001aab861 9 12 7 15 en 1 g1 1 mux 4 10 11 13 14 6 5 3 2 1
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 4 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 6. pinning information 6.1 pinning fig 4. logic diagram 001aab863 s e 1i0 1i1 2i0 2i1 3i0 3i1 4i0 4i1 1y 2y 3y 4y fig 5. pin con?guration 158 sv cc 1i0 e 1i1 4i0 1y 4i1 2i0 4y 2i1 3i0 2y 3i1 gnd 3y 001aab859 1 2 3 4 5 6 7 8 10 9 12 11 14 13 16 15
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 5 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 6.2 pin description 7. functional description 7.1 function table [1] h = high voltage level; l = low voltage level; x = dont care. table 3: pin description symbol pin description s 1 common data select input 1i0 2 data input 1 from source 0 1i1 3 data input 1 from source 1 1 y 4 multiplexer output 1 2i0 5 data input 2 from source 0 2i1 6 data input 2 from source 1 2 y 7 multiplexer output 2 gnd 8 ground (0 v) 3 y 9 multiplexer output 3 3i1 10 data input 3 from source 1 3i0 11 data input 3 from source 0 4 y 12 multiplexer output 4 4i1 13 data input 4 from source 1 4i0 14 data input 4 from source 0 e 15 enable input (active low) v cc 16 positive supply voltage table 4: function [1] control input output e s ni0 nl1 n y hxxxh lllxh hxl hxl h xhl
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 6 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 8. limiting values [1] above 70 c: p tot derates linearly with 12 mw/k. [2] above 70 c: p tot derates linearly with 8 mw/k. 9. recommended operating conditions table 5: limiting values in accordance with the absolute maximum rating system (iec 60134). voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min max unit v cc supply voltage - 0.5 +7 v i ik input diode current v i < - 0.5 v or v i >v cc + 0.5 v - 20 ma i ok output diode current v o < - 0.5 v or v o >v cc + 0.5 v - 20 ma i o output source or sink current v o = - 0.5 v to v cc + 0.5 v - 25 ma i cc , i gnd v cc or gnd current - 50 ma t stg storage temperature - 65 +150 c p tot power dissipation dip16 package [1] - 750 mw so16 package [2] - 500 mw table 6: recommended operating conditions symbol parameter conditions min typ max unit v cc supply voltage 2.0 5.0 6.0 v v i input voltage 0 - v cc v v o output voltage 0 - v cc v t r , t f input rise and fall times v cc = 2.0 v - - 1000 ns v cc = 4.5 v - 6.0 500 ns v cc = 6.0 v - - 400 ns t amb ambient temperature - 40 - +125 c
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 7 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 10. static characteristics table 7: static characteristics at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit t amb =25 c v ih high-level input voltage v cc = 2.0 v 1.5 1.2 - v v cc = 4.5 v 3.15 2.4 - v v cc = 6.0 v 4.2 3.2 - v v il low-level input voltage v cc = 2.0 v - 0.8 0.5 v v cc = 4.5 v - 2.1 1.35 v v cc = 6.0 v - 2.8 1.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 2.0 - v i o = - 20 m a; v cc = 4.5 v 4.4 4.5 - v i o = - 20 m a; v cc = 6.0 v 5.9 6.0 - v i o = - 4 ma; v cc = 4.5 v 3.98 4.32 - v i o = - 5.2 ma; v cc = 6.0 v 5.48 5.81 - v v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 2.0 v - 0 0.1 v i o =20 m a; v cc = 4.5 v - 0 0.1 v i o =20 m a; v cc = 6.0 v - 0 0.1 v i o = 4 ma; v cc = 4.5 v - 0.15 0.26 v i o = 5.2 ma; v cc = 6.0 v - 0.16 0.26 v i li input leakage current v i =v cc or gnd; v cc = 6.0 v - - 0.1 m a i cc quiescent supply current v i =v cc or gnd; i o = 0 a; v cc = 6.0 v - - 8.0 m a c i input capacitance - 3.5 - pf t amb = - 40 c to +85 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 - - v i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 20 m a; v cc = 6.0 v 5.9 - - v i o = - 4 ma; v cc = 4.5 v 3.84 - - v i o = - 5.2 ma; v cc = 6.0 v 5.34 - - v
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 8 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 2.0 v - - 0.1 v i o =20 m a; v cc = 4.5 v - - 0.1 v i o =20 m a; v cc = 6.0 v - - 0.1 v i o = 4 ma; v cc = 4.5 v - - 0.33 v i o = 5.2 ma; v cc = 6.0 v - - 0.33 v i li input leakage current v i =v cc or gnd; v cc = 6.0 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o = 0 a; v cc = 6.0 v - - 80 m a t amb = - 40 c to +125 c v ih high-level input voltage v cc = 2.0 v 1.5 - - v v cc = 4.5 v 3.15 - - v v cc = 6.0 v 4.2 - - v v il low-level input voltage v cc = 2.0 v - - 0.5 v v cc = 4.5 v - - 1.35 v v cc = 6.0 v - - 1.8 v v oh high-level output voltage v i =v ih or v il i o = - 20 m a; v cc = 2.0 v 1.9 - - v i o = - 20 m a; v cc = 4.5 v 4.4 - - v i o = - 20 m a; v cc = 6.0 v 5.9 - - v i o = - 4 ma; v cc = 4.5 v 3.7 - - v i o = - 5.2 ma; v cc = 6.0 v 5.2 - - v v ol low-level output voltage v i =v ih or v il i o =20 m a; v cc = 2.0 v - - 0.1 v i o =20 m a; v cc = 4.5 v - - 0.1 v i o =20 m a; v cc = 6.0 v - - 0.1 v i o = 4 ma; v cc = 4.5 v - - 0.4 v i o = 5.2 ma; v cc = 6.0 v - - 0.4 v i li input leakage current v i =v cc or gnd; v cc = 6.0 v - - 1.0 m a i cc quiescent supply current v i =v cc or gnd; i o = 0 a; v cc = 6.0 v - - 160 m a table 7: static characteristics continued at recommended operating conditions; voltages are referenced to gnd (ground = 0 v). symbol parameter conditions min typ max unit
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 9 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 11. dynamic characteristics table 8: dynamic characteristics gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; see figure 8 . symbol parameter conditions min typ max unit t amb =25 c t phl , t plh propagation delay ni0, ni1 to n y see figure 6 v cc = 2.0 v - 41 125 ns v cc = 4.5 v - 15 25 ns v cc = 6.0 v - 12 21 ns v cc = 5.0 v; c l =15pf - 12 - ns propagation delay e to n y see figure 7 v cc = 2.0 v - 47 145 ns v cc = 4.5 v - 17 29 ns v cc = 6.0 v - 14 25 ns v cc = 5.0 v; c l =15pf - 14 - ns propagation delay s to n y see figure 6 v cc = 2.0 v - 47 145 ns v cc = 4.5 v - 17 29 ns v cc = 6.0 v - 14 25 ns v cc = 5.0 v; c l =15pf - 14 - ns t thl , t tlh output transition time see figure 6 and 7 v cc = 2.0 v - 19 75 ns v cc = 4.5 v - 7 15 ns v cc = 6.0 v - 6 13 ns c pd power dissipation capacitance per multiplexer v i = gnd to v cc [1] -40-pf t amb = - 40 c to +85 c t phl , t plh propagation delay ni0, ni1 to n y see figure 6 v cc = 2.0 v - - 155 ns v cc = 4.5 v - - 31 ns v cc = 6.0 v - - 26 ns propagation delay e to n y see figure 7 v cc = 2.0 v - - 180 ns v cc = 4.5 v - - 36 ns v cc = 6.0 v - - 31 ns propagation delay s to n y see figure 6 v cc = 2.0 v - - 180 ns v cc = 4.5 v - - 36 ns v cc = 6.0 v - - 31 ns t thl , t tlh output transition time see figure 6 and 7 v cc = 2.0 v - - 95 ns v cc = 4.5 v - - 19 ns v cc = 6.0 v - - 16 ns
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 10 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting [1] c pd is used to determine the dynamic power dissipation (p d in m w). p d =c pd v cc 2 f i n+ ? (c l v cc 2 f o ) where: f i = input frequency in mhz; f o = output frequency in mhz; c l = output load capacitance in pf; v cc = supply voltage in v; n = number of inputs switching; ? (c l v cc 2 f o ) = sum of outputs. 12. waveforms t amb = - 40 c to +125 c t phl , t plh propagation delay ni0, ni1 to n y see figure 6 v cc = 2.0 v - - 190 ns v cc = 4.5 v - - 38 ns v cc = 6.0 v - - 32 ns propagation delay e to n y see figure 7 v cc = 2.0 v - - 220 ns v cc = 4.5 v - - 44 ns v cc = 6.0 v - - 38 ns propagation delay s to n y see figure 6 v cc = 2.0 v - - 220 ns v cc = 4.5 v - - 44 ns v cc = 6.0 v - - 38 ns t thl , t tlh output transition time see figure 6 and 7 v cc = 2.0 v - - 110 ns v cc = 4.5 v - - 22 ns v cc = 6.0 v - - 19 ns table 8: dynamic characteristics continued gnd = 0 v; t r = t f = 6 ns; c l = 50 pf; see figure 8 . symbol parameter conditions min typ max unit v m = 0.5 v i . fig 6. waveforms showing the data input (ni0, ni1) to output (n y) propagation delays and the output transition times 001aab865 ni0, ni1, s input ny output v m t phl t thl t tlh t plh v m
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 11 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting v m = 0.5 v i . fig 7. waveforms showing the enable input ( e) to output (n y) propagation delays and the output transition times test data is given in t ab le 9 . de?nitions for test circuit: r t = termination resistance should be equal to output impedance z o of the pulse generator. c l = load capacitance including jig and probe capacitance. fig 8. load circuitry for switching times table 9: test data supply input load v cc v i t r , t f c l 2.0 v v cc 6 ns 50 pf 4.5 v v cc 6 ns 50 pf 6.0 v v cc 6 ns 50 pf 5.0 v v cc 6 ns 15 pf 001aab864 e input ny output v m t phl t thl t tlh t plh v m mna101 v cc v i v o r t c l pulse generator d.u.t.
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 12 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 13. package outline fig 9. package outline sot38-4 (dip16) references outline version european projection issue date iec jedec jeita sot38-4 95-01-14 03-02-13 m h c (e ) 1 m e a l seating plane a 1 w m b 1 b 2 e d a 2 z 16 1 9 8 e pin 1 index b 0 5 10 mm scale note 1. plastic or metal protrusions of 0.25 mm (0.01 inch) maximum per side are not included. unit a max. 12 b 1 (1) (1) (1) b 2 cd e e m z h l mm dimensions (inch dimensions are derived from the original mm dimensions) a min. a max. b max. w m e e 1 1.73 1.30 0.53 0.38 0.36 0.23 19.50 18.55 6.48 6.20 3.60 3.05 0.254 2.54 7.62 8.25 7.80 10.0 8.3 0.76 4.2 0.51 3.2 inches 0.068 0.051 0.021 0.015 0.014 0.009 1.25 0.85 0.049 0.033 0.77 0.73 0.26 0.24 0.14 0.12 0.01 0.1 0.3 0.32 0.31 0.39 0.33 0.03 0.17 0.02 0.13 dip16: plastic dual in-line package; 16 leads (300 mil) sot38-4
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 13 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting fig 10. package outline sot109-1 (so16) x w m q a a 1 a 2 b p d h e l p q detail x e z e c l v m a (a ) 3 a 8 9 1 16 y pin 1 index unit a max. a 1 a 2 a 3 b p cd (1) e (1) (1) eh e ll p qz y w v q references outline version european projection issue date iec jedec jeita mm inches 1.75 0.25 0.10 1.45 1.25 0.25 0.49 0.36 0.25 0.19 10.0 9.8 4.0 3.8 1.27 6.2 5.8 0.7 0.6 0.7 0.3 8 0 o o 0.25 0.1 dimensions (inch dimensions are derived from the original mm dimensions) note 1. plastic or metal protrusions of 0.15 mm (0.006 inch) maximum per side are not included. 1.0 0.4 sot109-1 99-12-27 03-02-19 076e07 ms-012 0.069 0.010 0.004 0.057 0.049 0.01 0.019 0.014 0.0100 0.0075 0.39 0.38 0.16 0.15 0.05 1.05 0.041 0.244 0.228 0.028 0.020 0.028 0.012 0.01 0.25 0.01 0.004 0.039 0.016 0 2.5 5 mm scale so16: plastic small outline package; 16 leads; body width 3.9 mm sot109-1
9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 14 of 16 philips semiconductors 74hc158 quad 2-input multiplexer; inverting 14. revision history table 10: revision history document id release date data sheet status change notice doc. number supersedes 74hc158_3 20041112 product data sheet - 9397 750 13805 74hc_hct158_cnv_2 modi?cations: ? the format of this data sheet has been redesigned to comply with the current presentation and information standard of philips semiconductors. ? removed type number 74hct158. ? inserted family speci?cation. 74hc_hct158_cnv_2 19970827 product speci?cation - - 74hc_hct158_1 74hc_hct158_1 19901201 product speci?cation - - -
philips semiconductors 74hc158 quad 2-input multiplexer; inverting 9397 750 13805 ? koninklijke philips electronics n.v. 2004. all rights reserved. product data sheet rev. 03 12 november 2004 15 of 16 15. data sheet status [1] please consult the most recently issued data sheet before initiating or completing a design. [2] the product status of the device(s) described in this data sheet may have changed since this data sheet was published. the l atest information is available on the internet at url http://www.semiconductors.philips.com. [3] for data sheets describing multiple type numbers, the highest-level product status determines the data sheet status. 16. de?nitions short-form speci?cation the data in a short-form speci?cation is extracted from a full data sheet with the same type number and title. for detailed information see the relevant data sheet or data handbook. limiting values de?nition limiting values given are in accordance with the absolute maximum rating system (iec 60134). stress above one or more of the limiting values may cause permanent damage to the device. these are stress ratings only and operation of the device at these or at any other conditions above those given in the characteristics sections of the speci?cation is not implied. exposure to limiting values for extended periods may affect device reliability. application information applications that are described herein for any of these products are for illustrative purposes only. philips semiconductors make no representation or warranty that such applications will be suitable for the speci?ed use without further testing or modi?cation. 17. disclaimers life support these products are not designed for use in life support appliances, devices, or systems where malfunction of these products can reasonably be expected to result in personal injury. philips semiconductors customers using or selling these products for use in such applications do so at their own risk and agree to fully indemnify philips semiconductors for any damages resulting from such application. right to make changes philips semiconductors reserves the right to make changes in the products - including circuits, standard cells, and/or software - described or contained herein in order to improve design and/or performance. when the product is in full production (status production), relevant changes will be communicated via a customer product/process change noti?cation (cpcn). philips semiconductors assumes no responsibility or liability for the use of any of these products, conveys no license or title under any patent, copyright, or mask work right to these products, and makes no representations or warranties that these products are free from patent, copyright, or mask work right infringement, unless otherwise speci?ed. 18. contact information for additional information, please visit: http://www.semiconductors.philips.com for sales of?ce addresses, send an email to: sales.addresses@www.semiconductors.philips.com level data sheet status [1] product status [2] [3] de?nition i objective data development this data sheet contains data from the objective speci?cation for product development. philips semiconductors reserves the right to change the speci?cation in any manner without notice. ii preliminary data quali?cation this data sheet contains data from the preliminary speci?cation. supplementary data will be published at a later date. philips semiconductors reserves the right to change the speci?cation without notice, in order to improve the design and supply the best possible product. iii product data production this data sheet contains data from the product speci?cation. philips semiconductors reserves the right to make changes at any time in order to improve the design, manufacturing and supply. relevant changes will be communicated via a customer product/process change noti?cation (cpcn).
? koninklijke philips electronics n.v. 2004 all rights are reserved. reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. the information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice. no liability will be accepted by the publisher for any consequence of its use. publication thereof does not convey nor imply any license under patent- or other industrial or intellectual property rights. date of release: 12 november 2004 document number: 9397 750 13805 published in the netherlands philips semiconductors 74hc158 quad 2-input multiplexer; inverting 19. contents 1 general description . . . . . . . . . . . . . . . . . . . . . . 1 2 features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 3 quick reference data . . . . . . . . . . . . . . . . . . . . . 2 4 ordering information . . . . . . . . . . . . . . . . . . . . . 2 5 functional diagram . . . . . . . . . . . . . . . . . . . . . . 3 6 pinning information . . . . . . . . . . . . . . . . . . . . . . 4 6.1 pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4 6.2 pin description . . . . . . . . . . . . . . . . . . . . . . . . . 5 7 functional description . . . . . . . . . . . . . . . . . . . 5 7.1 function table . . . . . . . . . . . . . . . . . . . . . . . . . . 5 8 limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 6 9 recommended operating conditions. . . . . . . . 6 10 static characteristics. . . . . . . . . . . . . . . . . . . . . 7 11 dynamic characteristics . . . . . . . . . . . . . . . . . . 9 12 waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10 13 package outline . . . . . . . . . . . . . . . . . . . . . . . . 12 14 revision history . . . . . . . . . . . . . . . . . . . . . . . . 14 15 data sheet status . . . . . . . . . . . . . . . . . . . . . . . 15 16 de?nitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 17 disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15 18 contact information . . . . . . . . . . . . . . . . . . . . 15


▲Up To Search▲   

 
Price & Availability of 74HC158D

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X