Part Number Hot Search : 
C43C2 AD54908 02003 CXA2089 HWS421 C858AF CXA2089 29F320FB
Product Description
Full Text Search
 

To Download 1N826DO35 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6.2 & 6.55 volt temperature compensated zener reference diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 1 cop y right ? 200 3 10-27- 2003 re v c w w w . mi c r o s e m i . c o m scottsd a l e division 1n821 thru 1n829a- 1 do-35 1 n 8 2 1 , a , - 1 t h r u 1 n 8 2 9 a - 1 d o - 3 5 h r u 1 n 8 2 9 a - 1 d o - 3 5 descripti on appeara n c e the po pula r 1n8 21 thru 1n8 29a se ries of zero-tc referen c e dio des provide s a selectio n of b o th 6.2 v a nd 6.55 v n o minal volta ges and temperature coeffici ents t o as lo w as 0.0005%/ o c for minimal voltage cha nge with temperature whe n o per ated at 7.5 m a . the s e gl ass axial - leade d do -3 5 refere nce diode s are o p ti onally avai lable with an internal- metallurgical-bond by add ing a ?-1 ? su ffix. this type of bonde d zene r packa ge co n s tru c tion is also ava ila bl e in jan, jantx, and jantxv military quali f ications. microsemi al so offers numerous other z ener referen c e di ode produ cts for a variety of other voltages up to 20 0 v. import a n t : f o r the most cur r e n t data, consult mi c r os e m i ? s w e bsite: http:// www .microsemi.com features a p p l i c at ions / be ne fi ts ? jedec reg i ste r ed 1n 821 thr u 1n82 9 series ? internal meta ll urgic a l bo nd o p tion av ail a b l e b y add in g a ?-1? suffix ? refere nce volt age se lecti on o f 6.2 v & 6.55 v + / -5% w i t h further tig h t toleranc e op tions at lo w e r voltag e ? 1n8 21, 82 3, 825, 827 and 8 2 9 also h a ve qua lificati on to mil-prf - 195 0 0 /159 b y add in g the jan, jant x, or jant xv prefixes to p a rt nu mbers a w e ll as the ?-1? suffix ; e. g. jant x1n8 29-1, etc. ? militar y surfac e mount equ iv a l ents also av ail abl e in do-213aa b y add ing u r -1 s u ffix a nd the j a n, jant x, and jant xv prefi x , e.g. jant x1n 829 ur-1 (see sep a rate data she e t) ? also ava ila bl e i n do-7 packa g e incl udi ng mil i t ar y qua lificati ons u p to jans (see separate d a ta sheet) ? jans equ ival e n t avail abl e in do-35 via sc d ? provid es mini mal volta ge ch ang es over a b r oad temperatur e ra nge ? f o r instrument ation a nd oth e r circuit desi gns requ irin g a stable vo ltag e referenc e ? maximum tem peratur e coeffi cient sel e ction s avail abl e from 0.01%/oc to 0.000 5%/oc ? t i ght reference voltage tol e ra nces ava ila bl e w i t h center nom ina l value of 6.1 5 v b y a ddi ng d e s ign a ted tolera nce suc h as 1%, 2%, 3% , etc. after the part number for identification e.g. 1n82 7-2 % , 1n829a- 1 -1 %, 1n82 9-1-1 % , etc. ? f l exi b l e a x ia l-l ead mo unti ng termina ls ? nons ensitiv e to esd per mil - st d-750 method 1 0 2 0 ? t y pic a l l o w ca pacita n ce of 10 0 pf or less max i mu m rat ing s mechan ic al an d pa ckagin g ? operatin g t e mperatur es: -65 o c to +175 o c ? storage t e mperatures: -65 o c to +175 o c ? dc po w e r d i ss ipati on: 500 m w @ t l = 25 o c and maximum curr ent i zm of 70 ma. no t e : for optimum vo ltag e-tem per ature stabilit y, i z = 7.5 ma (less than 5 0 mw in dissip a ted po w e r) ? sold er t e mperatures: 260 o c for 10 s (max ) ? case: hermetically seal ed glass case. do-35 (do-204a h) p a ckag e ? t e rminals: lea ds, tin-le ad plated so ld era b le p e r mil-st d-750, method 2 0 2 6 ? marking: part number an d cathod e ba nd ( e xc ept dou ble ano de 1n8 22 a nd 1n 824) ? polarit y : r e ferenc e di ode to be oper ated w i th the ban de d en d positiv e w i th respect to the opp osite e nd ? t ape & reel optio n: standa rd per eia-296 (add ?t r? suffix to part number) ? w e igh t : 0.2 grams. ? see pack a g e d i mensi ons o n l a st page do-35 (do-204ah)
6.2 & 6.55 volt temperature compensated zener reference diodes scottsd a l e division 1n821 thru 1n829a- 1 do-35 w w w . mi c r o s e m i . c o m 1 n 8 2 1 , a , - 1 t h r u 1 n 8 2 9 a - 1 d o - 3 5 *electric a l ch ara cteri s tic s @ 25 o c, u n less otherwise specified zener vo lt a g e (no t e 1 a nd 4 ) v z @ i zt zener test curren t i zt ma x i m u m zener imped a n ce (no t e 2) z zt @ i zt ma x i m u m reverse curren t i r @ 3 v vo lt a g e temper a t ure st a b ili t y ( ? v zt ma x ) -55 o c t o +100 o c (no t e 3 a nd 4 ) effective temper a t ure coef ficien t vz jedec type number (no t e 1 & 5 ) v o l t s m a o h m s a m v % / o c 1n8 21 1n8 21a 1n8 22? 1n8 23 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 7.5 7.5 7.5 7.5 15 10 15 15 2.0 2.0 2.0 2.0 96 96 96 48 0.01 0.01 0.01 0.005 1n8 23a 1n8 24? 1n8 25 1n8 25a 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 5.9 ? 6.5 7.5 7.5 7.5 7.5 10 15 15 10 2.0 2.0 2.0 2.0 48 48 19 19 0.005 0.005 0.002 0.002 1n8 26 1n8 27 1n8 27a 1n8 28 6.2 ? 6.9 5.9 ? 6.5 5.9 ? 6.5 6.2 ? 6.9 7.5 7.5 7.5 7.5 15 15 10 15 2.0 2.0 2.0 2.0 20 9 9 10 0.002 0.001 0.001 0.001 1n8 29 1n8 29a 5.9 ? 6.5 5.9 ? 6.5 7.5 7.5 15 10 2.0 2.0 5 5 0.000 5 0.000 5 *j ede c regis t ered data. ?do uble ano de; electri c al spe c ific ation s apply unde r both bia s pol arities. notes : 1. add a ?-1 ? suffix f o r internal metall urgical bond. when orde ring dev ices w i th tighter t o ler ances than specified for the v z voltage nominal of 6.15 v, add a h y phen ed suffix t o the part numbe r for desired t o ler ance, e.g. 1n82 7 - 1-2 % , 1n82 9-1 - 1%, 1n829a-1 %, 1n 829a-1-1 %, etc. 2. zener imped ance is measured b y superimpos ing 0.75 ma ac rms o n 7.5 ma dc @ 2 5 o c. 3. the ma ximum allowable change o b served over the entire te mpe r atu r e rang e i.e., the diode voltage w ill not exceed t he specified mv cha nge at an y discrete temperat ure b e tween the estab lished lim its. 4. voltage measure m ents to be perf o rmed 15 secon d s after application of dc current. 5. 1n821, 1n 823, 1 n 825, 1n8 27, an d 1n829 also ha ve qualification t o mil-pr f-195 0 0 /159 b y adding t he jan, jant x , or jant xv prefi x to part number s as w e ll as th e ?-1? suffix; e. g. jant x1n82 7 -1, jant xv1 n 82 9-1, etc. m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 2 cop y right ?
6.2 & 6.55 volt temperature compensated zener reference diodes m i cro semi scottsdale division 8700 e. thom as rd. po bo x 139 0, scottsdale, az 85252 usa, ( 4 8 0 ) 941- 6300, fax: (480) 947-1 503 page 3 cop y right ? 200 3 10-27- 2003 re v c w w w . mi c r o s e m i . c o m scottsd a l e division 1n821 thru 1n829a- 1 do-35 1 n 8 2 1 , a , - 1 t h r u 1 n 8 2 9 a - 1 d o - 3 5 h r u 1 n 8 2 9 a - 1 d o - 3 5 graphs i z ? ope r ating c u rrent (ma) i z ? ope r ating c u rrent (ma) change in tempe r ature coefficient (mv/ o c) change in tempe r ature coefficient (%/ o c) ? v z ? ch ange in zener voltag e ( m v) figure 2 figure 3 typical change of te mperature coeffici en t typical change of ze ner voltage with cha nge in operating current. with cha nge in operating current this cur v e in figur e 3 i llustra te s the change o f diode voltage arisi ng from the e ffe ct o f imped ance . it is in effe c t an e x ploded view o f the z ener opera t in g region o f the i- v c harac terist ic . i n c o n j un ct i o n wi t h f i g u r e 2, t h is c u rv e c a n b e us e d t o estima te to tal volta ge regul ation unde r con d itio ns o f bo th var y ing temper atur e and cu rren t. the cur v e shown in figure 2 i s typi cal of the diode serie s and grea tl y simpli fi es the estimati on o f th e temperature coe ffi ci en t (tc) when the diode i s o pera t e d at curren t s o t her than 7.5ma. exam ple: a diod e in thi s ser i es i s o perated a t a curren t of 7 . 5ma a nd ha s spe c ifie d tempera t ure coe ffi ci en t (tc) limits of +/- 0 .005 % / o c . t o ob tain the typi cal tempera t ur e coeffi cien t limi t s for this same di ode operated a t a curre nt o f 6.0ma, the new tc limits (% / o c) can b e estima ted usin g the graph in figur e 2. at a test cu rren t o f 6.0ma the change i n temperature coe ffi cien t (tc) i s approxima t el y ? 0 .0 006%. o c. the alge braic sum o f + / -0 .0 05% o c and ? 0.0006% / o c gi ves the new estimate d li mits of +0 .0044% /o c and - 0 .005 6%/o c. dimen s io ns all dimensio n s i n i n c h mm


▲Up To Search▲   

 
Price & Availability of 1N826DO35

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X