Part Number Hot Search : 
0603SF MM5240B SB330 BU206 5D215 4000B SKIIP13 ADIS1
Product Description
Full Text Search
 

To Download 1700002204 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial motherboards features ? supports intel ? lga775 core?2 duo/pentium ? dual-core/pentium ? 4/ celeron ? processors with fsb 533/800/1066 mhz ? intel 945gc and ich7 ? two sodimm sockets support up to 2 gb ddr2 533/667 mhz sdram ? supports onboard crt and pcie x16 expansion for additional graphics card ? supports susiaccess and embedded software apis aimb-262 intel ? lga775 core?2 duo lga775 mini-itx with crt, 4 com, and lan specifcations processor system cpu intel core 2 duo intel pentium dual-core intel pentium 4 intel celeron max. speed e7400/e6700, 2.8/2.66 ghz e2200 2.2ghz 651 3.4 ghz 440 2.0 ghz front side bus 1066 mhz 1066/800 mhz 800 mhz 800 mhz l2 cache 3 mb/2 mb 1 mb 2 mb 512 k chipset intel 945gc + ich7 bios award 16 mbit, spi expansion slot pci - mini-pci - pcie x16 4 gb/s per direction, 1 slot memory technology dual channel ddr2 533/ 667 mhz sdram max. capacity 2 gb socket 2 x 200-pin sodimm (non-ecc) graphics controller intel integrated graphics media accelerator 950 vram shared system memory up to 224 mb ethernet interface 10/100/1000 mbps controller gbe lan1: realtek rtl8111c connector rj-45 x 1 sata max data transfer rate 300 mb/s channel 2 rear i/o crt 1 ethernet 1 usb 4 (usb 2.0 compliant) audio 3 (mic-in, line-out, line-in) serial 2 (1 x rs-232, 1 x rs-232/422/485) parallel - ps/2 2 (1 x keyboard and 1 x mouse) internal connector usb 2 (usb 2.0 compliant) serial 2 (rs-232) ide - sata 2 compactflash - parallel 1 irda - gpio - watchdog timer output system reset interval programmable 1 ~ 255 sec/min power requirements power on intel core? 2 duo e4300 1.8ghz, 2 gb ddr2 sdram 5 v 3.3 v 12 v 5 vsb -12 v 4 a 1.02 a 2.35 a 0.26 a 0.12 a environment operating non-operating temperature 0 ~ 60 c (32 ~ 140 f), depends on cpu speed and cooler solution -20 ~ 70 c (-4 ~ 158 f) physical characteristics dimensions 170 mm x 170 mm (6.69" x 6.69") utilities: software apis: watchdog h/w monitor bios fash monitoring all product specifications are subject to change without notice last updated : 13-jun-2012
www.advantech.com/products online download block diagram aimb-262 ordering information part number crt gbe lan com aimgae es packing list description quantity sata dd cable sata power cable serial cable i/o port bracet startup manual drier cd i/o view optional accessories part number description parallel port cable with bracet dual port us cable cm with bracet t lga cpu cooler for u and wallmount chassis aimldsae add lds epansion card aimgaae add ga epansion card embedded os/api os/api part no. description in pe pe p aim . eng pe p aim . ct aimb-262vg-00a1e ich7 533/800/1066 mhz fsb fintek f81216d 2 rs-232 1 rs-232, 1 rs-232/422/485, ps/2, wdt lpc super i/o winbond w83627dhg intel 945gc gmch intel lga775 core 2 duo/ pentium 4 processor ddr2 533/ 667 ddr2 533/ 667 channel a channel b direct media interface 2 gb/s bandwidth crt crt pcie x16 pcie x16 bios 2 sata ports 6 usb ports realtek audio cocec alc888 300 mb/s spi usb 2.0/1.1 ac-97 link gbe lan1: rtl 8111c pcie x1


▲Up To Search▲   

 
Price & Availability of 1700002204

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X