Part Number Hot Search : 
M5222 TPSMB11A SW6451 SW6451 AV2108 CFRB204 2981651 1N5257
Product Description
Full Text Search
 

To Download UF600A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ) valid, if leads are kept at ambient te mperature at a distance of 10 mm from case gltig, wenn die anschlu?dr?hte in 10 mm abstand von geh?use auf umgebungstemperatur gehalten werden 152 28.02.2002 uf 600a ... uf 600m ultrafast switching si-rectifiers ultraschnelle silizium gleichrichter nominal current ? nennstrom 6 a repetitive peak reverse voltage 50?1000 v periodische spitzensperrspannung plastic case ? 8 x 7.5 [mm] kunststoffgeh?use p-600 style weight approx. ? gewicht ca. 1.5 g plastic material has ul classification 94v-0 geh?usematerial ul94v-0 klassifiziert dimensions / ma?e in mm standard packaging taped in ammo pack see page 16 standard lieferform gegurtet in ammo-pack siehe seite 16 maximum ratings grenzwerte type typ repetitive peak reverse voltage periodische spitzensperrspannung v rrm [v] surge peak reverse voltage sto?spitzensperrspannung v rsm [v] uf 600 a 50 50 uf 600 b 100 100 uf 600 d 200 200 uf 600 g 400 400 uf 600 j 600 600 uf 600 k 800 800 uf 600 m 1000 1000 max. average forward rectified current, r-load t a = 50  ci fav 6 a 1 ) dauergrenzstrom in einwegschaltung mit r-last repetitive peak forward current f > 15 hz i frm 60 a 3 ) periodischer spitzenstrom peak fwd surge current, half sine-wave, t a = 25  c f = 50 hz i fsm 270 a sto?strom fr eine sinus-halbwelle, t a = 25  c f = 60 hz i fsm 300 a rating for fusing ? grenzlastintegral, t < 10 ms t a = 25  ci 2 t 370 a 2 s operating junction temperature ? sperrschichttemperatur t j ? 50?+150  c storage temperature ? lagerungstemperatur t s ? 50?+175  c
1 )i f = 0.5 a through/ber i r = 1 a to/auf i r = 0.25 a 2 ) valid, if leads are kept at ambient te mperature at a distance of 10 mm from case gltig, wenn die anschlu?dr?hte in 10 mm abstand von geh?use auf umgebungstemperatur gehalten werden 153 28.02.2002 uf 600a ... uf 600m characteristics kennwerte type typ reverse recovery time sperrverzugszeit t rr [ns] 1 ) forward voltage durchla?spannung v f [v] at / bei i f [a] uf 600a ... uf 600g < 75 < 1.0 5 uf 600j ... uf 600m < 100 < 1.7 5 leakage current t j = 25  cv r = v rrm i r < 25  a sperrstrom thermal resistance junction to ambient air r tha < 20 k/w 2 ) w?rmewiderstand sperrschicht ? umgebende luft thermal resistance junction to lead r thl < 4 k/w w?rmewiderstand sperrschicht ? anschlu?draht


▲Up To Search▲   

 
Price & Availability of UF600A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X