Part Number Hot Search : 
CES2307 M3H71FBD NCHA6KAA EMD62T2R GAL20V8 CY8C24 APA2718 BG160128
Product Description
Full Text Search
 

To Download TMQ1000A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  topstek current transducer tmq100a .. TMQ1000A - 92 - www.topstek.com tmq v080709 7/9/2008 tmq100a~1000a features ? highly reliable hall effect device ? compact and light weight ? fast response time ? excellent linearity of the output voltage over a wide input range ? excellent frequency response (> 50 khz) ? low power consumption (16 ma nominal) ? capable of measuring both dc and ac, both pulsed and mixed ? high isolation voltage between the measuring circuit and the current-carrying conductor (ac2.5kv) ? extended operating temperature range ? flame-retardant plastic case and silicone encapsulate, using ul classified materials, ensures protection against environmental contaminants and vibration over a wide temperature and humidity range applications ? ups systems ? process control devices ? ac and dc servo systems ? motor speed controller ? electrical vehicle controllers ? inverter-controlled welding machines ? general and special purpose inverters ? controller for traction equipment e.g. electric trains specifications parameter symbol unit tmq 100a tmq 200a tmq 300a tmq 400a tmq 500a tmq 600a tmq 800a tmq 1000a nominal input current i fn a dc 100 200 300 400 500 600 800 1000 linear range i fs a dc 300 600 900 1200 1500 1800 2400 3000 nominal output voltage v hn v 4 v1% at if=i fn ( r l =10k ? ) offset voltage v os mv within 15 mv @ i f =0, t a =25c output resistance r out ? <10 ? hysteresis error v oh mv within 10 mv @ i f =i fn 0 supply voltage v cc /v ee v 15v 5% linearity % within 0.5% of i fn consumption current i cc ma 16 ma nominal response time (90%v hn ) t r sec 3 sec max. @ d i f / dt = i fn / sec frequency bandwidth (-3db) f bw hz dc to 50khz thermal drift of output - %/c within 0.05 %/c @ i fn thermal drift of zero current offset - mv/c within 1 mv/c @ i fn dielectric strength - v ac2.5kv x 60 sec isolation resistance @ 1000 vdc r is m ? >500 m ? operating temperature t a c -15c to 80c storage temperature t s c -20c to 85c mass w g 240 g
topstek current transducer tmq100a .. TMQ1000A - 93 - www.topstek.com tmq v080709 7/9/2008 appearance, dimensions and pin identification all dimensions in mm 0.2, holes ?0, +0.2 except otherwise noted.


▲Up To Search▲   

 
Price & Availability of TMQ1000A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X