Part Number Hot Search : 
855091 48E15D25 050KPGSR BTA92 ISL64 E0052 KBPC10XX MP3302DJ
Product Description
Full Text Search
 

To Download TC74VCX16843FT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TC74VCX16843FT 2001-10-17 1 toshiba cmos digital integrated circuit silicon monolithic TC74VCX16843FT low-voltage 18-bit d-type latch with 3.6-v tolerant inputs and outputs the TC74VCX16843FT is a high-performance cmos 18-bit d-type latch. designed for use in 1.8-v, 2.5-v or 3.3-v systems, it achieves high-speed operation while maintaining the cmos low power dissipation. it is also designed with overvoltage tolerant inputs and outputs up to 3.6 v. the TC74VCX16843FT can be used as two 9-bit latches or one 18-bit latch. the 18 latches are transparent d-type latches. the device has noninverting data (d) inputs and provides true data at its outputs. while the latch-enable (1le or 2le) input is high, the q outputs of the corresponding 9-bit latch follow the d inputs. when le is taken low, the q outputs are latched at the levels set up at the d inputs. clr and pr are independent of the le and are accomplished by setting the appropriate input low. when the oe input is high, the outputs are in a high-impedance state. this device is designed to be used with 3-state memory address drivers, etc. all inputs are equipped with protection circuits against static discharge. features  low-voltage operation: v cc = 1.8 to 3.6 v  high-speed operation : t pd = 3.0 ns (max) (v cc = 3.0 to 3.6 v) : t pd = 3.7 ns (max) (v cc = 2.3 to 2.7 v) : t pd = 7.4 ns (max) (v cc = 1.8 v)  output current: i oh /i ol = 24 ma (min) (v cc = 3.0 v) : i oh /i ol = 18 ma (min) (v cc = 2.3 v) : i oh /i ol = 6 ma (min) (v cc = 1.8 v)  latch-up performance: 300 ma  esd performance: machine model > 200 v : human body model > 2000 v  package: tssop (thin shrink small outline package)  3.6-v tolerant function and power-down protection provided on all inputs and outputs weight: 0.25 g (typ.)
TC74VCX16843FT 2001-10-17 2 pin assignment (top view) iec logic symbol 2 55 1 1d1 52 49 51 47 48 44 45 1d3 1d5 1d4 1d6 2d3 2d2 43 40 41 38 2d4 2d7 2d6 2d8 en2 s2 5 8 10 1q3 1q5 1q7 3 6 9 1q2 1q4 1q6 15 17 20 23 2q1 2q3 2q5 2q7 13 16 19 21 1q9 2q2 2q4 2q6 12 1q8 r2 36 37 34 33 2d5 1d8 1d7 1d9 54 1d2 42 2d1 1q1 14 2d9 31 1d 2 24 2q8 26 2q9 28 r4 3d 4 56 c1 27 30 en4 s4 29 c3 1le 2le pr 2 oe 1 pr 1 oe 2 clr 2 clr 1 1le 48 pr 1 1d1 gnd 47 46 45 44 43 42 clr 1 1 2 3 4 5 6 7 gnd 1q2 1q3 v cc 1q4 1q5 1d2 8 9 10 1d4 1d5 1q6 41 40 39 1d3 v cc 1d6 1q1 gnd 38 1d7 1d8 1d9 37 36 35 34 33 32 gnd 11 12 13 14 15 16 17 1q9 2q1 2q2 2q3 gnd 2q4 2d1 18 19 20 gnd 2d4 2q5 31 30 29 2d2 2d3 2d5 1q7 1q8 21 2q6 v cc 2q7 22 23 24 v cc 2d7 2q8 2d6 2d8 25 gnd 26 2q9 27 oe 2 28 clr 2 gnd 2d9 pr 2 2le 56 55 54 53 52 51 50 49 oe 1
TC74VCX16843FT 2001-10-17 3 truth table (each 9-bit latch) inputs pr clr oe le d output q l x l x x h h l l x x l h h l h l l h h l h h h h h l l x qn x x h x x z x: don?t care z: high impedance qn : q outputs are latched at the time when the le input is taken to a low logic level. system diagram 1q1 to eight other channels oe 1 pr 1 clr 1 1le 1d1 2 55 1 56 54 s le d r 3 2q1 to eight other channels oe 2 pr 2 clr 2 2le 2d1 27 30 28 29 42 s le d r 15
TC74VCX16843FT 2001-10-17 4 maximum ratings characteristics symbol rating unit power supply voltage v cc  0.5 to 4.6 v dc input voltage v in  0.5 to 4.6 v  0.5 to 4.6 (note 1) dc output voltage v out  0.5 to v cc  0.5 (note 2) v input diode current i ik  50 ma output diode current i ok  50 (note 3) ma dc output current i out  50 ma power dissipation p d 400 mw dc v cc /ground current per supply pin i cc /i gnd  100 ma storage temperature t stg  65 to 150 c note 1: off state note 2: high or low state. i out absolute maximum rating must be observed. note 3: v out  gnd, v out  v cc recommended operating range characteristics symbol rating unit 1.8 to 3.6 power supply voltage v cc 1.2 to 3.6 (note 4) v input voltage v in  0.3 to 3.6 v 0 to 3.6 (note 5) output voltage v out 0 to v cc (note 6) v  24 (note 7)  18 (note 8) output current i oh /i ol  6 (note 9) ma operating temperature t opr  40 to 85 c input rise and fall time dt/dv 0 to 10 (note 10) ns/v note 4: data retention only note 5: off state note 6: high or low state note 7: v cc  3.0 to 3.6 v note 8: v cc  2.3 to 2.7 v note 9: v cc  1.8 v note 10: v in  0.8 to 2.0 v, v cc  3.0 v
TC74VCX16843FT 2001-10-17 5 electrical characteristics dc characteristics (ta         40 to 85c, 2.7 v     v cc          3.6 v) characteristics symbol test condition v cc (v) min max unit h-level v ih  2.7 to 3.6 2.0  input voltage l-level v il  2.7 to 3.6  0.8 v i oh   100  a 2.7 to 3.6 v cc  0.2  i oh   12 ma 2.7 2.2  i oh   18 ma 3.0 2.4  h-level v oh v in  v ih or v il i oh   24 ma 3.0 2.2  i ol  100  a 2.7 to 3.6  0.2 i ol  12 ma 2.7  0.4 i ol  18 ma 3.0  0.4 output voltage l-level v ol v in  v ih or v il i ol  24 ma 3.0  0.55 v input leakage current i in v in  0 to 3.6 v 2.7 to 3.6   5.0  a 3-state output off state current i oz v in  v ih or v il v out  0 to 3.6 v 2.7 to 3.6   10.0  a  power-off leakage current i off v in , v out  0 to 3.6 v 0  10.0  a  v in  v cc or gnd 2.7 to 3.6  20.0 quiescent supply current i cc v cc   (v in , v out )   3.6 v 2.7 to 3.6   20.0 increase in i cc per input i cc v ih  v cc  0.6  v 2.7 to 3.6  750  a dc characteristics (ta         40 to 85c, 2.3 v          v cc          2.7 v) characteristics symbol test condition v cc (v) min max unit h-level v ih  2.3 to 2.7 1.6  input voltage l-level v il  2.3 to 2.7  0.7 v i oh   100  a 2.3 to 2.7 v cc  0.2  i oh   6 ma 2.3 2.0  i oh   12 ma 2.3 1.8  h-level v oh v in  v ih or v il i oh   18 ma 2.3 1.7  i ol  100  a 2.3 to 2.7  0.2 i ol  12 ma 2.3  0.4 output voltage l-level v ol v in  v ih or v il i ol  18 ma 2.3  0.6 v input leakage current i in v in  0 to 3.6 v 2.3 to 2.7   5.0  a 3-state output off state current i oz v in  v ih or v il v out  0 to 3.6 v 2.3 to 2.7   10.0  a  power-off leakage current i off v in , v out  0 to 3.6 v 0  10.0  a  v in  v cc or gnd 2.3 to 2.7  20.0 quiescent supply current i cc v cc   (v in , v out )   3.6 v 2.3 to 2.7   20.0  a
TC74VCX16843FT 2001-10-17 6 dc characteristics (ta         40 to 85c, 1.8 v          v cc     2.3 v) characteristics symbol test condition v cc (v) min max unit h-level v ih  1.8 to 2.3 0.7
v cc  input voltage l-level v il  1.8 to 2.3  0.2
v cc v i oh   100  a 1.8 v cc  0.2  h-level v oh v in  v ih or v il i oh   6 ma 1.8 1.4  i ol  100  a 1.8  0.2 output voltage l-level v ol v in  v ih or v il i ol  6 ma 1.8  0.3 v input leakage current i in v in  0 to 3.6 v 1.8   5.0  a 3-state output off state current i oz v in  v ih or v il v out  0 to 3.6 v 1.8   10.0  a  power-off leakage current i off v in , v out  0 to 3.6 v 0  10.0  a  v in  v cc or gnd 1.8  20.0 quiescent supply current i cc v cc   (v in , v out )   3.6 v 1.8   20.0  a
TC74VCX16843FT 2001-10-17 7 ac characteristics (ta         40 to 85c, input: t r     t f     2.0 ns, c l     30 pf, r l     500     ) characteristics symbol test condition v cc (v) min max unit 1.8 1.5 7.4 2.5  0.2 0.8 3.7 propagation delay time (d-q) t plh t phl figure 1, figure 2 3.3  0.3 0.6 3.0 ns 1.8 1.5 8.8 2.5  0.2 0.8 4.4 propagation delay time (le-q) t plh t phl figure 1, figure 2 3.3  0.3 0.6 3.5 ns 1.8 1.5 9.8 2.5  0.2 0.8 5.6 propagation delay time ( pr -q) t plh figure 1, figure 3 3.3  0.3 0.6 4.0 ns 1.8 1.5 9.2 2.5  0.2 0.8 4.6 propagation delay time ( clr -q) t phl figure 1, figure 3 3.3  0.3 0.6 3.7 ns 1.8 1.5 9.8 2.5  0.2 0.8 4.9 3-state output enable time t pzl t pzh figure 1, figure 4 3.3  0.3 0.6 3.8 ns 1.8 1.5 7.6 2.5  0.2 0.8 4.2 3-state output disable time t plz t phz figure 1, figure 4 3.3  0.3 0.6 3.7 ns 1.8 4.0  2.5  0.2 1.5  minimum pulse width (le, pr , clr ) t w (h) t w (l) figure 1, figure 2, figure 3  3.3  0.3 1.5  ns 1.8 2.5  2.5  0.2 1.5  minimum setup time t s figure 1, figure 2  3.3  0.3 1.5  ns 1.8 1.0  2.5  0.2 1.0  minimum hold time t h figure 1, figure 2  3.3  0.3 1.0  ns 1.8 4.0  2.5  0.2 3.0  minimum removal time t rem figure 1, figure 5  3.3  0.3 2.0  ns 1.8  0.5 2.5  0.2  0.5 output to output skew t oslh t oshl (note 11) 3.3  0.3  0.5 ns for c l  50 pf, add approximately 300 ps to the ac maximum specification. note 11: parameter guaranteed by design. (t oslh  |t plhm  t plhn |, t oshl  |t phlm  t phln |)
TC74VCX16843FT 2001-10-17 8 dynamic switching characteristics (ta     25c, input: t r     t f     2.0 ns, c l     30 pf, r l     500     ) characteristics symbol test condition v cc (v) typ. unit v ih  1.8 v, v il  0 v (note 12) 1.8 0.25 v ih  2.5 v, v il  0 v (note 12) 2.5 0.6 quiet output maximum dynamic v ol v olp v ih  3.3 v, v il  0 v (note 12) 3.3 0.8 v v ih  1.8 v, v il  0 v (note 12) 1.8  0.25 v ih  2.5 v, v il  0 v (note 12) 2.5  0.6 quiet output minimum dynamic v ol v olv v ih  3.3 v, v il  0 v (note 12) 3.3  0.8 v v ih  1.8 v, v il  0 v (note 12) 1.8 1.5 v ih  2.5 v, v il  0 v (note 12) 2.5 1.9 quiet output minimum dynamic v oh v ohv v ih  3.3 v, v il  0 v (note 12) 3.3 2.2 v note 12: parameter guaranteed by design. capacitive characteristics (ta     25c) characteristics symbol test condition v cc (v) typ. unit input capacitance c in  1.8, 2.5, 3.3 6 pf output capacitance c out  1.8, 2.5, 3.3 7 pf power dissipation capacitance c pd f in  10 mhz (note 13) 1.8, 2.5, 3.3 20 pf note 13: c pd is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load. average operating current can be obtained by the equation: i cc (opr)  c pd ? v cc ? f in  i cc /18 (per bit)
TC74VCX16843FT 2001-10-17 9 ac test circuit ac waveform figure 3 t plh , t phl , t w t plh t w (l) t w (l) t phl v m v m gnd v ih gnd v ih v ol v oh output (q) input ( clr ) input ( pr ) v m v m figure 2 t plh , t phl , t w , t s , t h t h (l) t s (l) 10% 90% v m v ih gnd v ih gnd v oh v ol t s (h) t h (h) t f 2.0 ns t r 2.0 ns 90% v m 10% v m v m t phl t plh v m t w (h) t plh t phl v m input (le) input (d) output (q) t r 2.0 ns t f 2.0 ns figure 1 parameter switch t plh , t phl open t plz , t pzl 6.0 v @v cc  3.3  0.3 v v cc
2 @v cc  2.5  0.2 v @v cc  1.8 v t phz , t pzh gnd 6.0 v or v cc
2 open gnd switch output measure c l  30 pf r l  500 r l r l c l
TC74VCX16843FT 2001-10-17 10 figure 4 t plz , t phz , t pzl , t pzh 90% 10% v ol 3.0 v or v cc gnd v ih v m t phz t pzh t r 2.0 ns v m gnd v oh outputs enabled v m t plz t pzl v y outputs disabled outputs enabled output enable control ( oe ) output (q) low to off to low output (q) high to off to high v x t f 2.0 ns figure 5 t rem v cc symbol 3.3  0.3 v 2.5  0.2 v 1.8 v v ih 2.7 v v cc v cc v m 1.5 v v cc /2 v cc /2 v x v ol  0.3 v v ol  0.15 v v ol  0.15 v v y v oh  0.3 v v oh  0.15 v v oh  0.15 v 90% 10% gnd v ih t r 2.0 ns v m t rem input ( clr , pr ) input (le) 90% 10% gnd v ih t f 2.0 ns v m
TC74VCX16843FT 2001-10-17 11 package dimensions weight: 0.25 g (typ.)
TC74VCX16843FT 2001-10-17 12  toshiba is continually working to improve the quality and reliability of its products. nevertheless, semiconductor devices in general can malfunction or fail due to their inherent electrical sensitivity and vulnerability to physical stress. it is the responsibility of the buyer, when utilizing toshiba products, to comply with the standards of safety in making a safe design for the entire system, and to avoid situations in which a malfunction or failure of such toshiba products could cause loss of human life, bodily injury or damage to property. in developing your designs, please ensure that toshiba products are used within specified operating ranges as set forth in the most recent toshiba products specifications. also, please keep in mind the precautions and conditions set forth in the ?handling guide for semiconductor devices,? or ?toshiba semiconductor reliability handbook? etc..  the toshiba products listed in this document are intended for usage in general electronics applications (computer, personal equipment, office equipment, measuring equipment, industrial robotics, domestic appliances, etc.). these toshiba products are neither intended nor warranted for usage in equipment that requires extraordinarily high quality and/or reliability or a malfunction or failure of which may cause loss of human life or bodily injury (?unintended usage?). unintended usage include atomic energy control instruments, airplane or spaceship instruments, transportation instruments, traffic signal instruments, combustion control instruments, medical instruments, all types of safety devices, etc.. unintended usage of toshiba products listed in this document shall be made at the customer?s own risk.  the products described in this document are subject to the foreign exchange and foreign trade laws.  the information contained herein is presented only as a guide for the applications of our products. no responsibility is assumed by toshiba corporation for any infringements of intellectual property or other rights of the third parties which may result from its use. no license is granted by implication or otherwise under any intellectual property or other rights of toshiba corporation or others.  the information contained herein is subject to change without notice. 000707eb a restrictions on product use


▲Up To Search▲   

 
Price & Availability of TC74VCX16843FT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X