Part Number Hot Search : 
STUS020 3QL60AQ SMB18C C270CHR H12N60 MHW72 2SB17061 LP660C
Product Description
Full Text Search
 

To Download SX300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.adata-group.com adata xpg SX300/premier pro sp300 datasheet features > applicable to intel? smart response technology > mtbf: 1,200,000 hours > complies with ata/atap1-7 standard > s.m.a.r.t feature supported > ncq command set supported > trim command supported > 3 ? year warranty > os compatibility: windows 7/windows xp/windows vista/ mac os x/linux specifications 24gb/32gb/64gb lsi sandforce sf-2141 sata 3gb/sec full-size msata multi-level cell (mlc) nand flash memory 50.95 x 30 x 4mm(l w t) 7g 0 c - 70 c - 40 c - 85 c 1500g/0.5ms 1,200,000 hours up to 55 bits correctable per 512-byte sector (bch) rohs, ce, fcc 3 years 64gb/128gb/256gb lsi sandforce sf-2281 sata 6gb/sec product model premier pro sp300 xpg SX300 xpg SX300 premier pro sp300 capacity form factor nand flash controller dimensions weight interface performance(max) operating storage temperature shock resistance mtbf ecc recovery certification warranty read: 550 mb/sec. write: 505 mb/sec. iops: 85,000 (maximum 4k random write) read: 280 mb/sec. write: 260 mb/sec. iops: 46,000 (maximum 4k random write)
www.adata-group.com adata xpg SX300/premier pro sp300 datasheet SX300 performance details: premier pro sp300 performance details: packaging information ordering information: 64gb 128gb 256gb write speed atto (mb/sec) read speed crystal disk mark (mb/sec) up to 550 up to 550 up to 550 up to 485 up to 500 up to 505 up to 370 up to 480 up to 500 write speed crystal disk mark (mb/sec) up to 85 up to 170 up to 180 maximum 4k random write iops iometer 65,000 80,000 85,000 read speed atto (mb/sec) capacity 24gb 32gb 64gb write speed atto (mb/sec) read speed crystal disk mark (mb/sec) up to 280 up to 280 up to 280 up to 230 up to 260 up to 260 up to 180 up to 200 up to 250 write speed crystal disk mark (mb/sec) up to 35 up to 45 up to 95 maximum 4k random write iops iometer 44,500 46,000 41,000 read speed atto (mb/sec) capacity seq. read & write speed test by as ssd benchmark and atto. random read & write speed test by iometer 2010 (queue depth of 32; write cache enabled) iops test utility: iometer (queue depth of 32; write cache enabled) the system conditions and test environment may affect test results pcs/carton type weight dimensions SX300 sp300 25g 25g 133 x 79 x 14mm 133 x 79 x 14mm 80 80 cuft 0.97 0.97 carton gross weight 3.03kg 3.03kg carton dimensions 420 x 330 x 200mm 420 x 330 x 200mm adata part no. capacity 64 gb 128 gb 256 gb aSX300s3-64gm-c aSX300s3-128gm-c aSX300s3-256gm-c ean code 4713435795248 4713435795224 4713435795255 product: xpg SX300 adata part no. capacity 24 gb 32 gb 64 gb asp300s-24gm-c asp300s-32gm-c asp300s-64gm-c ean code 4713435795262 4713435795231 4713435795279 product: premier pro sp300


▲Up To Search▲   

 
Price & Availability of SX300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X