Part Number Hot Search : 
SL431 P3N60 FPF1015 203D1 BRF10 2SK25031 SOD4001 A1105
Product Description
Full Text Search
 

To Download SOM-AB5500-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  specifcations form factor 3.5" form factor compatible models advantech com-express mini module (84 x 55 mm) display lvds lvds (spec. depends on com module) vga 1 port. (spec. depends on cpu module) dual display lvds + crt ethernet interface 10/100/1000 mbps controller gbe lan1 (spec. depends on cpu module) connector rj-45 x 1 audio chipset alc 892 amplifer yes. (2w) expansion mini pcie 1 rear i/o vga 1 ethernet 1 usb 2 (usb 2.0) serial 1 (com1 supports rs-232) internal connector lvds 1 lvds usb 3 x usb 2.0 serial 3 x rs-232 (tx/rx only) sata 2 sdio 1 gpio 8-bit (from com-express mini module) smart battery 2 spi 1 i 2 c 1 (from com-express mini module) can bus 1 power power type atx/ at mode +12v, +5vsb environment operating temperature 0 ~ 60 c (32 ~ 140 f) operating humidity 0% ~ 90% relative humidity, non-condensing mechanical dimensions 146 x 102mm (5.7" x 4") som-ab5500 com-express mini application board ? supports com-express mini module at 3.5" form-factor ? supports smart battery control ? display type: vga, lvds ? expansion: 1 mini pcie, lpc ? 4 coms, 2 sata, 5 usb 2.0, can bus, 1 gigabit lan sd card lpc usb usb lan com1 vga lvds gpio bat sata x 2 com2-4 i2c can new computer on modules features all product specifications are subject to change without notice last updated : 5-mar-2013
ordering information part no. compatible model lvds crt giga lan hd audio com sdio can bus mini pcie usb 2.0 sata lpt smart battery operating temp. SOM-AB5500-00A1E som-7564 series yes yes 1 yes 4 1 1 1 5 2 yes 2 0 ~ 60 c som-ab5500 ch7022a com-express mini som-7564 lvds connector giga lan connector lpc bus connector alc892 line-in, line-out, mic 1 mini pci card 1 usb pcie x1 lpc ltc1760 i 2 c battery 1 battery 2 vin dc 12v top cliff 1 full rs-232 can bus header i 2 c header usb host 2 sata sd card spi connector sdvo lvds pcie x1 5 usb usb connector 3 internal 2 external 3 rs-232 tx/rx smbus smbus gpio spi wdt crt www.advantech.com/products online download block diagram


▲Up To Search▲   

 
Price & Availability of SOM-AB5500-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X