Part Number Hot Search : 
GBJ1510 FN3630 STD9N10L 1006C UML2N 52000 G6201 S3101
Product Description
Full Text Search
 

To Download SMA51201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  136 i d -v ds characteristics (typical) i d -v gs characteristics (typical) r ds(on) -i d characteristics (typical) re (yfs) -i d characteristics (typical) r ds(on) -t c characteristics (typical) capacitance-v ds characteristics (typical) i dr -v sd characteristics (typical) safe operating area (soa) p t -t a characteristics characteristic curves sma5112 (t a =25 c) symbol ratings unit v dss 250 v v gss 20 v i d 7a i d( pulse ) 15 ( pw 1ms, du 1% )a e as *55mj 4 ( ta=25 c, with all circuits operating, without heatsink )w 35 ( tc=25 c,with all circuits operating, with infinite heatsink )w j-a 31.2 ( junction-air, ta=25 c, with all circuits operating ) c/w j-c 3.57 ( junction-case, tc=25 c, with all circuits operating ) c/w tch 150 c tstg C 40 to +150 c * : v dd =25v, l=2.0mh, i d =7a, unclamped, r g =50 ? , see fig. e on page 15. p t (t a =25 c) symbol unit conditions v ( br)dss 250 v i d =100 a, v gs =0v i gss 100 na v gs = 20v i dss 100 av ds =250v, v gs =0v v th 2.0 4.0 v v ds =10v, i d =1ma re ( yfs ) 2.5 5.0 s v ds =10v, i d =3.5a r ds(on) 0.4 0.5 ? v gs =10v, i d =3.5a ciss 450 pf v ds =10v, f=1.0mhz, coss 280 pf v gs =0v td ( on ) 20 ns i d =3.5a, t r 30 ns v dd 100v, td (off) 55 ns r l =28.6 ? , v gs =10v, t f 75 ns see fig. 3 on page 16. v sd 1.0 1.5 v i sd =7a, v gs =0v t rr 600 ns i sd = 100ma specification min typ max 2 3 4 8 7 5 6 9 10 12 11 1 02468 0 3 2 1 4 5 7 6 10 v ds (v) i d (a) 6v 5.5v 5v 4.5v v gs =4v 10v 0246 0 3 4 5 2 1 6 7 8 v gs (v) i d (a) (v ds =10v) 1 2 5 c t c = C 40 c 2 5 c 04 3 2 15 0 0.3 0.2 0.1 0.4 0.5 6 i d (a) r ds (on) ( ? ) 7 (v gs =10v) 0.05 0.5 0.1 0.3 1 0.5 5 10 i d (a) re (yfs) (s) 7 5 1 (v ds =10v) t c = C 40 c 25 c 125 c C 40 0 1.0 0.8 0.4 0.6 0.2 t c ( c) r ds (on) ( ? ) 150 100 50 0 i d =3.5a v gs =10v 020 10 30 10 5 2 100 50 500 1000 2000 40 50 v ds (v) capacitance (pf) ciss coss crss v gs =0v f=1mhz 0 0.5 1.0 1.5 0 4 3 2 1 5 6 7 v sd (v) i dr (a) v gs =0v 5.10v 10 5 3 500 100 50 0.1 0.05 1 0.5 5 10 20 v ds (v) i d (a) 1m s 1 0 m s (1sh ot) 1 0 0 s r ds (on) limited i d (pulse) max (t c =25 c) 25 30 35 40 20 15 10 5 0 with silicone grease natural cooling all circuits operating 0 50 100 150 t a ( c) p t (w) w ith infinite heatsink without heatsink n-channel 3-phase dc motor 100v ac direct drive external dimensions b ? ? ? sma absolute maximum ratings  equivalent circuit diagram electrical characteristics


▲Up To Search▲   

 
Price & Availability of SMA51201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X