Part Number Hot Search : 
MC14012B CMBTH10 2SD25 LD1206 MAX1115 SW12400E GBJ20G 15010
Product Description
Full Text Search
 

To Download SD206G-034-00003N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .500 12.70 .220 5.59 1.338 33.99 .010 .625 15.88 .176 4.47 max. panel ( .521 13.23 ) .625 hex. 1/2-28unef-2a catalog p/n: 206g-034-00003n notes: unless otherwise specified 1. material specifications: body, nut, bkhd bushing: brass per astm b16 contact: beryllium copper per astm b196 insulator: teflon per astm d1710 ce insulator: ultem1000 lockwasher: phosphor bronze per astm b103 2. finish specifications: center contact: .000030 min gold per astm b488 over .000080 min nickel per ams-qq-n-290(rohs). body, lockwasher: .000100min nickel per ams-qq-n-290 over copper flash per astm b734 (rohs) contact: .000030 min. gold per astm b488, over nickel per ams-qq-n-290 (rohs) all other metal parts: .000050 min nickel per ams-qq-n290 over .000050 min copper per astm b734 (rohs) 3. lockwasher, nut shipped loose. 4. electrical specifications impedance: 75 ohms frequency range: dc - 4.5 ghz return loss: 20 db min 5. compliant to smpte 424m (3g-sdi) standard recommended mounting hole .500 12.70 .220 5.59 a bnc to 1.0/2.3, 75 ohm f-f, bkhd, isolated adapter (rohs compliant) cy bb 06/07/12 by date appd released per er042252 description a rev 02/17/12 gsa date approved xx/xx/xx xxx date approved 02/17/12 dcam date approved 02/12/12 cy date drawn customer sales drawing per asme y14.5m-1994 unless otherwise specified: dimensions are in inches [mm] tolerances: decimal: .xx [x.x] .01 [0.3] .xxx [x.xx] .005 [0.13] .xxxx [x.xxx] .xxxx angles: 2 scale: 3:1 sht rev of a 1 1 SD206G-034-00003N winchester electronics corporation 62 barnes industrial road north wallingford, connecticut 06492 third angle dmf026 b


▲Up To Search▲   

 
Price & Availability of SD206G-034-00003N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X