Part Number Hot Search : 
BP60460 DS1225AB E004225 390KB SN74LS20 TXN0512 PS120 66302
Product Description
Full Text Search
 

To Download SA2132 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SA2132 hangzhou?silan?microelectronics?co.,ltd ?????rev:?2.3??????2005.12.29 http:?www.silan.com.cn?????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?1?of?8 block?diagram absolute?maximum?ratings ?(t a =25 c) characteristic symbol value unit supply?voltage v cc 8 v power?dissipation p d ?(note?1) 750 mw operating?temperature t opr -25~75 c storage?temperature t stg -55~150 c note?1:?detected?above?t a =?25 c?in?the?proportion?of??6mw/ c?for?SA2132. am/fm?radio?receiver dip-16-300-2.54 sop-16-225-1.27 description SA2132?is?am/fm?radio?ic?(fm?f/e+am/fm?if)?which?is?designed?for am/fm?radios. fm?local?oscillation?voltage?is?set?up?low?relativity,?for?new?fcc. features *?for?new?fcc *?am?detector?coil,?fm?ift,?if?coupling?condenser?are?not?needed. * ?for?adopting?ceramic?discriminator,?it?is?not?necessary?to?adjust?the fm?quad?detector?circuit. *?built?in?varactor?diode?for?afc *?low?supply?current:?(v cc =3v,?t a =25 c) i ccq ?(fm)=7.3ma?(typ.) i ccq ?(am)=3.6ma?(typ.) *?operating?supply?voltage?range:?v cc =1.8~7v?(t a =25 c) ordering?information device package SA2132 dip-16-300-2.54 SA2132s sop-16-225-1.27 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 am rf fm/am fm?osc am?osc fm?det af buff amif am?det fmif fm?mix am?mix agc fmrf am?rf?in fm?rf?out am/fm?sw fm?osc am?osc afc det?out quad fm?rf?in rf?gnd mix?out agc v cc fm?if?in gnd am?if?in
SA2132 hangzhou?silan?microelectronics?co.,ltd ?????rev:?2.3??????2005.12.29 http:?www.silan.com.cn?????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?2?of?8 electrical?characteristics ?(unless?otherwise?specified,?t a =25c,?v cc =3?v,f/e?:?f=98mhz,?fm=1 khz?fm?if?:?f=10.7mhz, d f?= 75?khz,?fm=?1khz?am?:?f=1?mhz,?mod=30%,?fm=1?khz) note:?this?characteristics?measure?in?test?circuit?2,?others?measure?in?test?circuit?1. pin?configuration 16 15 14 13 12 11 10 9 1 2 3 4 5 6 7 8 fm?rf?in rf?gnd mix?out agc vcc gnd afc am?osc fm?osc am / fm?sw fm?rf?out am?rf?in det?out quad am?if?in fm?if?in s a 2 1 3 2 characteristic symbol test?condition min. typ. max. unit i cc ?(fm) fm?mode, v in =0 -- 7.3 11.0 supply?current i cc (am) am?mode,?v in =0 -- 3.6 7.0 ma input?limiting?voltage v in (lim)? -3db?limiting?point -- 10 -- db m v emf quiescent?sensitivity qs s/n=40db -- 15 -- db m v emf f/e local?osc?voltage v osc note ?f osc ?=108?mhz -- 130 -- mv rms input?limiting?voltage v in (lim)?if -3db?limiting?point 38 43 48 db m v emf fm?if recovered? output voltage v od v in ?=?80db m v?emf 180 240 300 mv rms signal?to?noise?ratio s/n v in ?=?80db m v?emf -- 72 -- db total?harmonic?distortion thd? v in ?=?80db m v?emf -- 0.5 -- % fm?if am?rejection?ratio amr?v in ?=?80db m v?emf -- 60 -- db voltage?gain gv v in ?=?28db m v?emf 20 38 75 mv rms recovered? output voltage v od v in ?=?60db m v?emf 55 80 110 mv rms signal?to?noise?ratio s/n v in ?=?60db m v?emf -- 41 -- db am total?harmonic?distortion thd? v in ?=?60db m v?emf -- 1.0 -- %
SA2132 hangzhou?silan?microelectronics?co.,ltd ?????rev:?2.3??????2005.12.29 http:?www.silan.com.cn?????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?3?of?8 pin?description dc?voltage?(v) pin?no symbol internal?circuit am fm 1 fm?rf?in 16 1 2 1k ? 60?pf rfgnd 0 0.8 2 rf? gnd? (gnd? for? fm rf,?fm?osc?stage) - 0 0 3 mix?out v cc 5 2 8 3 fm mix rf?gnd gnd am mix 3.0 2.9 4 agc? (fm? if? level output) v cc gnd 5 4 8 20k ? 100k ? 1k ? 5k ? 1k ? (agc) (if?level) 0 0 5 vcc?(vcc?for?am,?fm if?stage) - 3.0 3.0 6 fm?if?in v cc gnd 5 6 8 330 ? 3.0 3.0 7 am?if?in gnd 7 8 3k ? 3k ? 2.3 2.6 8 gnd? (gnd? for? am, fm?if?stage) - 0 0 9 quad v cc gnd 5 8 9 2.5 2.2 (to?be?continued)
SA2132 hangzhou?silan?microelectronics?co.,ltd ?????rev:?2.3??????2005.12.29 http:?www.silan.com.cn?????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?4?of?8 (continued) dc?voltage?(v) pin?no symbol internal?circuit am fm 10 det?out 5 a 8 b 10 750 ? fm am v cc a low???????fm,high??????am b low??????am,high??????fm gnd 1.0 0.9 11 afc 11 2 -- -- 12 am?osc 12 5 8 v cc gnd 3.0 3.0 13 fm?osc 13 14 2 rf?gnd 3.0 3.0 14 am/fm?sw ??sw?condition v14=vcc ? fm v14=open ? am ?vcc?for?fm?rf,?fm osc?stage 8 14 gnd -- 3.0 15 fm?rf?out cf?-pin?1 3.0 3.0 16 am?rf?in 5 gnd 16 8 v cc agc 3.0 3.0
SA2132 hangzhou?silan?microelectronics?co.,ltd ?????rev:?2.3??????2005.12.29 http:?www.silan.com.cn?????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?5?of?8 test?circuit (1) 1 2 3 4 5 6 7 8 16 15 14 13 12 9 11 10 cr v cc ?=?3?v 0.033 - f 220 - f SA2132 bpf ~ ~ ~ 330pf t1 l2 0.033 - f fm am l1 2k ? 0.022 - f 75 ? 75 ? am?rf?in vin 4700pf 0.033 - f 22k ? det?out 2.2 - f 1k ? 0.01 - f cf 2 cf 1 4.7 - f 330 ? t2 fm?rf?in 75 ? vin fm-if?in vin 50 ? 270 ? bpf:?gfwb7?(soshin?electric?co.,?ltd.) cf 1 :?sfe10.7ma5?(murata?co.,?ltd.) cf 2 :?sfu455b?( murata?co.,?ltd.) cr:???cda10.7?mg92c?(murata?co.,?ltd.) am fm test?circuit?( 2) 1 2 3 4 5 6 7 8 16 15 14 13 12 9 11 10 v cc ?=?3?v 0.033 - f 220 - f SA2132 220 - f 0.1 - f 5pf 47 0 k ? 1 k ? 2sk161 47 0 k ? (note) gnd fm?osc monitor 8v 0.01 - f l2 note?:?fet?buff?voltage?gain @ ?0db
SA2132 hangzhou?silan?microelectronics?co.,ltd ?????rev:?2.3??????2005.12.29 http:?www.silan.com.cn?????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?6?of?8 coil?data turns coil?no. test freq. l ( m h) co (pf) qo 1-2 2-3 1-3 1-4 4-6 wire (mm) reference l1?fm?rf? 100mhz? -- -- 79 -- -- -- 2 2 1 -- 0.16uew toko?co.,?ltd. 666snf-305nk l2?fm?osc 100mhz? -- -- 76 -- -- -- 2 -- 0.16uew toko?co.,?ltd. 666snf-306nk t1?am?osc 796khz 268 -- 65 19? 95? -- -- -- 0.05uew toko?co.,?ltd. 5pnr-5146y t2?am?ift ? 455khz -- 470 60 -- -- 109 -- 7 0.05uew toko?co.,?ltd. 5plg-5147x 3 1 3 1 3 1 3 1 2 3 1 3 1 3 3 1 6 1 4 2 4 6 l 1 :?fm?rf l 2 :?fm?osc t 1 :?am?osc t 2 :?am?if v cc pin 4 v cc am?c.f. fm?c.f. pin 20 typical?application?circuit 1 2 3 4 5 6 7 8 16 15 14 13 12 9 11 10 SA2132 fm?rf?in mix?out agc v cc fm?if?in am?if?in gnd quad det?out afc fm?osc am/fm?sw fm?rf?out am?rf?out am?osc rf?gnd ant l1 c3 30p c1 30p 3.5~4.5 c2 30p c4 0.02 - c5 100 - / 10v r1 150k r2 330 c6 10 - / 10v cf1 10.7mhz cf2 455khz r3 150k c7 20p out r4 22k c8 0.01 - c9 0.02 - c10?140p 2 . 5 ~ 4 . 5 l 3 c11?30p pvc fm am l2 3.5~4.5 c13??22p v cc c12 0.02 -
SA2132 hangzhou?silan?microelectronics?co.,ltd ?????rev:?2.3??????2005.12.29 http:?www.silan.com.cn?????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?7?of?8 package?outline dip-16-300-2.54 unit:?mm 6 . 3 5 0 . 2 5 4 . 3 6 m a x 3 . 0 0 m i n 7 . 6 2 0 . 2 5 0 . 0 5 sop-16-225-1.27 unit:?mm


▲Up To Search▲   

 
Price & Availability of SA2132

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X