Part Number Hot Search : 
C123J D227EI 2SJ337 DA3B182 MIC47050 TDA8034 M54617P NJM2232A
Product Description
Full Text Search
 

To Download SA2104 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?1?of?13 block?diagram 3v?am/fm+mpx?tuner?ic(for?digital?tuning?system) sdip-24-300-1.778 ssop-24-300-0.65 description the? SA2104/SA2104s? are? single- chip? tuner? ics? that? incorporate fm/am?and?mpx?circuits,?which?are?designed?for?portable?radios?and?3v headphone?radios. the? SA2104/SA2104s? are? suitable? for? digital tuning? system applications.?fm?local?oscillation?voltage?is?set?up?low?relativity,?for?new fcc. features *?operating?supply?voltage?range:?v cc =1.8~10v?(t amb =25 c) *?for?new?fcc *?fm/am?and?mpx?integrated?in?a?single-chip. *?build?in?fm/am?if?count?buffer. fm:?1.3375mhz?(1/8?dividing) am:?450khz *?build?in?mute?circuit?for?if?count?output?according?to?field?strength. *?build?in?fm?mpx?vco?circuit *?build?in?fm/am?osc?buffer?output?for?dts?applications. *?build?in?am?low?cut?circuit *?build?in?stereo?indicator. *?low?supply?current.?(v cc =3v,?t amb =25 c) i ccq ?(fm)=11.0ma?(typ.) i ccq ?(am)=7.5ma?(typ.) ordering?information part?no. package SA2104 sdip-24-300-1.778 SA2104s ssop-24-300-0.65
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?2?of?13 maximum?ratings (t amb =25 c) parameter symbol rating unit maximum?supply?voltage v cc 14 v indicator?drive?current i led 10 ma indicator?voltage v led 8 v SA2104 1200 power?dissipation SA2104s p d ?(note) 500 mw operating?temperature t opr -20~+70 c storage?temperature t stg -40~+125 c note:?derated?above?tamb=25 c?in?the?proportion?of?9.6mw/ c?for?SA2104?of?4mw/ c?for?SA2104s. electrical??characteristics (unless?otherwise?specified,?t amb =25c,?v cc =3v,?f/e?:?f=98?mhz, fm=1?khz?,fm?if?:?f=10.7?mhz, d f?= 22.5?khz,?fm=?1?khz?.?am?:?f=1?mhz,?mod=30%,?fm=1?khz.?mpx:?fm=1khz) (to?be?continued) parameter symbol test?condition min. typ. max. unit i cc(fm) ?v in =0,?fm?mode -- 11.0 18 quiescent?current i cc(am) ?v in =0,?am?mode -- 7.5 14 ma input?limiting?voltage v in(lim) v in =60?db m v??emf -3db?limiting -- 10 -- db m v emf f/e local? osc buffer output?voltage v osc ?(buff) fm fosc=108.7mhz 23 35 -- mvrms input?limiting?voltage v in(lim) ?if v in =80db m v?emf -3db?limiting 35 38 47 db m v emf recovered?output?voltage v od ?v in =80db m v?emf 200 270 300? mvrms signal?to?noise?ratio s/n v in =80db m v?emf -- 75 -- db total?harmonic?distortion thd? v in =80db m v?emf -- 0.3 -- % am?rejection?ration amr?v in =80db m v?emf -- 60 -- db if?count?output frequency f if ?(fm) v in =80db m v?emf sw7:?on 1.3373 1.3375 1.3377 mhz if?count?output?voltage v if ?(fm) v in =80db m v?emf sw7:?on 200 260 -- mvp-p fm if if?count?output?sensitivity if?sens (fm) sw7:?on 40 45 50 db m v emf gain gv v in =27db m v?emf 20 38 70 mvrms recovered?output?voltage v od ?v in =60db m v?emf 60 90 120? mvrms signal?to?noise?ratio s/n v in =60db m v?emf -- 41 -- db total?harmonic?distortion thd? v in =60db m v?emf -- 0.7 -- % local? osc? buffer? output voltage v osc (buff) am fosc=1.45mhz 44 66 -- mvrms if?count?output?voltage v if ?(am) v in =60db m v?emf,?sw7:?on 200 250 -- mvp-p am if?count?output?sensitivity if?sens (am) sw7:?on 38 43 48 db m v emf
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?3?of?13 (continued) coil?data turns coil?no. test?freq. l ( m h) co (pf) qo 1-2 2-3 1-3 1-4 4-6 wire (mm ? ) l1?fm?rf 100mhz -- -- 79 -- -- -- 2 2 1 -- 0.16uew l2?fm?osc 100mhz -- -- 76 -- -- -- 2 -- 0.16uew t1?am?osc 796khz 268 -- 65 19 95 -- -- -- 0.05uew t2?am?ift 455khz -- 470 60 -- -- 109 -- 7 0.05uew parameter symbol test?condition min. typ. max. unit fm?mode -- 0.75 -- pin?(17)?output?resistance r17 am?mode -- 15.5 -- k w input?resistance rin? -- -- 55 -- k w output?resistance rout? -- -- 5 -- k w max.? composite? signal input?voltage vin?max (stereo) l+r=90%,?p=10%, sw3:? lpf? on? fm=1khz, thd=3% -- 700 -- mvrms fm=100hz -- 44 -- fm=1khz 35 44 -- separation sep l+r=180mvrms, p=20mvrms sw3:?lpf?on fm=10khz -- 44 -- db monaural thd (monaural) vin=200mvrms -- 0.3 -- total harmonic distortion stereo thd (stereo) l+r=180mvrms, p=20mvrms?sw3:?lpf?on -- 0.3 -- % voltage?gain gv vin=200mvrms -2.7 -1.2 0.2 db channel?balance c.b.? vin=200mvrms -1.5 0 1.5 db on vl?(on) -- 10 14 stereo led sensitivity off vl?(off) pilot?input(19khz) 5 8 -- mvrms stereo?led?hysteresis vh to? led? turn? off? from? led turn?on -- 2 -- mvrms capture?range c.r.? p=15mvrms -- 8 -- % mpx signal?to?noise?ratio s/n? vin=200mvrms -- 80 -- db muting?attenuation mute? vin=200mvrms -- 80 -- db
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?4?of?13 pin?configuration r f g n d f m r f i n m i x o u t v c c a m i f i n f m i f i n g n d a g c l p f 2 i f r e q s t l e d o s c o u t a m o s c l p f 1 m p x i n d e t o u t f m r f o u t f m o s c a m r f i n r f v c c l - o u t a m l o w c u t r - o u t q u a d pin?descriptions?and?quiescent??voltage pin?voltage?(typ.)?(v) pin no. symbol pin?description internal?circuit am fm 1 rf?gnd gnd?for?fm?osc?stage -- 0 0 2 fm-rfin fm-rf?input?pin. 0 0.8 3 am? low cut am? low? frequency? cut? down pin 1.0 -- 4 mix?out am/fm?mixer?output?pin. 3.0 0.5 5 vcc vcc?for?am,?fm?if,?fm mpx?stage -- 3.0 3.0 (to?be?continued)
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?5?of?13 (continued) pin?voltage?(typ.)?(v) pin no. symbol pin?description internal?circuit am fm 6 amif?in amif?input?pin. 2.3 2.5 7 fmif?in fmif?input. 3.0 3.0 8 gnd gnd?for?am,?fm?if,?fm mpx?stage. -- 0 0 9 agc auto?gain?control?pin. 0 0 10 quad fm?quad 2.5 2.2 11 12 r-out l-out right/left? channel? output port. 1.2 1.2 13 lpf2 lpf?terminal?for?phase detector bias?terminal?for?am/fm?sw circuit?v13=gnd ? am v13=open ? fm 0 2.2 (to?be?continued)
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?6?of?13 (continued) pin?voltage?(typ.)?(v) pin no. symbol pin?description internal?circuit am fm 14 lpf1 lpf?terminal?for synchronous?detector vco?stop?terminal v14=gnd ? vco?stop 0.7 2.4 15 mpx?in mpx?input?pin. 0.7 0.7 16 det?out fm/am?detector?output?pin. 1.0 0.9 17 if?req am/fm?if?output?pin. -- -- 18 st?led stereo?indicator. -- -- 19 osc?out am/fm?oscillator?output?pin. 4 0 0 ? 2.8 2.7 20 am?osc am?oscillator?input?pin. 3.0 3.0 21 fm?osc fm?oscillator?input?pin. 3.0 3.0 (to?be?continued)
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?7?of?13 (continued) pin?voltage?(typ.)?(v) pin no. symbol pin?description internal?circuit am fm 22 am?rf?in am?rf?input?pin. 3.0 3.0 23 rf?v cc (v cc ?for?fm?osc?stage) -- 3.0 3.0 24 fm?rf?out fm?rf?output?pin. 3.0 3.0 function?description application?note: 1. am?low-cut?circuit when?pin3?is?open,?no?af?signal?can?pass?through?the?amp?stage?because?of?the?common?mode. when?the?value?of?c3?that?connected?to?pin3?is?over?1uf,?all?af?signal?can?pass?through?the?amp?stage. the?cut-off?frequency?fl?is?determined?by?the?internal?resistance?22k w ?(typ.)?and?the?external?capacitor?c3?as below: c3 x 3 10 ?x 22 ?x ? ?x 2 1 f l = (hz) it? is? possible? to? reduce? the? recovered? output? level? at? am? mode,? by? additional? resistance? between? the? pin? (3) and?gnd?line. 2. fm?detection?circuit recommended?circuit?and?recommended?coil?are?as?follows.?(test?frequency?is?10.7m)
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?8?of?13 v cc 10 15pf 51pf q=45 3. fm/am?switch?and?forced?monaural?switch. mode vpin13 vpin14 am low?(vth=0.2v(typ.),?ith?30 m a(typ.)) / fm open / stereo / open forced?monaural / low(vth=0.2v(typ.),?ith?30 m a(typ.)) test?circuit
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?9?of?13 electrical?characteristics?curves
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?10?of?13 electrical?characteristics?curves ?(continued) r e s p o n s e ( d b ) t o t a l h a r m o n i c d i s t o r t i o n t h d ( % ) r e c o v e r e d o u t p u t v o l t a g e v o d ( m v r m s ) t o t a l h a r m o n i c d i s t o r t i o n t h d ( % ) i f c o u n t s e n s i t i v i t y i f s e n s ( d b - v e m f ) a m o s c b u f f e r o u t p u t v o l t a g e v o s c ( b u f f ) a m ( m v r m s ) i f c o u n t o u t p u t v o l t a g e v i f ( m v p - p ) i f c o u n t s e n s i t i v i t y i f s e n s ( d b - v e m f ) r e c o v e r e d o u t p u t v o l t a g e v o d ( d b ) s e p a r a t i o n s e p . ( d b ) t o t a l h a r m o n i c d i s t o r t i o n t h d ( % ) r e c o v e r e d o u t p u t v o l t a g e v o d ( d b ) s u p p l y c u r r e n t i c c q ( m a ) i f c o u n t o u t p u t v o l t a g e v i f ( m v p - p )
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?11?of?13 characteristics?curves ?(continued)
SA2104/SA2104s hangzhou?silan?microelectronics?co.,ltd rev:2.0 2004.07.31 http:?www.silan.com.cn????????????????????????????????????????????????????????????????????????????????????????????????????????????????????????page?12?of?13 package?outline sdip-24-300-1.778 unit:?mm ssop-24-300-0.65 unit:?mm


▲Up To Search▲   

 
Price & Availability of SA2104

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X