Part Number Hot Search : 
SSIK212 RN1103F SCR6C60 68732LA MAX1401 STTH106 BC550 74HC160N
Product Description
Full Text Search
 

To Download S1A050000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  c 2004 cosmo electronics corporation http://www .cosmo-ic.com 50 coil ratings (at 20 ) parameter rating coil resistance 500 ( 10%) nominal coil voltage 5 vdc maximun continuous voltage 10 vdc must operate 3.75 vdc must release 1.0 vdc rated current 10 ma electrical characteristics parameter rating contact resistance 100 m (max) operate time 0.5 ms(max) bounce time 0.5 ms(max) release time 0.2 ms(max) insulation resistance (100vdc ) 10 11 (min) power 10 va(max) switching voltage 200 vdc(max) switching current 0.5 a(max) carry current 1.0 a(max) breakdown voltage ( across open contact ) 250 vdc(min) ( between coil & contact ) 1000 vdc(min) life expectancy (signal level) 10 8 operating temp -40 to 85 storage temp -40 to125 resonant frequency 3.5 khz v ibration ( 10-2000hz ) 20 g (max) minimum permissible load 100 mvdc 10 g a S1A050000 reed relay features 1. epoxy molded single in line package. 2. mounting space reduced by one half as compared with dip. 3. automatic insertion compatible. 4. completely washable. 5. interface directly with ttl logic. 6. diode & magnetic shield are available. outside dimension:unit (mm) schematic:top view   v v unit unit  v r ul 60950 (file no.e108430)


▲Up To Search▲   

 
Price & Availability of S1A050000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X