Part Number Hot Search : 
HSU276A 100262 IRL3705 IDT72131 S3C70F4 254112MA STR715FR IDT7203
Product Description
Full Text Search
 

To Download RIBBONCABLE Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  .035 for .050 pitch thickness .94mm for 1mm pitch a a b b specifications electrical insulation resistance: 200 meg @ 500vdc dielectric strength: 450 volts/mil (17.7kv/mm) dielectric constant: 2.8 (nominal) environmental temperature rating: -65c to 260c moisture rating: submersible vacuum rating: 5 x 10 -5 torr ? outgassing: 0.24 %tml, 0.02 %cvcm ? radiation: 10 7 roentgens (exposure) acid resistance: good ozone resistance: outstanding oil resistance: good flame resistance: good water/steam resistance: excellent (including salt and diw) alcohol resistance: good toxins: halogen-free mechanical minimum bend radius: 0.4 durometer rating: shore a, 65 tensile strength: 6.5 mpa (psi) tear strength: 18 kn/m approvals ul recognizedfile #e324413, ce notes 1. cicoil cable can exceed this rating when specified 2. cicoil outgassed cables are nasa rated for space applications (nasa outgassing spec 1124) specify ribbon cables by part number and l ength in feet. ribbon cables are maintained in stock for immediate delivery. cable with prepared ends or assemblies with connectors are produced to order with minimum lead times. .050 pitch no. of conductors width (a)-inches span (b)-inches part number 10 0.50 0.45 310j101-10 14 0.70 0.65 310j101-14 16 0.80 0.75 310j101-16 20 1.00 0.95 310j101-20 26 1.30 1.25 310j101-26 28 1.40 1.35 310j101-28 30 1.50 1.45 310j101-30 34 1.70 1.65 310j101-34 40 2.00 1.95 310j101-40 44 2.20 2.15 310j101-44 50 2.50 2.45 310j101-50 60 3.00 2.95 310j101-60 64 3.20 3.15 310j101-64 1mm pitch no. of conductors width (a)-mm span (b)-mm part number price per foot 10 10.00 9.00 666k101-10 16 16.00 15.00 666k101-16 20 20.00 19.00 666k101-20 26 26.00 25.00 666k101-26 30 30.00 29.00 666k101-30 34 34.00 33.00 666k101-34 40 40.00 39.00 666k101-40 44 44.00 43.00 666k101-44 50 50.00 49.00 666k101-50 flexibility ultra flex, tinned copper wire conductors, and flexible silicone make cicoils ribbon cables highly flexible, with a bend radius as small as 0.4 inches in flexing applications. also the cables can be folded over for static applications. long life rated for millions of cycles in flexing applications. extreme environments silicone rubber cables operate from -65c to 260c, including exposure to water, steam, salt, and most chemicals. the cables are ideal for clean room use, and they can also be used in vacuum environments. fire resistant cables are fire resistant, as they meet the ul-94 vertical flame standard, as well as other fire standards. cicoils ribbon cables are constructed using ultra high flex 28 awg, finely stranded wire, and our exclusive silicone extrusion process for a strong, flexible, clear cable. our ribbon cables meet the standard ribbon cable dimensions, and they can be used with any standard insulation displacement connectors (idc). the wire spacing (pitch) is set at .050 for the english version, or 1mm for the metric version. ribbon cables speci?cations are nominal speci?cations and pricing are subject to change #0300 4/10 2.5m l e a d f r e e rohs compliant cicoil sm $jdpjmt"wfovf5jccjuut 7bmfodjb $"ttxxxdjdpjmdpn iso/as9100 certified


▲Up To Search▲   

 
Price & Availability of RIBBONCABLE

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X