Part Number Hot Search : 
67401ANL LT553 SM104 NSC5009B PJS6400 TLRO4420 D0Z14GN 74HC273P
Product Description
Full Text Search
 

To Download PVR1300N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet no. pd 10055-c series pvr13n microelectronic power ic hexfet ? power mosfet photovoltaic relay dual-pole, normally-open 0-100v ac/dc, 360ma general description the pvr13 series ac/dc relay is a dual-pole, normally open, solid-state replacement for electromechanical relays used for general purpose switching of analog signals. it utilizes international rectifier?s hexfet power mosfets as the output switches, driven by an integrated circuit photovoltaic generator of novel construction. the output switch is controlled by radiation from a gaalas light emitting diode (led), which is optically isolated from the photovoltaic generator. the pvr13 series overcomes the limitations of both conventional electromechanical and reed relays by offering the solid state advantages of long life, fast operating speed, low pick up power, bounce-free operation, low thermal offset voltages and miniature package. these advantages allow product improvement and design innovations in many applications such as process control, multiplexing, automatic test equipment and data acquisition. the pvr13 can switch analog signals from thermocouple level to 100 volts peak ac or dc polarity. signal frequencies into the rf range are easily controlled and switching rates up to 450hz are achievable. the extremely small thermally generated offset voltages allow increased measurement accuracies. these relays are packaged in 16-pin, molded dip packages and available with thru-hole leads, in plastic shipping tubes. applications ! process control ! data acquisition ! test equipment ! multiplexing and scanning features ! bounce-free operation ! 10 10 off-state resistance ! 1,000 v/ sec dv/dt ! 0.2 v thermal offset ! 5 ma input sensitivity ! 1,500 v rms i/o isolation ! solid-state reliability part identification PVR1300N pvr1301n (hexfet is the registered trademark for international rectifier power mosfets) www.irf.com 1
series pvr13n 2 www.irf.com electrical specifications (-40 c t a +85 c unless otherwise specified ) general characteristics units dielectric strength: input-output 1500 v rms insulation resistance: input-output @ 500v dc 10 12 ? maximum capacitance: input-output 1.0 pf maximum lead soldering temperature (1.6mm below seating plane for 10 sec.) 260 c ambient temperature range: operating -40 to +85 c storage -40 to +100 input characteristics units minimum control current a connection (see figure 1) dc for 400 continuous load current 2.0 ma@25c for 360 continuous load current 5.0 ma@40c for 250 continuous load current 5.0 ma@85c minimum turn-off current 10 a(dc) minimum turn-off voltage 0.6 v(dc) control current range (caution: current limit input led. see figure 6) 2.0 to 25 ma(dc) maximum reverse v oltage 7.0 v(dc) output characteristics units operating voltage range 100 v (peak) maxiumum load current 40c i led = 5ma (see figure 1) ac (a connection) 360 ma (peak) dc (b connection) 420 ma (dc) dc (c connection) 660 ma (dc) response time @25c (see figures 7 and 8) maximum t (on) @ 12ma control, 100 ma load, 100 vdc 150 s maximum t (off) @ 12ma control, 100 ma load, 100 vdc 125 s maximum on-state resistance 25c (pulsed) (fig. 2) 50 ma load, 5ma control ac (a connection) 5 ? dc (b connection) 3.0 ? dc (c connection) 1.5 ? minimum off-state resistance 25c @ 80 vdc pvr1300 10 8 ? @ 80 vdc pvr1301 10 10 ? maximum thermal offset voltage @ 5.0ma control 0.2 volts minimum off-state dv/dt 1000 v/s typical output capacitance (see figure 9) 12 pf @ 50vdc international rectifier does not recommen d the use of this product in aerospace, avionics, military or life support applica tion s. users of this international rectifier product in such applications assume all risks of such use and indemnify international rectifier against all damages resulting from such use.
series pvr13n www.irf.com 3 figure 1. current derating curve r d(on) (normalized to 25 o c) ambient temperature (c) figure 2. typical normalized on-resistance 5 ma control l d = 50 ma figure 3. typical on-characteristic a connection load current (ma) v dd (volts) a connection i led = 5ma, forced air pulsed, 25oc 600 550 500 450 400 350 300 250 200 150 100 50 0 25 o c 40 o c 60 o c 85 o c 0.0 0.5 1.0 1.5 2.0 2.5 figure 4. typical on-characteristic c connection v dd (volts) load current (ma) 85o c pulsed, 25oc i led = 5ma, forced air c connection 0.0 0.5 1.0 1.5 2.0 2.5 85 o c 25 o c 40 o c 60 o c 1.3 1.2 1.1 1.0 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 max. load current (ma) ambient temperature (c) 900 800 700 600 500 400 300 200 100 0 c connection a connection i led = 5ma b c onnect i on 0 20 40 60 80 100
series pvr13n 4 www.irf.com figure 7.typical delay times figure 8. delay time definitions i led (ma) figure 6. input characteristics (current controlled) input current (ma) led forward voltage drop (volts dc) i d off/i d off 25c figure 5. typical normalized off-state l eakage ambient temperature (c) delay time ( s) 10 100 1000 0 5 10 15 20 ton tdly toff
series pvr13n www.irf.com 5 wiring diagram schematic diagram figure 9. typical output capacitance v dd drain-to-drain voltage typical capacitance (pf) 0 20 40 60 80 100 120 140 160 180 200 220 0 102030405 0 c connection a connection
series pvr13n 6 www.irf.com ir world headquarters: 233 kansas st., el segundo, california 90245 tel: (310) 252-7105 data and specifications subject to change without notice. 10/17/2003 case outline 01-2012 00


▲Up To Search▲   

 
Price & Availability of PVR1300N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X