Part Number Hot Search : 
CY62128 X7R22 101KA11 AD8137 SFA1608G 50RIA20 BZX84C 84C30
Product Description
Full Text Search
 

To Download PT2253A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  princeton technology corp . tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw electronic volume controller ic PT2253A PT2253A v 2.6 page 1 revised october 1999 description PT2253A is an electronic volume controller ic utilizing cmos technology specially designed for use on audio equipments. it has two (2) built-in channels making it ideally suitable for mono and stereo sound applications. PT2253A provides a wide frequency response range and a very low harmonic distortion to mention a few; thereby guaranteeing a highly effective and reliable performance. features ! cmos technology ! low power consumption ! operating voltage range : vcc = 6 ~ 12 v (backup voltage is up to 4 v) ! 0db to -68db attenuation controlled by 2db/step ! 2 channels in each chip ! capable to control attenuation by a built-in oscillator and up/down pin ! single power supply or dual power supplies of (+) and (-) can be used ! wide frequency response range ! very low harmonic distortion ! available in 16 pin, dip package applications ! audio equipment volume control ! traditional vr replacement
princeton technology corp . tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw electronic volume controller ic PT2253A PT2253A v 2.6 page 2 revised october 1999 pin configuration 1 2 3 4 5 6 7 8 16 15 14 13 12 11 10 9 vss l-out1 l-in1 a-gnd l-in2 l-out2 in h dco vcc r-out1 r-in1 a-gnd r-in2 r-out2 u/d osc PT2253A order information valid part number package type PT2253A 16 pins, dip
princeton technology corp . tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw electronic volume controller ic PT2253A PT2253A v 2.6 page 3 revised october 1999 application circuit 1 dual power supply (l-channel only) vss l-out1 l-in1 a-gnd l-in2 l-out2 inh dco vcc r-out1 r-in1 a-gnd r-in2 r-out2 u/d osc PT2253A 10uf + 10uf + + 4.7 cx 100k rs 33k rx 1n4148 + 1uf 1n4148 down sw up sw input ground output lm358 + _ 10uf vss -6v 10k 10uf vdd +6v 3 4 2 8 1 fosc = 1 (0.7)(cx)( rx) rs 3rx + +
princeton technology corp . tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw electronic volume controller ic PT2253A PT2253A v 2.6 page 4 revised october 1999 application circuit 2 dual power supply (l-channel only) vss l-out1 l-in1 a-gnd l-in2 l-out2 inh dco vcc r-out1 r-in1 a-gnd r-in2 r-out2 u/d osc PT2253A 10uf + 10uf + 4.7 cx 100k rs 33k rx 1n4148 1uf 1n4148 down sw up sw input ground output lm358 10uf vss -6v 10k 10uf vdd +6v 3 4 0.15uf 51k 68pf 110k 2 8 1 fosc = 1 (0.7)(cx)( rx) rs 3rx + + note: since the buffer amp between att-1 and att-2 is already 10db voltage gain, higher input level may cause op amp?s output clipping. to avoid unwanted distortion, the input signal level applied at in-1 should not be over 1 vrms.
princeton technology corp . tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw electronic volume controller ic PT2253A PT2253A v 2.6 page 5 revised october 1999 application circuit 3 single power supply vss l-out1 l-in1 a-gnd l-in2 l-out2 in h dco vcc r-out1 r-in1 a-gnd r-in2 r-out2 u/d osc 10uf 10uf 10uf 10uf + + + + - - + + 4 4 2 6 3 5 1 7 lm 358 lm 358 8 8 input (left channel) c1 c2 c3 c4 output (left channel) vcc + 100uf 10k 10k vcc PT2253A vcc (6 ~ 12v) 0.1uf input (right channel) o utput (righ t c h annel) 1 2 in4148 in4148 33k 2 2 2 2 1 2 1uf + vcc + 4.7uf 100k up key
princeton technology corp . tel: 886-2-29162151 fax: 886-2-29174598 url: http://www.princeton.com.tw electronic volume controller ic PT2253A PT2253A v 2.6 page 6 revised october 1999 application circuit 4 single power supply vss l-out1 l-in1 a-gnd l-in2 l-out2 inh dco vcc r-out1 r-in1 a-gnd r-in2 r-out2 u/d osc 10uf 10uf 10uf 10uf + + + + - - + + 4 4 2 6 3 5 1 7 68pf 68pf 110k 110k lm 358 lm358 0.15uf 0.15uf 51k 51k 8 8 input (left channel) c1 c2 c3 c4 output (left ch annel) vcc + 100uf 10k 10k vcc PT2253A vcc (6 ~ 12v) 0.1uf input (right channel) output (right c hannel) 1 2 in4148 in4148 33k 2 2 2 2 1 1uf + vcc + 4.7uf 100k up key note: since the buffer amp between att-1 and att-2 is already 10db voltage gain, higher input level may cause op amp?s output clipping. to avoid unwanted distortion, the input signal level applied at in-1 should not be over 1 vrms.


▲Up To Search▲   

 
Price & Availability of PT2253A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X