mmbta05 thru mmbta06 npn small signal general purpose amplifier transistors features ? epitaxial planar die construction ? complementary pnp types available (mmbta55/mmbta56) ? ideal for medium power amplification and switching. v ceo collector-emitter voltage mmbta05 mmbta06 60 80 v v cbo collector-base voltage mmbta05 mmbta06 60 80 v v ebo emitter-base voltage 4.0 v i c collector current-continuous 500 ma p d power dissipation* 300 mw r ja thermal resistance, junction to ambient 357 k/w t j operating junction temperature -55 to +150 t stg storage temperature -55 to +150 electrical characteristics @ 25 unless otherwise specified symbol parameter min max units off characteristics v (br)ceo collector-emitter breakdown voltage (i c =1.0madc, i b =0) mmbta05 mmbta06 60 80 --- --- vdc v (br)ebo emitter-base breakdown voltage (i e =100 adc, i c =0) 4.0 --- vdc i cbo collector cutoff current (v cb =60vdc, i e =0) mmbta05 (v cb =80vdc, i e =0) mmbta06 --- --- 0.1 0.1 adc adc i ces emitter cutoff current (v ce =60vdc, i b =0) mmbta05 (v ce =80vdc, i b =0) mmbta06 --- --- 0.1 0.1 adc adc on characteristics h fe dc current gain (v ce =1.0vdc, i c =10madc) (v ce =1.0vdc, i c =100madc) 100 100 --- --- v ce(sat) collector-emitter saturation voltage (i c =100madc, i b =10madc) --- 0.25 vdc v be(on) base-emitter on voltage (i c =100madc, ib=10madc) --- 1.2 vdc f t current-gainbandwidth product (i c =10madc, v ce =2.0vdc, f=100mhz) 100 --- mhz * valid provided that terminals are kept at ambient temperature.. suggested solder pad layout dimensions inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 .098 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 inches mm .031 .800 .035 .900 .037 .950 .037 .950 k sot-23 revision: a 2011/01/01 omp onents 20736 marilla street chatsworth
m c c tm micro commercial components e b c x markin g: mmbta05:1h/k1h mmbta06:1gm/k1g lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1 m a x i m u m r a t i n g s s y m b o l r a t i n g r a t i n g u n i t www. mccsemi .com 1 of 4
typical characteristics mmbta05 m c c tm micro commercial components www. mccsemi .com revision: a 2011/01/01 2 of 4
typical characteristics m c c tm micro commercial components revision: a 2011/01/01 3 of 4 www. mccsemi .com mmbta06
m c c revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 4 of 4 3 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-tp tape&reel;3kpcs/reel
|