Part Number Hot Search : 
TSH22I SW12900E D271K 1N4738CG KBPC251 AT45D TLP3502A D271K
Product Description
Full Text Search
 

To Download MIOE-DB2000-00A1E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  mioe-db2000 specifcations form factor epic compatible models mio-2262 display vga 1 dp/hdmi 1 dp or hdmi (hdmi supported by request) storage sata with power 1 (connect to 2.5" hdd) rear i/o ethernet 1 x rj45 vga 1 dp/hdmi 1 (hdmi supported by request) usb 6 x usb2.0 led power, hdd power button 1 reset button 1 hd audio line in, line out serial 2 x rs-232 (esd protection for rs-232: air gap 15kv, contact 8kv) dc power jack 1 (default 2x2pin power connector, dc jack supported by request) internal i/o i 2 c 1 smbus 1 inverter 1 gpio 8-bit general purpose input/output lpc 1 expansion pcie x1 slot 1 mini pci express 1 (full-size) sim card holder 1 mioe connector 1 64pin connector 2 power independent power voltage single +12v dc in environment operation 0 ~ 60 c (32 ~ 140 f) (operational humidity: 40 c @ 95% rh non-condensing) non-operational -40 c ~ 85 c and 60 c @ 95% rh non-condensing mechanical dimensions (l x w) 115 x 165 mm (4.5" x 6.5") weight 0.25 kg (0.55 lb), weight of total package evaluation board for mio-2262 ? complete and flexible interface for verifcation ? expedite customers carrier board development ? all circuit design follow mi/o extension design guide ? use standard epic form factor ? interface: 1 x dp, 1 x pcie, 1 x minipcie, 1 x sim holder, 6 x usb 2.0, 1 x lpc, 1 x smbus, 1 x i 2 c, 1 x hd audio line in, 1 x hd audio line out, 1 x sata with power, 8-bit gpio, pwr/hdd led, pwr/reset button, inverter, +12v power in line in usb line out rs-232 mioe lpc pcie x1 power button reset button dp/hdmi usb dc power inverter smbus i 2 c gpio hdd/power led lan vga sata new mi/o extension sbc features all product specifications are subject to change without notice last updated : 21-jan-2013
mioe-db2000 ordering information part no. dp/hdmi vga gbe pcie x1 rs-232 full-size mini pcie sim holder sata ii lpc smbus i 2 c usb 2.0 audio mioe power conn. MIOE-DB2000-00A1E 1 1 1 1 2 1 1 1 1 1 1 es es 2x2 pin hdmi and dc ac supported by reuest packing list part no. description quantity MIOE-DB2000-00A1E ealuation board or mio-222 1 rear i/o view optional accessories part no. description mio-222n-sa1e mio-222 n200 sbc mio-222n-sa1e mio-222 n200 sbc note 1 : supported by request vga lan 2 usb pcie (note 1) dp or hdmi usb 2.0 pcie x 1 slot minipcie slot (with sim holder) 2 usb lpc header sata ii 300mb/s mio-2262 sbc gpio header line in line out 2 rs-232 2 usb i 2 c wafer smbus wafer sata with power 64 pin connector b (smbus, i 2 c, power button, hdd led, power led, 2 x usb2.0, 8-bit gpio, hd audio line in/out, 2 rs-232) 64 pin connector a (12v dc input, inverter, vga, 2 x usb2.0, gbe w/ led) mioe (3 x usb 2.0, 2 x pcie x1, lpc, hd audio line-out, smbus, dp or hdmi supported by request, 5 vsb/12 vsb output) 8-bit gpio hd audio usb 2.0 rgb pcie usb 2.0 www.advantech.com/products online download block diagram


▲Up To Search▲   

 
Price & Availability of MIOE-DB2000-00A1E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X