Part Number Hot Search : 
MB96350 2J224 DS142 LTC421 SCS717F E9300A GBPC1201 21M10
Product Description
Full Text Search
 

To Download MC74HCT374ADTR2G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2011 may, 2011 ? rev. 11 1 publication order number: mc74hct374a/d mc74hct374a octal 3-state noninverting d flip-flop with lsttl-compatible inputs high ? performance silicon ? gate cmos the mc74hct374a may be used as a level converter for interfacing ttl or nmos outputs to high ? speed cmos inputs. the hct374a is identical in pinout to the ls374. data meeting the setup and hold time is clocked to the outputs with the rising edge of clock. the output enable does not af fect the state of the flip ? flops, but when output enable is high, the outputs are forced to the high ? impedance state. thus, data may be stored even when the outputs are not enabled. the hct374a is identical in function to the hct574a, which has the input pins on the opposite side of the package from the output pins. this device is similar in function to the hct534a, which has inverting outputs. features ? output drive capability: 15 lsttl loads ? ttl/nmos ? compatible input levels ? outputs directly interface to cmos, nmos, and ttl ? operating voltage range: 4.5 to 5.5 v ? low input current: 1.0  a ? in compliance with the jedec standard no. 7.0 a requirements ? chip complexity: 276 fets or 69 equivalent gates ? improvements over hct374 ? improved propagation delays ? 50% lower quiescent power ? improved input noise and latchup immunity ? these devices are pb ? free and are rohs compliant http://onsemi.com marking diagrams hct 374a alyw   see detailed ordering and shipping information in the package dimensions section on page 2 of this data sheet. ordering information 20 1 hct374a awlyywwg pdip ? 20 n suffix case 738 1 20 1 20 mc74hct374an awlyywwg 20 1 74hct374a awlyywwg 20 1 soeiaj ? 20 f suffix case 967 soic ? 20 dw suffix case 751d tssop ? 20 dt suffix case 948e 1 20 1 20 1 20 a = assembly location wl, l = wafer lot yy, y = year ww, w = work week g or  = pb ? free package (note: microdot may be in either location)
mc74hct374a http://onsemi.com 2 logic diagram data inputs d0 11 clock d1 d2 d3 d4 d5 d6 d7 18 17 14 13 8 7 4 3 1 output enable 19 q0 q1 q2 q3 q4 q5 q6 q7 16 15 12 9 6 5 2 pin 20 = v cc pin 10 = gnd noninverting outputs pin assignment function table inputs output output enable clock d q lhh lll l l,h, x no change hxxz x = don?t care z = high impedance q2 d1 d0 q0 output enable gnd q3 d3 d2 q1 5 4 3 2 1 10 9 8 7 6 14 15 16 17 18 19 20 11 12 13 q6 d6 d7 q7 v cc clock q4 d4 d5 q5 ?????????? ?????????? design criteria ???? ???? ??? ??? ?????????? ?????????? internal gate count* ???? ???? ??? ??? ?????????? ?????????? ???? ???? ??? ??? ?????????? ?????????? ???? ???? ??? ???  w ?????????? ?????????? ???? ???? ??? ??? ? input nand gate. ordering information device package shipping ? mc74hct374ang pdip ? 20 (pb ? free) 1440 units / box mc74hct374adwg soic ? 20 (pb ? free) 38 units / rail mc74hct374adwr2g soic ? 20 (pb ? free) 1000 units / reel MC74HCT374ADTR2G tssop ? 20* 2500 units / reel mc74hct374afelg soeiaj ? 20 (pb ? free) 2000 units / reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *this package is inherently pb ? free.
mc74hct374a http://onsemi.com 3 ??????????????????????? ??????????????????????? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? v cc ?????????????? ?????????????? ????? ????? ??? ??? ???? ?????????????? ????? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 20 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 35 ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? 75 ??? ??? ???? ???? ???? ?????????????? ?????????????? ?????????????? ????? ????? ????? ??? ??? ??? ???? ???? ?????????????? ?????????????? ????? ????? ??? ???  c ???? ???? ???? ?????????????? ?????????????? ?????????????? ????? ????? ????? ??? ??? ???  c maximum ratings are those values beyond which device damage can occur. maximum ratings applied to the device are individual stress limit values (not normal operating conditions) and are not valid simultaneously. if these limits are exceeded, device functional operation is not implied, damage may occur and reliability may be affected. ?derating ? plastic dip: ? 10 mw/  c from 65  to 125  c soic package: ? 7 mw/  c from 65  to 125  c tssop package: ? 6.1 mw/  c from 65  to 125  c recommended operating conditions ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? v cc ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ???  c ???? ???? ?????????????? ?????????????? ??? ??? ??? ??? ??? ??? dc electrical characteristics (voltages referenced to gnd) ???? ???? ???? ???? symbol ?????????? ?????????? ?????????? ?????????? ????????? ????????? ????????? ????????? ??? ??? ??? ??? ?????????? ?????????? ?? ?? ?? ?? ???? ???? ????  c ???? ???? ????  85  c ???? ???? ????  125  c ???? ???? v ih ?????????? ?????????? ? level input voltage ????????? ?????????  20  a ??? ??? ???? ???? ???? ???? ???? ???? ?? ?? ???? ???? ???? ?????????? ?????????? ?????????? ? level input voltage ????????? ????????? ?????????  20  a ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ?? ???? ???? ???? ???? ?????????? ?????????? ?????????? ?????????? ? level output voltage ????????? ?????????  20  a ??? ??? ???? ???? ???? ???? ???? ???? ?? ?? ?? ?? ????????? ????????? ?????????  6.0 ma ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?????????? ?????????? ?????????? ?????????? ? level output voltage ????????? ?????????  20  a ??? ??? ???? ???? ???? ???? ???? ???? ?? ?? ?? ?? ????????? ????????? ?????????  6.0 ma ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?????????? ?????????? ????????? ????????? ??? ??? ???? ???? 0.1 ???? ???? 1.0 ???? ???? 1.0 ?? ??  a ???? ???? ???? ?????????? ?????????? ?????????? ? state leakage current ????????? ????????? ????????? ? impedance state v in = v il or v ih v out = v cc or gnd ??? ??? ??? ???? ???? ???? 0.5 ???? ???? ???? 5.0 ???? ???? ???? 10 ?? ?? ??  a ???? ???? ???? ?????????? ?????????? ?????????? ????????? ????????? ?????????  a ??? ??? ??? ???? ???? ???? ???? ???? ???? ???? ???? ???? ?? ?? ??  a ???? ???? ????  i cc ?????????? ?????????? ?????????? ????????? ????????? ?????????  a ??? ??? ??? ????? ????? ? 55  c ?????? ??????  c to 125  c ?? ?? ?? ma ????? ????? ?????? ??????  i cc . this device contains protection circuitry to guard against damage due to high static voltages or electric fields. however, precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high ? impedance cir- cuit. for proper operation, v in and v out should be constrained to the range gnd  (v in or v out )  v cc . unused inputs must always be tied to an appropriate logic voltage level (e.g., either gnd or v cc ). unused outputs must be left open.
mc74hct374a http://onsemi.com 4 ac electrical characteristics (v cc = 5.0 v 10%, c l = 50 pf, input t r = t f = 6.0 ns) ???? ???? ???? symbol ?????????????????? ?????????????????? ?????????????????? ???????????? ???????????? ?? ?? ?? ????? ?????  c ???? ????  85  c ????? ?????  125  c ???? ???? ???? f max ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ???? ???? ???? ????? ????? ????? ?? ?? ?? ???? ???? ?????????????????? ?????????????????? ????? ????? ???? ???? ????? ????? ?? ?? ???? ???? ???? ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ???? ???? ???? ????? ????? ????? ?? ?? ?? ???? ???? ???? ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ???? ???? ???? ????? ????? ????? ?? ?? ?? ???? ???? ?????????????????? ?????????????????? ????? ????? ???? ???? ????? ????? ?? ?? ???? ???? ?????????????????? ?????????????????? ????? ????? ???? ???? ????? ????? ?? ?? ???? ???? ???? ?????????????????? ?????????????????? ?????????????????? ? state output capacitance (output in high ? impedance state) ????? ????? ????? ???? ???? ???? ????? ????? ????? ?? ?? ?? typical @ 25 c, v cc = 5.0 v c pd power dissipation capacitance (per flip ? flop)* 65 pf * used to determine the no ? load dynamic power consumption: p d = c pd v cc 2 f + i cc v cc . timing requirements (v cc = 5.0 v 10%, input t r = t f = 6.0 ns) ???? ???? ???? symbol ?????????????????? ?????????????????? ?????????????????? ???????????? ???????????? ?? ?? ?? ????? ?????  c ???? ????  85  c ????? ?????  125  c ???? ???? ???? t su ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ???? ???? ???? ????? ????? ????? ?? ?? ?? ???? ???? ?????????????????? ?????????????????? ????? ????? ???? ???? ????? ????? ?? ?? ???? ???? ???? ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ???? ???? ???? ????? ????? ????? ?? ?? ?? ???? ???? ???? ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ???? ???? ???? ????? ????? ????? ?? ?? ??
mc74hct374a http://onsemi.com 5 switching waveforms figure 1. t r t f v cc gnd t thl t tlh 90% 1.3 v 10% 2.7 v 1.3 v 0.3 v clock t plh t phl q t w 1/f max 1.3 v 1.3 v 1.3 v output enable q t pzl t plz t pzh t phz 10% 90% 3 v gnd high impedance v ol v oh high impedance 1.3 v data clock 3 v 3 v gnd gnd valid t h t su 1.3 v figure 2. figure 3. q test circuits figure 4. expanded logic diagram c d0 d1 d2 d3 d4 d5 d6 d7 347813141718 q0 q1 q2 q3 q4 q5 q6 q7 256912151619 dq clock output enable 11 1 *includes all probe and jig capacitance c l * test point device under test output *includes all probe and jig capacitance c l * test point device under test output connect to v cc when testing t plz and t pzl connect to gnd when testing t phz and t pzh 1 k  figure 5. c dq c dq c dq c dq c dq c dq c dq
mc74hct374a http://onsemi.com 6 package dimensions pdip ? 20 n suffix case 738 ? 03 issue e notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: inch. 3. dimension l to center of lead when formed parallel. 4. dimension b does not include mold flash. m l j 20 pl m b m 0.25 (0.010) t dim min max min max millimeters inches a 25.66 27.17 1.010 1.070 b 6.10 6.60 0.240 0.260 c 3.81 4.57 0.150 0.180 d 0.39 0.55 0.015 0.022 g 2.54 bsc 0.100 bsc j 0.21 0.38 0.008 0.015 k 2.80 3.55 0.110 0.140 l 7.62 bsc 0.300 bsc m 0 15 0 15 n 0.51 1.01 0.020 0.040   e 1.27 1.77 0.050 0.070 1 11 10 20 ? a ? seating plane k n f g d 20 pl ? t ? m a m 0.25 (0.010) t e b c f 1.27 bsc 0.050 bsc soic ? 20 dw suffix case 751d ? 05 issue g 20 1 11 10 b 20x h 10x c l 18x a1 a seating plane  h x 45  e d m 0.25 m b m 0.25 s a s b t e t b a dim min max millimeters a 2.35 2.65 a1 0.10 0.25 b 0.35 0.49 c 0.23 0.32 d 12.65 12.95 e 7.40 7.60 e 1.27 bsc h 10.05 10.55 h 0.25 0.75 l 0.50 0.90  0 7 notes: 1. dimensions are in millimeters. 2. interpret dimensions and tolerances per asme y14.5m, 1994. 3. dimensions d and e do not include mold protrusion. 4. maximum mold protrusion 0.15 per side. 5. dimension b does not include dambar protrusion. allowable protrusion shall be 0.13 total in excess of b dimension at maximum material condition. 
mc74hct374a http://onsemi.com 7 package dimensions tssop ? 20 dt suffix case 948e ? 02 issue c dim a min max min max inches 6.60 0.260 millimeters b 4.30 4.50 0.169 0.177 c 1.20 0.047 d 0.05 0.15 0.002 0.006 f 0.50 0.75 0.020 0.030 g 0.65 bsc 0.026 bsc h 0.27 0.37 0.011 0.015 j 0.09 0.20 0.004 0.008 j1 0.09 0.16 0.004 0.006 k 0.19 0.30 0.007 0.012 k1 0.19 0.25 0.007 0.010 l 6.40 bsc 0.252 bsc m 0 8 0 8  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimension a does not include mold flash, protrusions or gate burrs. mold flash or gate burrs shall not exceed 0.15 (0.006) per side. 4. dimension b does not include interlead flash or protrusion. interlead flash or protrusion shall not exceed 0.25 (0.010) per side. 5. dimension k does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the k dimension at maximum material condition. 6. terminal numbers are shown for reference only. 7. dimension a and b are to be determined at datum plane ? w ? . 110 11 20 pin 1 ident a b ? t ? 0.100 (0.004) c d g h section n ? n k k1 jj1 n n m f ? w ? seating plane ? v ? ? u ? s u m 0.10 (0.004) v s t 20x ref k l l/2 2x s u 0.15 (0.006) t detail e 0.25 (0.010) detail e 6.40 0.252 --- --- s u 0.15 (0.006) t 7.06 16x 0.36 16x 1.26 0.65 dimensions: millimeters 1 pitch soldering footprint
mc74hct374a http://onsemi.com 8 package dimensions soeiaj ? 20 f suffix case 967 ? 01 issue a dim min max min max inches --- 2.05 --- 0.081 millimeters 0.05 0.20 0.002 0.008 0.35 0.50 0.014 0.020 0.15 0.25 0.006 0.010 12.35 12.80 0.486 0.504 5.10 5.45 0.201 0.215 1.27 bsc 0.050 bsc 7.40 8.20 0.291 0.323 0.50 0.85 0.020 0.033 1.10 1.50 0.043 0.059 0 0.70 0.90 0.028 0.035 --- 0.81 --- 0.032 a 1 h e q 1 l e  10  0  10  notes: 1. dimensioning and tolerancing per ansi y14.5m, 1982. 2. controlling dimension: millimeter. 3. dimensions d and e do not include mold flash or protrusions and are measured at the parting line. mold flash or protrusions shall not exceed 0.15 (0.006) per side. 4. terminal numbers are shown for reference only. 5. the lead width dimension (b) does not include dambar protrusion. allowable dambar protrusion shall be 0.08 (0.003) total in excess of the lead width dimension at maximum material condition. dambar cannot be located on the lower radius or the foot. minimum space between protrusions and adjacent lead to be 0.46 ( 0.018). h e a 1 l e q 1  c a z d e 20 110 11 b m 0.13 (0.005) e 0.10 (0.004) view p detail p m l a b c d e e l m z on semiconductor and are registered trademarks of semiconductor components industries, llc (scillc). scillc reserves the right to mak e changes without further notice to any products herein. scillc makes no warranty, representation or guarantee regarding the suitability of its products for an y particular purpose, nor does scillc assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. ?typical? parameters which may be provided in scillc data sheets and/or specifications can and do vary in different application s and actual performance may vary over time. all operating parameters, including ?typicals? must be validated for each customer application by customer?s technical experts. scillc does not convey any license under its patent rights nor the rights of others. scillc products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or sustain life, or for any other application in which the failure of the scillc product could create a sit uation where personal injury or death may occur. should buyer purchase or use scillc products for any such unintended or unauthorized application, buyer shall indemnify and hold scillc and its of ficers, employees, subsidiaries, af filiates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, direct ly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that scillc was negligent regarding the design or manufacture of the part. scillc is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. mc74hct374a/d publication ordering information n. american technical support : 800 ? 282 ? 9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81 ? 3 ? 5773 ? 3850 literature fulfillment : literature distribution center for on semiconductor p.o. box 5163, denver, colorado 80217 usa phone : 303 ? 675 ? 2175 or 800 ? 344 ? 3860 toll free usa/canada fax : 303 ? 675 ? 2176 or 800 ? 344 ? 3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your local sales representative


▲Up To Search▲   

 
Price & Availability of MC74HCT374ADTR2G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X