Part Number Hot Search : 
4LVCH LMV931 C120503 KT835 ZJ24B 0103M 93LC56A 24VDC
Product Description
Full Text Search
 

To Download IXFN120N20P Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2004 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 175 c 200 v v dgr t j = 25 c to 175 c; r gs = 1 m ? 200 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c 120 a i d(rms) external lead current limit 75 a i dm t c = 25 c, pulse width limited by t jm 300 a i ar t c = 25 c60a e ar t c = 25 c60mj e as t c = 25 c 2.0 j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss , 10 v/ns t j 175 c, r g = 4 ? p d t c = 25 c 714 w t j -55 ... +175 c t jm 175 c t stg -55 ... +175 c t l 1.6 mm (0.062 in.) from case for 10 s 300 c v isol 50/60 hz, t = 1 minute 2500 v~ m d mounting torque 1 .13/10 nm/lb.in. terminal connection torque 1 .13/10 nm/lb.in. weight 30 g g = gate d = drain s = source tab = drain ds99225(09/04) symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 250 a 200 v v gs(th) v ds = v gs , i d = 4 ma 2.5 5.0 v i gss v gs = 20 v dc , v ds = 0 100 na i dss v ds = v dss 25 a v gs = 0 v t j = 175 c 500 a r ds(on) v gs = 10 v, i d = 0.5 i d25 22 m ? pulse test, t 300 s, duty cycle d 2 % polarht tm power mosfet n-channel enhancement mode features z international standard package z unclamped inductive switching (uis) rated z low terminal inductance z low stray capacitance to heatsink (<35pf) z molding compound meets ul 94 v-o flammability classification advantages z easy to mount z space savings z high power density v dss = 200 v i d25 = 120 a r ds(on) 22 m ? ? ? ? ? t rr 220 ns ixfn 120n20p minibloc sot-227b (ixfn) e153432 advanced technical information either source terminal can be used as main or kelvin source g d s s
ixys reserves the right to change limits, test conditions, and dimensions. ixfn 120n20p symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 i d25 , pulse test 40 63 s c iss 6000 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 1300 pf c rss 265 pf t d(on) 30 ns t r v gs = 10 v, v ds = 0.5 v dss , i d = i d25 35 ns t d(off) r g = 3.3 ? (external) 100 ns t f 31 ns q g(on) 152 nc q gs v gs = 10 v, v ds = 0.5 v dss , i d = 0.5 i d25 40 nc q gd 75 nc r thjc 0.21 k/w r thck 0.05 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 120 a i sm repetitive 300 a v sd i f = i s , v gs = 0 v, 1.5 v pulse test, t 300 s, duty cycle d 2 % t rr i f = 25 a 120 ns i rm -di/dt = 100 a/ s6a q rm v r = 100 v 0.5 c ixys mosfets and igbts are covered by 4,835,592 4,931,844 5,049,961 5,237,481 6,162,665 6,404,065 b1 6,683,344 6,727,585 one or moreof the following u.s. patents: 4,850,072 5,017,508 5,063,307 5,381,025 6,259,123 b1 6,534,343 6,710,405b2 4,881,106 5,034,796 5,187,117 5,486,715 6,306,728 b1 6,583,505 6,710,463 sot-227b outline
? 2004 ixys all rights reserved fig. 2. extended output characteristics @ 25 o c 0 30 60 90 120 150 180 210 240 270 0246810121416 v d s - volts i d - amperes v gs = 10v 7v 6v 8v 9v fig. 3. output characteristics @ 150 o c 0 20 40 60 80 100 120 0123456 v d s - volts i d - amperes v gs = 10v 9v 8v 5v 6v 7v fig. 1. output characteristics @ 25 o c 0 20 40 60 80 100 120 0 0.5 1 1.5 2 2.5 v d s - volts i d - amperes v gs = 10v 9v 8v 7v 6v 5v fig. 4. r ds(on ) norm alized to 0.5 i d25 value vs. junction temperature 0.5 1 1.5 2 2.5 3 -50 -25 0 25 50 75 100 125 150 175 t j - degrees centigrade r d s ( o n ) - normalize d i d = 120a i d = 60a v gs = 10v fig. 6. drain current vs. case temperature 0 10 20 30 40 50 60 70 80 90 -50 -25 0 25 50 75 100 125 150 175 t c - degrees centigrade i d - amperes external lead current limit fig. 5. r ds(on) norm alized to 0.5 i d25 value vs. drain current 0.5 1 1.5 2 2.5 3 3.5 4 0 30 60 90 120 150 180 210 240 270 300 i d - amperes r d s ( o n ) - normalize d t j = 25 o c v gs = 10v t j = 175 o c v gs = 15v ixfn 120n20p
ixys reserves the right to change limits, test conditions, and dimensions. ixfn 120n20p fig. 11. capacitance 100 1,000 10,000 100,000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - picofarads c iss c oss c rss f = 1mhz fig. 10. gate charge 0 1 2 3 4 5 6 7 8 9 10 0 20 40 60 80 100 120 140 160 q g - nanocoulombs v g s - volts v ds = 100v i d = 60a i g = 10ma fig. 7. input admittance 0 30 60 90 120 150 180 44.5 55.5 66.5 77.5 88.5 v g s - volts i d - amperes t j = 150 o c 25 o c -40 o c fig. 8. transconductance 0 10 20 30 40 50 60 70 80 90 0 30 60 90 120 150 180 210 i d - amperes g f s - siemens t j = -40 o c 25 o c 150 o c fig. 9. source current vs. source-to-drain voltage 0 50 100 150 200 250 300 350 0.4 0.6 0.8 1 1.2 1.4 1.6 v s d - volts i s - amperes t j = 150 o c t j = 25 o c fig. 12. forw ard-bias safe operating area 10 100 1000 10 100 1000 v d s - volts i d - amperes 100s 1ms dc t j = 175 o c t c = 25 o c r ds(on) limit 10ms 25 s
? 2004 ixys all rights reserved fig. 13. m axim um trans ie nt the rm al re s is tance 0.01 0.10 1.00 1 10 100 1000 pulse width - milliseconds r ( t h ) j c - oc / w ixfn 120n20p


▲Up To Search▲   

 
Price & Availability of IXFN120N20P

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X