Part Number Hot Search : 
A5941 S595TRW ST9435A CY8C2 MUR110 16A60FC KBPC3 IDT713
Product Description
Full Text Search
 

To Download IXFN120N20 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved symbol test conditions maximum ratings v dss t j = 25 c to 150 c 200 v v dgr t j = 25 c to 150 c; r gs = 1 m ? 200 v v gs continuous 20 v v gsm transient 30 v i d25 t c = 25 c 120 a i dm t c = 25 c, pulse width limited by t jm 480 a i ar t c = 25 c 120 a e ar t c = 25 c64mj e as t c = 25 c3j dv/dt i s i dm , di/dt 100 a/ s, v dd v dss 5 v/ns t j 150 c, r g = 2 ? p d t c = 25 c 600 w t j -55 ... +150 c t jm 150 c t stg -55 ... +150 c t l 1.6 mm (0.063 in.) from case for 10 s - c v isol 50/60 hz, rms t = 1 min 2500 v~ i isol 1 ma t = 1 s 3000 v~ m d mounting torque 1.5/13 nm/lb.in. terminal connection torque 1.5/13 nm/lb.in. weight 30 g symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. v dss v gs = 0 v, i d = 3ma 200 v v gs(th) v ds = v gs , i d = 8ma 2 4 v i gss v gs = 20 v, v ds = 0 200 n a i dss v ds = v dss t j = 25 c 100 a v gs = 0 v t j = 125 c 2 ma r ds(on) v gs = 10 v, i d = 0.5 ? i d25 17 m ? note 1 ds96538d(03/03) ixfn 120n20 v dss = 200 v i d25 = 120 a r ds(on) = 17 m ? ? ? ? ? t rr 250 ns hiperfet tm power mosfets single mosfet die n-channel enhancement mode avalanche rated, high dv/dt, low t rr s g s d minibloc, sot-227 b (ixfn) e153432 g = gate d = drain s = source either source terminal at minibloc can be used as main or kelvin source features ? encapsulating epoxy meets ul 94 v-0, flammability classification ? international standard package ? minibloc, with aluminium nitride isolation ? low r ds (on) hdmos tm process ? rugged polysilicon gate cell structure ? unclamped inductive switching (uis) rated ? low package inductance ? fast intrinsic rectifier applications ? dc-dc converters ? battery chargers ? switched-mode and resonant-mode power supplies ? dc choppers ? temperature and lighting controls ? low voltage relays advantages ? easy to mount ? space savings ? high power density
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 symbol test conditions characteristic values (t j = 25 c, unless otherwise specified) min. typ. max. g fs v ds = 10 v; i d = 0.5 ? i d25 note 1 40 77 s c iss 9100 pf c oss v gs = 0 v, v ds = 25 v, f = 1 mhz 2200 pf c rss 1000 pf t d(on) 42 ns t r v gs = 10 v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 55 ns t d(off) r g = 1 ? (external), 110 n s t f 40 ns q g(on) 360 nc q gs v gs = 10 v, v ds = 0.5 ? v dss , i d = 0.5 ? i d25 50 nc q gd 160 nc r thjc 0.22 k/w r thck 0.05 k/w source-drain diode characteristic values (t j = 25 c, unless otherwise specified) symbol test conditions min. typ. max. i s v gs = 0 v 120 a i sm repetitive; 480 a pulse width limited by t jm v sd i f = i s , v gs = 0 v, note 1 1.5 v t rr 250 ns q rm 1.1 c i rm 13 a i f = 50a,-di/dt = 100 a/ s, v r = 100 v note: 1. pulse test, t 300 s, duty cycle d 2 % ixfn 120n20 minibloc, sot-227 b m4 screws (4x) supplied dim. millimeter inches min. max. min. max. a 31.50 31.88 1.240 1.255 b 7.80 8.20 0.307 0.323 c 4.09 4.29 0.161 0.169 d 4.09 4.29 0.161 0.169 e 4.09 4.29 0.161 0.169 f 14.91 15.11 0.587 0.595 g 30.12 30.30 1.186 1.193 h 38.00 38.23 1.496 1.505 j 11.68 12.22 0.460 0.481 k 8.92 9.60 0.351 0.378 l 0.76 0.84 0.030 0.033 m 12.60 12.85 0.496 0.506 n 25.15 25.42 0.990 1.001 o 1.98 2.13 0.078 0.084 p 4.95 5.97 0.195 0.235 q 26.54 26.90 1.045 1.059 r 3.94 4.42 0.155 0.174 s 4.72 4.85 0.186 0.191 t 24.59 25.07 0.968 0.987 u -0.05 0.1 -0.002 0.004
? 2003 ixys all rights reserved ixfn 120n20 fig. 2. extended output characteristics @ 25 deg. c 0 30 60 90 12 0 15 0 18 0 012345 v ds - volts i d - amperes v gs = 1 0v 9v 8v 5v 6v 7v fig. 3. output characteristics @ 125 deg. c 0 20 40 60 80 10 0 12 0 0 12345 v ds - volts i d - amperes v gs = 1 0v 9v 8v 7v 5v 6v fig. 1. output characteristics @ 25 deg. c 0 20 40 60 80 10 0 12 0 0 0.5 1 1.5 2 2.5 3 v ds - volts i d - amperes v gs = 1 0v 9v 8v 7v 5v 6v fig. 4. r ds(on) normalized to i d25 value vs. junction temperature 0.4 0.7 1 1. 3 1. 6 1. 9 2.2 2.5 -50 -25 0 25 50 75 100 125 150 t j - degrees centigrade r ds(on) - normalize d i d = 1 20a i d = 60a v gs = 1 0v fig. 6. drain current vs. case temperature 0 20 40 60 80 10 0 12 0 14 0 -50 -25 0 25 50 75 100 125 150 t c - degr ees centigr ade i d - amperes fig. 5. r ds(on) normalized to i d25 value vs. i d 0.7 1 1. 3 1. 6 1. 9 2.2 0 30 60 90 120 150 180 i d - amperes r ds(on) - normalized t j = 1 25oc t j = 25oc v gs = 1 0v
ixys reserves the right to change limits, test conditions, and dimensions. ixys mosfets and igbts are covered by one or more of the following u.s. patents: 4,835,592 4,881,106 5,017,508 5,049,961 5,187,117 5,486,715 6,306,728b1 4,850,072 4,931,844 5,034,796 5,063,307 5,237,481 5,381,025 ixfn 120n20 fig. 11. capacitance 10 0 1000 10000 0 5 10 15 20 25 30 35 40 v ds - volts capacitance - pf c iss c oss c rss f = 1 m hz fig. 10. gate charge 0 2 4 6 8 10 0 50 100 150 200 250 300 q g - nanocoulombs v gs - volts v ds = 1 00v i d = 60a i g = 1 0ma fig. 7. input admittance 0 30 60 90 12 0 15 0 3 3.5 4 4.5 5 5.5 6 6.5 v gs - volts i d - amperes t j = -40oc 25oc 1 25oc fig. 12. maximum transient thermal resistance 0.01 0.1 1 1 10 100 1000 pulse width - milliseconds r (th)jc - (oc/w) fig. 8. transconductance 0 20 40 60 80 10 0 12 0 0 30 60 90 120 150 180 i d - amperes g fs - siemens t j = 25oc fig. 9. source current vs. source-to-drain voltage 0 40 80 12 0 16 0 200 0.4 0.55 0.7 0.85 1 1.15 1.3 v sd - volts i s - amperes t j = 1 25oc t j = 25oc


▲Up To Search▲   

 
Price & Availability of IXFN120N20

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X