Part Number Hot Search : 
2SK2938 BC556BTA TS6114 1N4736 LTC3215 PC0802L 12A12 DTC123J
Product Description
Full Text Search
 

To Download IN74HC05A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  technical data IN74HC05A hex inverter with open-drain outputs ordering information IN74HC05An plastic IN74HC05Ad soic t a = -55 t o 125 c for all packages the in74hc 05a i s i d ent i cal i n pi nout t o t h e ls/ a ls05. the devi ce i nput s are com p at i b l e wi t h st andard c m os out put s; wi t h pul l up resi st ors, they are com p atible with ls/als ttl outputs. this device contains si x independent gates, each of which perform s t h e l ogi c inver t funct i on. the open-drai n out put s requi re ext e rnal pul l - up resi st ors for proper l ogi cal operat i on. they m a y be connect ed t o ot her open-drain outputs to im plem ent active-high wired-and functions. ? outputs directly interf ace to cmos, nmos, and ttl ? operat i ng vol t a ge r a nge: 2.0 t o 6.0 v ? low input c u rrent : 1.0 a ? high noise im m unity characteristic of cmos devices pin assignment logic diagram pin 14 =v cc pin 7 = gnd function table input s o u t put a y l z h l z = hi gh im pedance 1
IN74HC05A maximum ratings * sym b o l p a r a m e t e r valu e un i t v cc dc suppl y vol t a ge (referenced t o gnd) -0.5 t o +7.0 v v in dc input vol t a ge (referenced t o gnd) -1.5 t o v cc +1.5 v v out dc output voltage (referenced to gnd) -0.5 to v cc +0.5 v i in dc input c u rrent , per pi n 20 ma i out dc out put c u rrent , per pi n 25 ma i cc dc suppl y c u rrent , v cc and gnd pins 50 ma p d po wer dissip a tio n in still air, plastic dip ** soic package ** 750 500 mw tst g st orage tem p erat ure -65 t o +150 c t l lead tem p erat ure, 1 m m from c a se for 10 seconds (plastic dip or soic package) 260 c * m a xi m u m r a t i ngs are t hose val u es bey ond whi c h dam a ge t o t h e devi ce m a y occur. functional operation should be restricted to the reco m m e nded operating conditions. ** derating - plastic dip: - 10 m w / c from 65 t o 125 c soic package: - 7 m w / c from 65 t o 125 c recommended operating conditions sy m bol p a r a m e t e r m i n m a x uni t v cc dc suppl y vol t a ge (referenced t o gnd) 2.0 6.0 v v in , v out dc input vol t a ge, out put vol t a ge (referenced t o gnd) 0 v cc v t a operat i ng tem p erat ure, al l package ty pes -55 +125 c t r , t f input r i se and fal l ti m e (fi gure 1) v cc =2.0 v v cc =4.5 v v cc =6.0 v 0 0 0 1000 500 400 ns thi s devi ce cont ai ns prot ect i on ci rcui t r y t o guard agai ns t dam a ge due t o hi gh st at i c vol t a ges or el ect ri c fi el ds. however, precautions m u st be taken to avoid applications of any voltage highe r than m a xim u m rated voltages to this hi gh-i m pedance ci rcui t . for proper operat i on, v in and v out shoul d be const r ai ned t o t h e range gnd (v in or v out ) v cc . unused i nput s m u st al way s be t i e d t o an appropri a t e l ogi c vol t a ge l e vel (e.g., ei t h er gnd or v cc ). unused out put s m u st be l e ft open. 2
IN74HC05A dc electrical characteristics (voltages referenced to gnd) guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v cc v 25 c to -55 c 85 c 125 c un it v il low -level input vo ltag e v out = v cc or 0 v ? i out ? 0.5 a ( = -55 t o 25 c) ? i out ? 5.0 a ( = 85 c) ? i out ? 10 a ( = 125 c) 2.0 4.5 6.0 0.5 1.35 1.8 0.5 1.35 1.8 0.5 1.35 1.8 v v ih hi gh-level input vo ltag e v out 0.1 v ? i out ? 20 a 2.0 4.5 6.0 1.5 3.15 4.2 1.5 3.15 4.2 1.5 3.15 4.2 v v in =v ih ? i out ? 20 a 2.0 4.5 6.0 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 v in =v ih ? i out ? 4.0 m a 4.5 0.26 0.33 0.4 v ol low - level out put vo ltag e v in =v ih ? i out ? 5.2 m a 6.0 0.26 0.33 0.40 v i il input leakage current v il = g n d 6.0 - 0 . 1 - 1 . 0 - 1 . 0 a i ih input leakage current v ih =v cc 6.0 - 0 . 1 - 1 . 0 - 1 . 0 a i cc qui e scent suppl y current (per package) v il =gnd v ih =v cc i out =0 a 6.0 1 . 0 1 0 4 0 a i ozl three-state leakage current v in = v il or v ih v out = gnd 6.0 - 0 . 5 - 5 . 0 - 1 0 a i ozh three-state leakage current v in = v il or v ih v out = v cc 6.0 - 0 . 5 - 5 . 0 - 1 0 a 3
IN74HC05A ac electrical characteristics (c l =50pf,input t r =t f =6.0 ns) guaranteed lim it sy m bol p a r a m e t e r test c ondi t i o n s v cc v 25 c to -55 c 85 c 125 c un it t plz , t pzl propagat i on del a y , input a t o out put y (fi gures 1 and 2) v il = gnd v ih = v cc t lh = t hl = 6 ns c l = 50 pf 2.0 4.5 6.0 120 24 20 150 30 26 180 36 31 ns t thl out put transi t i on tim e , any output (fi gures 1 and 2) v il = gnd v ih = v cc t lh = t hl = 6 ns c l = 50 pf 2.0 4.5 6.0 75 15 13 95 19 16 110 22 19 ns c in input c a paci t a n c e 1 0 1 0 1 0 p f c out three-state output capacitance (out put i n hi gh- im pedance state) 1 0 1 0 1 0 p f power di ssi pat i on c a paci t a nce (per gat e ) typical @25 c,v cc =5.0 v c pd used t o det e rm i n e t h e no-l o ad dy nam i c power consum pt i on: p d =c pd v cc 2 f+i cc v cc 8 . 0 p f 4
IN74HC05A t pz l t pl z t r t f t ph l 10% 10% 90% 50% 10% 50% 90% gn d hig h im p e da nce v ol v cc inp u t ou tp u t y fi gure 1. sw i t chi n g waveforms v cc r pd te s t po i n t c* l ou tp u t de v i ce unde r te s t * inc l ud es al l pr obe an d j i g c apac i t a n c e figure 2. test circuit ou tp u t p r ot e c ti on dio d e v cc a y fi gure 3. e x panded l ogi c di agram (1/ 6 of the devi ce) 5
IN74HC05A n s u f f i x p l as t i c di p (m s - 0 0 1 a a ) sy m b o l m i n m a x a 18. 67 19. 69 b 6. 1 7 . 1 1 c 5. 33 d 0. 36 0. 56 f 1. 14 1. 78 g h j 0 10 k 2. 92 3. 81 no t e s : l 7. 62 8. 26 1. d i m e n s i o n s ?a ?, ?b ? d o n o t i n cl u d e m o l d f l as h o r p r o t r u s i o n s . m 0. 2 0 . 3 6 m a x i m u m m o l d f l a s h o r p r o t r u s i o n s 0. 25 m m ( 0 . 010) p e r s i d e . n 0. 38 d su f f i x so i c (m s - 0 1 2 a b ) sy m b o l m i n m a x a 8. 55 8. 75 b 3. 8 4 c 1. 35 1. 75 d 0. 33 0. 51 f 0. 4 1 . 2 7 g h j 0 8 no t e s : k 0. 1 0 . 2 5 1. d i m e n s i o ns a a n d b d o no t i n c l ud e m o l d f l a s h o r p r ot r u s i on . m 0. 19 0. 25 2. m a x i m u m m o l d f l a s h o r p r o t r u s i o n 0. 15 m m ( 0 . 006) p e r s i d e p 5. 8 6 . 2 fo r a ; fo r b ? 0. 25 m m ( 0 . 010) p e r s i d e . r 0. 25 0. 5 d i me n s i o n , mm 1. 27 5. 27 2. 54 7. 62 d i me n s i o n , mm a b h c k c m j f m p g d r x 4 5 se a t i n g pl an e 0.2 5 ( 0 . 0 10 ) m t -t - 1 14 7 8 a b f g d l h se a t i n g pl a n e n k 0.25 ( 0 . 010) m t m j -t - c 1 14 7 8 6


▲Up To Search▲   

 
Price & Availability of IN74HC05A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X