Part Number Hot Search : 
MHF20SGS MB95D108 X7R1C SMAJ18 BL0305 MB95130M 2N4124 DA101
Product Description
Full Text Search
 

To Download HD74HC668 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  HD74HC668/hd74hc669 synchronous up/down decade counter synchronous up/down 4-bit binary counter description this synchronous presettable decade counter features an internal carry look-ahead for cascading in high- speed counting applications. synchronous operation is provided by having all flip-flops clocked simultaneously so that the outputs change coincident with each other when so instructed by the count- enable inputs and internal gating. this mode of operation helps eliminate the output counting spikes that are normally associated with asynchronous (ripple-clock) counters. a buffered clock input triggers the four master-slave flip-flops on the rising (positive going) edge of the clock waveform. this counter is fully programmable; that is, the outputs may each be preset to either level. the load input circuitry allows loading with the carry-enable output of cascaded counters. as loading is synchronous, setting up a low level at the load input disables the counter and causes the outputs to agree with the data inputs after the next clock pulse. the carry look-ahead circuitry provides for cascading counters for n-bit synchronous applications without additional gating. instrumental in accomplishing this function are two count enable inputs and a carry output. both count enable inputs ( p and t ) must be low to count. the direction of the count is determined by the level of the up/down input. when the input is high, the counter counts up; when low, it counts down. input t is fed forward to enable the carry output. the carry output thus enabled will produce a low-level output pulse with a duration approximately equal to the high portion of the q a output when counting up and approximately equal to the low portion of the q a output when counting down. this low level overflow carry pulse can be used to enable successive cascaded stages. transitions at the enable p or t inputs are allowed regardless of the level of the clock input. all inputs are diode-clamped to minimize transission- line effects, thereby simplifying system design. this counter features a fully independent clock circuit. changes at control inputs (enable p , enable t , load, up/down) that will modify the operating mode have no effect until clocking occurs. the function of the counter (whether enabled, disabled, loading, or counting) will be dictated solely by the conditions meeting the stable setup and hold times. features high speed operation high output current: fanout of 10 lsttl loads wide operating voltage: v cc = 2 to 6 v low input current: 1 ? max
HD74HC668/hd74hc669 2 low quiescent supply current: i cc (static) = 4 ? max (ta = 25?) pin arrangement HD74HC668 1 2 3 4 5 6 7 8 u/ d ck a b c d gnd enable p data inputs outputs v cc q a q b q c q d enable t load ripple carry output 16 15 14 13 12 11 10 9 (top view)
HD74HC668/hd74hc669 3 hd74hc669 1 2 3 4 5 6 7 8 u/ d ck a b c d gnd enable p data inputs outputs v cc q a q b q c q d load enable t ripple carry output 16 15 14 13 12 11 10 9 (top view)
HD74HC668/hd74hc669 4 logic diagram HD74HC668 q a q b q c d b enable t enable p d a load ck u/ d d c d d q d rco v cc q l ck t q in q l ck t q in q l ck t q in q l ck t q in
HD74HC668/hd74hc669 5 hd74hc669 q a q b q c d b enable t enable p d a load ck u/ d d c d d q d rco v cc q t q in q t q in q t q in q t q in
HD74HC668/hd74hc669 6 timing chart HD74HC668 78901 2 210 987 2 2 load a b c d data inputs clock q a q b q c q d load count up inhibit count down ripple carry output enable p and t u/ d
HD74HC668/hd74hc669 7 hd74hc669 13 14 15 0 1 2 2 2 1 0 15 14 13 load a b c d data inputs clock q a q b q c q d load count up inhibit count down ripple carry output p and t u/ d
HD74HC668/hd74hc669 8 dc characteristics ta = 25 c ta = ?0 to +85 c item symbol v cc (v) min typ max min max unit test conditions input voltage v ih 2.0 1.5 1.5 v 4.5 3.15 3.15 6.0 4.2 4.2 v il 2.0 0.5 0.5 v 4.5 1.35 1.35 6.0 1.8 1.8 output voltage v oh 2.0 1.9 2.0 1.9 v vin = v ih or v il i oh = ?0 m a 4.5 4.4 4.5 4.4 6.0 5.9 6.0 5.9 4.5 4.18 4.13 i oh = ? ma 6.0 5.68 5.63 i oh = ?.2 ma v ol 2.0 0.0 0.1 0.1 v vin = v ih or v il i ol = 20 m a 4.5 0.0 0.1 0.1 6.0 0.0 0.1 0.1 4.5 0.26 0.33 i ol = 4 ma 6.0 0.26 0.33 i ol = 5.2 ma input current iin 6.0 0.1 1.0 m a vin = v cc or gnd quiescent supply current i cc 6.0 4.0 40 m a vin = v cc or gnd, iout = 0 m a
HD74HC668/hd74hc669 9 ac characteristics (c l = 50 pf, input t r = t f = 6 ns) ta = 25 c ta = ?0 to +85 c item symbol v cc (v) min typ max min max unit test conditions maximum clock f max 2.0 5 4 mhz frequency 4.5 27 21 6.0 32 25 propagation delay t plh 2.0 200 250 ns clock to ripple carry out time t phl 4.5 40 50 6.0 34 43 t plh 2.0 225 280 ns clock to q t phl 4.5 45 56 6.0 38 48 t plh 2.0 150 190 ns enable t to ripple carry out t phl 4.5 30 38 6.0 26 33 t plh 2.0 200 250 ns u/ d to ripple carry out t phl 4.5 40 50 6.0 34 43 pulse width t w 2.0 80 100 ns 4.5 16 20 6.0 14 17 setup time t su 2.0 100 125 ns data to clock 4.5 20 25 6.0 17 21 t su 2.0 150 190 ns enable p , t to clock 4.5 30 38 6.0 26 33 t su 2.0 150 190 ns loadk to clock 4.5 30 38 6.0 26 33 t su 2.0 150 190 ns u/ d to clock 4.5 30 38 6.0 26 33
HD74HC668/hd74hc669 10 ac characteristics (c l = 50 pf, input t r = t f = 6 ns) (cont) ta = 25 c ta = ?0 to +85 c item symbol v cc (v) min typ max min max unit test conditions hold time t h 2.0 5 5 ns 4.5 5 5 6.0 5 5 output rise/fall t tlh 2.0 75 95 ns time t thl 4.5 5 15 19 6.0 13 16 input capacitance cin 5 10 10 pf
hitachi code jedec eiaj weight (reference value) dp-16 conforms conforms 1.07 g unit: mm 6.30 19.20 16 9 8 1 1.3 20.00 max 7.40 max 7.62 0.25 + 0.13 ?0.05 2.54 0.25 0.48 0.10 0.51 min 2.54 min 5.06 max 0 ?15 1.11 max
hitachi code jedec eiaj weight (reference value) fp-16da conforms 0.24 g unit: mm *dimension including the plating thickness base material dimension *0.22 0.05 *0.42 0.08 0.12 0.15 m 2.20 max 5.5 10.06 0.80 max 16 9 1 8 10.5 max + 0.20 ?0.30 7.80 0.70 0.20 0 ?8 0.10 0.10 1.15 1.27 0.40 0.06 0.20 0.04
hitachi code jedec eiaj weight (reference value) fp-16dn conforms conforms 0.15 g unit: mm *dimension including the plating thickness base material dimension 1.27 16 9 1 8 0.15 0.25 m 1.75 max 3.95 *0.22 0.03 9.9 0 ?8 10.3 max + 0.10 ?0.30 6.10 + 0.67 ?0.20 0.60 + 0.11 ?0.04 0.14 *0.42 0.08 0.635 max 0.40 0.06 0.20 0.03 1.08
cautions 1. hitachi neither warrants nor grants licenses of any rights of hitachi? or any third party? patent, copyright, trademark, or other intellectual property rights for information contained in this document. hitachi bears no responsibility for problems that may arise with third party? rights, including intellectual property rights, in connection with use of the information contained in this document. 2. products and product specifications may be subject to change without notice. confirm that you have received the latest product standards or specifications before final design, purchase or use. 3. hitachi makes every attempt to ensure that its products are of high quality and reliability. however, contact hitachi? sales office before using the product in an application that demands especially high quality and reliability or where its failure or malfunction may directly threaten human life or cause risk of bodily injury, such as aerospace, aeronautics, nuclear power, combustion control, transportation, traffic, safety equipment or medical equipment for life support. 4. design your application so that the product is used within the ranges guaranteed by hitachi particularly for maximum rating, operating supply voltage range, heat radiation characteristics, installation conditions and other characteristics. hitachi bears no responsibility for failure or damage when used beyond the guaranteed ranges. even within the guaranteed ranges, consider normally foreseeable failure rates or failure modes in semiconductor devices and employ systemic measures such as fail- safes, so that the equipment incorporating hitachi product does not cause bodily injury, fire or other consequential damage due to operation of the hitachi product. 5. this product is not designed to be radiation resistant. 6. no one is permitted to reproduce or duplicate, in any form, the whole or part of this document without written approval from hitachi. 7. contact hitachi? sales office for any questions regarding this document or hitachi semiconductor products. hitachi, ltd. semiconductor & integrated circuits. nippon bldg., 2-6-2, ohte-machi, chiyoda-ku, tokyo 100-0004, japan tel: tokyo (03) 3270-2111 fax: (03) 3270-5109 copyright ? hitachi, ltd., 1999. all rights reserved. printed in japan. hitachi asia pte. ltd. 16 collyer quay #20-00 hitachi tower singapore 049318 tel: 535-2100 fax: 535-1533 url northamerica : http:semiconductor.hitachi.com/ europe : http://www.hitachi-eu.com/hel/ecg asia (singapore) : http://www.has.hitachi.com.sg/grp3/sicd/index.htm asia (taiwan) : http://www.hitachi.com.tw/e/product/sicd_frame.htm asia (hongkong) : http://www.hitachi.com.hk/eng/bo/grp3/index.htm japan : http://www.hitachi.co.jp/sicd/indx.htm hitachi asia ltd. taipei branch office 3f, hung kuo building. no.167, tun-hwa north road, taipei (105) tel: <886> (2) 2718-3666 fax: <886> (2) 2718-8180 hitachi asia (hong kong) ltd. group iii (electronic components) 7/f., north tower, world finance centre, harbour city, canton road, tsim sha tsui, kowloon, hong kong tel: <852> (2) 735 9218 fax: <852> (2) 730 0281 telex: 40815 hitec hx hitachi europe ltd. electronic components group. whitebrook park lower cookham road maidenhead berkshire sl6 8ya, united kingdom tel: <44> (1628) 585000 fax: <44> (1628) 778322 hitachi europe gmbh electronic components group dornacher strae 3 d-85622 feldkirchen, munich germany tel: <49> (89) 9 9180-0 fax: <49> (89) 9 29 30 00 hitachi semiconductor (america) inc. 179 east tasman drive, san jose,ca 95134 tel: <1> (408) 433-1990 fax: <1>(408) 433-0223 for further information write to:


▲Up To Search▲   

 
Price & Availability of HD74HC668

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X