Part Number Hot Search : 
CA3290AE 04365 2SD476AK SB140 3G124 TA123EKP 7R1H102K 2SD42
Product Description
Full Text Search
 

To Download GPL672 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  cells per unit 3 voltage per unit 6 capacity 7.2ah @ 20hr-rate to 1.75v per cell @25 (77 ) weight approx. 1.37 kg(3.02 lbs) maximum discharge current 100a/130a(5sec) internal resistance approx. 13.5 m operating temperature range nominal operating temperature range 25 3 (77 5 ) float charging voltage recommended maximum charging 2.16a current limit equalization and cycle service 7.2 to 7.5 vdc/unit average at 25 (77 ) self discharge csb batteries can be stored for more than 6 months at 25 (77 ) . please charge batteries before using . for higher temperatures the time interval will be shorter. terminal f1/f2-faston tab187/250 container material abs(ul 94-hb/file e50263)*flammability resistance of (ul 94-v0/file e88637) can be available upon request. discharge: -15 ~50 ( 5 ~122 ) charge: -15 ~40 ( 5 ~104 ) storage: -15 ~40 ( 5 ~104 ) constant power discharge characteristics unit:w (25 ,77 ) constant current discharge characteristics unit:a (25 ,77 ) gpl 672 6v 7.2ah specification powered by gpl 672 is a general purpose battery up to 8 years in standby service or more than 260 cycles at 100% discharge in cycle service . as with all csb batteries, all are rechargeable , highly efficient , leak proof and maintenance free. ra: 0812 6.75 to 6.9 vdc/unit average at 25 (77 ) width (w) dimensions : unit: mm (inch) overall height (h) container height (h) length (l) 1001 (3.940.04) 941 (3.70.04) 1512 (5.940.08) 341 (1.340.04) f.v/time 5min 10min 15min 30min 1hr 2hr 3hr 4hr 5hr 8hr 10hr 20hr 1.60v 24.1 19.2 15.6 9.05 4.88 2.67 1.93 1.53 1.29 0.901 0.739 0.375 1.67v 23.1 18.3 14.9 8.81 4.73 2.60 1.90 1.51 1.28 0.886 0.729 0.369 1.70v 22.6 17.8 14.5 8.68 4.65 2.57 1.87 1.50 1.27 0.879 0.725 0.367 1.75v 21.8 17.0 13.9 8.46 4.53 2.51 1.83 1.46 1.24 0.864 0.709 0.360 1.80v 20.8 16.2 13.2 8.19 4.39 2.46 1.78 1.42 1.21 0.849 0.693 0.352 1.85v 19.6 15.3 12.5 7.87 4.28 2.40 1.75 1.38 1.17 0.826 0.677 0.345 f.v/time 5min 10min 15min 30min 1hr 2hr 3hr 4hr 5hr 8hr 10hr 20hr 1.60v 129 105 86.5 51.5 27.0 14.9 11.0 9.00 7.65 5.25 4.39 2.23 1.67v 126 101 82.9 50.4 26.7 14.6 10.9 8.90 7.51 5.18 4.32 2.20 1.70v 124 99.5 81.0 49.7 26.5 14.4 10.8 8.80 7.43 5.10 4.29 2.18 1.75v 120 95.9 78.0 48.7 26.2 14.1 10.6 8.65 7.27 5.05 4.23 2.14 1.80v 116 92.3 75.5 47.5 25.7 13.8 10.4 8.42 7.06 4.99 4.15 2.10 1.85v 111 88.7 73.1 46.1 25.3 13.6 10.2 8.22 6.92 4.86 4.07 2.06 csb-manufactured vrla batteries are ul- recognized components under ul924 and ul1989. csb is also certified by iso 9001 and iso 14001.
charge voltage(v/cell) application temperature set point allowable range max.charge current cycle use 25 : (77 ; ) 2.45 2.40~2.50 standby 25 : (77 ; ) 2.275 2.25~2.30 0.3c final discharge voltage v/cell 1.75 1.70 1.60 1.30 discharge current(a) 0.2c>(a) 0.2c<(a)<0.5c 0.5c<(a)<1.0c (a)>1.0c 2.60 4 0 8 12 16 20 24 2.20 2.40 2.00 1.80 1.60 1.40 0.20 0.14 0.17 0.11 0.08 0.05 0.02 140 100 120 80 60 40 20 )ratio 2.60 4 0 8 12 16 20 24 2.20 2.40 2.00 1.80 1.60 1.40 0.20 0.14 0.17 0.11 0.08 0.05 0.02 140 100 120 80 60 40 20 )ratio 13.65v (2.275v/cell) 68 gpl 672 6v 7.2ah global hq csb battery co., ltd. (taiwan) tel : +886-2-2555-5600 fax : +886-2-2555-3300 mail : service@csb-battery.com.tw america hq csb battery technologies inc. (u.s.a) tel : +1-817-244-7777/1-(800)3-csb-usa(272872) fax : +1-817-244-4445 mail : csb@csb-battery.com europe hq csb battery europe bv. tel : +31(0)-180-418-140 fax : +886-2-2555-3300 mail : eurosales@csb-battery.eu beijing office. (china) c sb battery technologies (beijing) co., ltd. tel : +86-10-59621300/1301/1302/1303 fax : +86-10-59621304 mail : chinasls@csb-battery.com shanghai office. (china) csb battery logistic (shanghai) co., ltd. tel : +86-21-5046-1622/5046-0833 fax : +86-21-5064-3314 mail : chinasls@csb-battery.com shenzhen office.( china ) csb battery logistic ( shanghai ) co., ltd. tel : +86-755-8831-6488/6396/6356 fax : +86-755-8831-6548 mail : she@csb-battery.com.cn


▲Up To Search▲   

 
Price & Availability of GPL672

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X