Part Number Hot Search : 
AN801 1C474M0 2N5046 F1210 XR2203 S2301 MTP4435 FS4000
Product Description
Full Text Search
 

To Download GBU808 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds21227 rev. d-2 1 of 2 gbu8005-gbu810 www.diodes.com  diodes incorporated gbu8005 - gbu810 8.0a glass passivated bridge rectifier features maximum ratings and electrical characteristics @ t a = 25  c unless otherwise specified mechanical data single phase, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. notes: 1. united mounted on 50 x 50 x 1.6mm copper plate heatsink. 2. non-repetitive, for t > 1.0ms and < 8.3ms. 3. measured at 1.0mhz and applied reverse voltage of 4.0v dc.  case: molded plastic  terminals: plated leads solderable per mil-std-202, method 208  polarity: marked on body  mounting: through hole for #6 screw  mounting torque: 5.0 inch-pounds maximum  marking: date code and type number  weight: 6.6 grams (approx.) characteristic symbol gbu 8005 gbu 801 gbu 802 gbu 804 gbu 806 gbu 808 gbu 810 unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 50 100 200 400 600 800 1000 v rms reverse voltage v r(rms) 35 70 140 280 420 560 700 v average rectified output current (note 1) @ t c = 100  c i o 8.0 a non-repetitive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 200 a forward voltage (per element) @ i f = 4.0a v fm 1.0 v peak reverse current @t c = 25  c at rated dc blocking voltage @ t c = 125  c i r 5.0 500  a i 2 t rating for fusing (t < 8.3ms) (note 2) i 2 t 166 a 2 s typical junction capacitance per element (note 3) c j 130 pf typical thermal resistance junction to case (note 1) r  jc 2.2  c/w operating and storage temperature range t j, t stg -55 to +150  c gbu dim min max a 21.8 22.3 b 3.5 4.1 c 7.4 7.9 d 1.65 2.16 e 2.25 2.75 g 1.02 1.27 h 4.83 5.33 j 17.5 18.0 k 3.2 x 45  l 18.3 18.8 m 3.30 3.56 n 0.46 0.56 p 0.76 1.0 all dimensions in mm - ~ ~ + a b k d e f g h j m n p l c  glass passivated die construction  high case dielectric strength of 1500vrms  low reverse leakage current  surge overload rating to 200a peak  ideal for printed circuit board applications  plastic material: ul flammability classification rating 94v-0  ul listed under recognized component index, file number e94661
ds21227 rev. d-2 2 of 2 gbu8005-gbu810 www.diodes.com 0.1 1.0 10 100 0.2 0.0 0.6 1.0 1.8 i , instantaneous forward current (a) f v , instantaneous forward voltage (v) f fi g . 2 t y pical forward characteristics t = 25 c j 1.4 0 100 200 2 5 0 110100 i , peak forward surge current (a) fsm number of cycles at 60 hz fi g . 3 maximum non-repetitive sur g e current single half-sine wave (jedec method) t = 25 c j 0 2 4 6 8 10 050100150 i , avg forward output current (a) (av) t , case temperature ( c) c fi g . 1 forward current deratin g curve resistive or inductive load with heatsink without heatsink 10 100 1000 0.1 1.0 10 100 c , junction capacitance (pf) j v , reverse voltage (v) r fi g . 4 t y pical junction capacitance t = 25 c j f = 1.0mhz


▲Up To Search▲   

 
Price & Availability of GBU808

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X