Part Number Hot Search : 
C5750X5R B4406 50178 BC856U MRF6S MG2801A 2SK31 RODUCTS
Product Description
Full Text Search
 

To Download DSEC60-02AQ Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2003 ixys all rights reserved 1 - 1 dsec 60-02aq 420 ixys reserves the right to change limits, test conditions and dimensions. v rsm v rrm type v v 200 200 dsec 60-02aq i fav = 2x30 a v rrm = 200 v t rr = 25 ns preliminary data symbol conditions maximum ratings i frms 70 a i favm t c = 145c; rectangular, d = 0.5 30 a i fsm t vj = 45c; t p = 10 ms (50 hz), sine 325 a e as t vj = 25c; non-repetitive 1.2 mj i as = 3 a; l = 180 h i ar v a = 1.5 v r typ.; f = 10 khz; repetitive 0.3 a t vj -55...+175 c t vjm 175 c t stg -55...+150 c p tot t c = 25c 165 w m d mounting torque 0.8...1.2 nm f c mounting force w ith clip 20...120 n weight typical 6 g symbol conditions characteristic values typ. max. i r v r = v rrm ;t vj = 25c 10 a v r = v rrm ;t vj = 150c 200 a v f i f = 30 a; t vj = 150c 0.95 v t vj = 25c 1.20 v r thjc 0.9 k/w r thch 0.25 k/w t rr i f = 1 a; -di/dt = 200 a/s; 25 ns v r = 30 v; t vj = 25c i rm v r = 100 v; i f = 50 a; 4 a -di f /dt = 100 a/s; t vj = 100c hiperfred tm epitaxial diode with common cathode and soft recovery ac a pulse test: pulse width = 5 ms, duty cycle < 2.0 % pulse width = 300 s, duty cycle < 2.0 % data according to iec 60747 and per diode unless otherwise specified. features  international standard package  planar passivated chips  very short recovery time  extremely low switching losses  low i rm -values  soft recovery behaviour  epoxy meets ul 94v-0 applications  antiparallel diode for high frequency switching devices  antisaturation diode  snubber diode  free wheeling diode in converters and motor control circuits  rectifiers in switch mode power supplies (smps)  inductive heating  uninterruptible power supplies (ups)  ultrasonic cleaners and welders advantages  avalanche voltage rated for reliable operation  soft reverse recovery for low emi/rfi  low i rm reduces: - power dissipation within the diode - turn-on loss in the commutating switch a = anode, c = cathode to-3 p a c a c (tab)


▲Up To Search▲   

 
Price & Availability of DSEC60-02AQ

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X