Part Number Hot Search : 
2PB1219 A540LB 2SC3654 STU2040 03952 PE4227 S2964 SH7201
Product Description
Full Text Search
 

To Download DSA-142 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  * all specifcations and photos are subject to change without notice. 525 DSA-142 42" full hd interactive digital signage system pluggable engine box: easy system confguration and maintenance water/dust-proof design (front bezel: ip65, without touchscreen) 42" tft lcd - full hd 1920 x 1080p self diagnosis and built-in sensors: external temperature , lcd color and lcd backlight motion detection sensors (optional) interactive ir touch solution (optional) supports vesa fpmpmi compliant fat panel mount specifcations ordering information dimensions lcd panel size 42" contrast 4000 : 1 pixel pitch 484 x 484 (um) viewing angle (h/v) 178 x 178 response time 6.5ms color 16.7m brightness (cd/m 2 ) 400 board cpu socket p for intel ? core?2 duo/ celeron ? m processor chipset intel ? gm45 front side bus 1033 mhz memory 2 x 204-pin ddr3 max. up to 8 gb hdd 1 x 2.5" sata hdd tray watchdog timer 255 levels, 0~255 sec. i/o 1 x vga or dvi out 4 x usb 2.0 ethernet 1 x 10/100/1000mbps ethernet expansion slot 1 x pci express mini card (802.11 wireless lan) sensors environment temperature detection lcd timing controller detection lcd life expectancy environment brightness detection motion detection (pir) (optional) audio 2 x 5w speaker touchscreen infrared (ir) type (optional) power supply 450w, 100~240vac dimensions 990 mm (38.9") (w) x118 mm (4.65") (d) x 583 mm (22.95") (h) packing dimensions 1109 mm (43.66") (w) x 260 mm (10.23") (d) x 679 mm (26.73") (h) weight (net/gross) 35.5 kg (78.26 lb)/39.5 kg (87.08 lb) environment 0 ~ +40c, operation, 10% ~ 95% relative humidity DSA-142-g (p/n: e22g142104) 42" all-in-one full hd digital signage with intel ? gm45 (glass) DSA-142-r (p/n: e22g142102) 42" all-in-one full hd touch digital signage with intel ? gm45 (ir touch) features ip65 low p o we r full hd optional os installation optional eos installation windows ? xp, windows ? 7 windows ? xp embedded packing 1 x driver cd 1 x power cord


▲Up To Search▲   

 
Price & Availability of DSA-142

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X