Part Number Hot Search : 
4AUP1G 743SURD 2SK3948G ADP130 IRF84 E330M HP2601 15T60
Product Description
Full Text Search
 

To Download CURA103-HF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s m d u l t r a f a s t r e c o v e r y r e c t i f i e r s reverse v oltage: 50 to 1000 v olts forward current: 1.0 amp rohs device page 1 rev :a features - ideal for surface mount applications. - easy pick and place. - plastic package has underwriters lab. flammability classification 94v -0. - ultra fast recovery time: 50~100ns. - low leakage current. mechanical data - case: jedec do-214ac, molded plastic. - t erminals: solderable per mil-std-750, method 2026. - polarity: color band denotes cathode end. - approx. weight: 0.064 grams cura101-hf thru. cura107-hf maximum ratings and electrical characteristics d i m e n s i o n s i n i n c h e s a n d ( m i l l i m e t e r ) d o - 2 1 4 a c ( s m a ) qw -ju001 cura 101-hf no tes : 1. th erm al r esi sta nce fro m jun ctio n t o le ad. comchip t echnology co., l td. 0.1 10(2.79) 0.100(2.54) 0.065(1.65) 0.049(1.25) 0.208(5.28) 0.193(4.90) 0.012(0.305) 0.006(0.152) 0.005(0.127)max 0.060(1.52) 0.030(0.76) 0.090(2.29) 0.078(1.98) 0.177(4.50) 0.157(3.99) max. repetitive peak reverse voltage max. dc blocking voltage max. rms voltage peak surge forward current, 8.3ms single half sine-wave superimposed on rate load (jedec method) max. average forward rectified current max. instantaneous forward voltage per at 1.0a reverse recovery time o max. dc reverse current at t a =25 c o rated dc blocking voltage t a =100 c t ypical thermal resistance(note 1) operating junction temperature storage temperature cura 102-hf cura 103-hf cura 104-hf cura 105-hf units symbol parameter v rrm v dc v rms i fsm i (ac) v f t rr i r r jl t j t stg 50 50 35 100 100 70 1.0 200 200 140 400 400 280 30 1.0 1.3 5.0 100 88 -55 to +150 600 600 420 v v v a a v ns a c/w c c cura 106-hf cura 107-hf 800 800 560 1.7 100 1000 1000 700 50 r jl 28 c/w at t a = 55c c j ns 15 20 t ypical junction capacitance (measured at 1.0mhz and applied reves voltage of 4.0v) -55 to +150 halogen free
qw -ju001 ra ting and characteristic cur ves (cura101-hf thru cura107-hf) i n s t a n e o u s r e v e r s e c u r r e n t , ( a ) forward v oltage (v) 0.4 fig.3 - t ypical instantaneous forward 0.01 o w r d c r r e n ( a ) f r a u t 0.1 1 10 100 0.8 reverse v oltage, (v) fig.5 - junction capacitance 10 100 number of cycles at 60hz fig.2 - maximum non-repetitive peak 0 p e a k f o r w a r d s u r g e c u r r e n t , ( c ) 20 30 comchip t echnology co., l td. page 2 rev :a 0.6 1.2 1.8 1.6 1 10 100 10 o t j =25 c 8.3ms single half sine wave, jedec method fig.6 - t est circuit diagram and reverse recovery 5 0 n o n i n d u c t i v e 1 0 n o n i n d u c t i v e ( + ) 2 5 v d c ( a p p r o x . ) ( - ) d . u . t . 1 n o n - i n d u c t i v e o s c i l l l i s c o p e ( n o t e 1 ) p u l s e g e n e r a t o r ( n o t e 2 ) ( + ) ( - ) n o t e s : 1 . r i s e t i m e = 7 n s m a x . , i n p u t i m p e d a n c e = 1 m , 2 2 p f . 2 . r i s e t i m e = 1 0 n s m a x . , s o u r c e i m p e d a n c e = 5 0 . t r r s e t t i m e b a s e f o r 5 0 / 1 0 0 n s / c m 1 c m - 1 . 0 a - 0 . 2 5 a 0 + 0 . 5 a fig.1- t ypical forward current derating curve ambient t emperature, (c) a v e r a g e f o r w a r d c u r r e n t , ( a ) 0 50 25 75 100 150 125 175 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 single phase half w ave 60 hz o t j =25 c pulse width 300 s 1% duty cycle 5 0 / 1 0 0 / 2 0 0 v s m d u l t r a f a s t r e c o v e r y r e c t i f i e r s 1.0 1.4 3 0 0 / 4 0 0 v 6 0 0 v 8 0 0 v / 1 0 0 0 v percent of rated peak reverse v oltage, (%) 140 120 80 60 20 0 fig.4 - t ypical reverse characteristics 0.1 1 10 100 40 100 o t j =100 c o t j =25 c forward surge current 10 j u n c t i o n c a p a c i t a n c e , ( p f ) 1000 0.1 1.0 100 c r u a 1 0 1 - g ~ c u r a 1 0 3 - g c r u a 1 0 3 - g ~ c u r a 1 0 7 - g characteristics 55 2 4 20 40 1cycle t ime characteristic
s m d u l t r a f a s t r e c o v e r y r e c t i f i e r s page 3 rev :a qw -ju001 comchip t echnology co., l td. b c d d d 2 d 1 d o - 2 1 4 a c ( s m a ) s y m b o l a ( m m ) ( i n c h ) 1 . 9 6 9 m i n . 2 . 7 m a x 5 . 3 m a x 4 . 0 0 0 . 1 0 1 . 5 0 0 . 1 0 d i a 5 0 . 0 m i n . 1 3 . 5 1 . 0 0 2 . 6 6 m a x 4 . 0 0 0 . 1 0 2 . 0 0 0 . 0 5 1 2 . 0 0 . 3 0 1 8 . 4 m a x . 3 3 0 2 . 0 0 0 . 2 0 9 m a x 0 . 1 0 6 m a x 0 . 1 0 5 m a x 0 . 0 5 9 0 . 0 0 4 d i a 1 3 . 0 0 0 . 0 7 9 0 . 5 3 1 0 . 0 3 9 s y m b o l ( m m ) ( i n c h ) 0 . 4 7 2 0 . 0 1 2 0 . 1 5 7 0 . 0 0 4 0 . 1 5 7 0 . 0 0 4 0 . 0 7 9 0 . 0 0 2 0 . 7 2 4 m a x e f p p 0 p 1 w w 1 1 . 7 5 0 . 1 0 0 . 6 8 9 0 . 0 0 4 5 . 5 0 0 . 0 5 0 . 2 1 6 0 . 0 0 2 d o - 2 1 4 a c ( s m a ) o 1 2 0 t railer device leader 10 pitches (min) 10 pitches (min) ....... ....... ....... ....... ....... ....... ....... ....... end start d 1 d 2 d w 1 t c direction of feed reel t aping specification i n d e x h o l e d e f b w p p 0 p 1 a
s m d u l t r a f a s t r e c o v e r y r e c t i f i e r s page 4 rev :a qw -ju001 comchip t echnology co., l td. suggested p ad layout part number u101 marking code marking code standard packaging case t ype qty per reel (pcs) 5000 reel size (inch) 13 a b c e d cura101-hf d o - 2 1 4 a c ( s m a ) cura102-hf CURA103-HF cura104-hf cura105-hf u102 u103 u104 u105 size (inch) 0.177 (mm) 4.50 1.50 3.60 0.059 0.142 6.00 0.236 e 3.00 0.1 18 b c d a d o - 2 1 4 a c ( s m a ) cura106-hf cura107-hf u106 u107 c xxxx comchip logo pkg sma smb smc a b c product type marking code package :


▲Up To Search▲   

 
Price & Availability of CURA103-HF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X