Part Number Hot Search : 
MC1384 AN181 N0468 N0468 BAR43A P4KE24 200100 7F185ML
Product Description
Full Text Search
 

To Download BYV26A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  low cost diffused junction low leakage low forward voltage drop high current capability case: jedec do-41,molded plastic polarity: color band denotes cathode weight: 0.012 ounces,0.34 grams mounting position: any ratings at 25 ambient temperature unless otherwise specified. single phase,half wave,50 hz,resistive or inductive load. for capacitive load,derate by 20%. byv26b byv26c byv26d units maximum recurrent peak reverse voltage v rrm 400 600 800 v maximum rms voltage v rms 280 420 560 v maximum dc blocking voltage v dc 400 600 800 v maximum average f orw ard rectif ied current 9.5 mm lead length, @t a =75 peak forw ard surge current 10ms single half-sine-w ave superimposed on rated load @t j =125 maximum instantaneous f orw ard voltage @ 1.0a v f v maximum reverse current @t a =25 at rated dc blocking voltage @t a =100 maximum reverse recovery time (note1) t rr ns typical junction capacitance (note2) c j pf typical thermal resistance (note3) r ja /w operating junction temperature range t j storage temperature range t stg 2.5 byv26e 1000 maximum ratings and electrical characteristics a easily cleaned with alcohol,isopropanol and similar solvents BYV26A - 55 ----- + 150 150.0 45 40 200 1.0 140 200 700 1000 3. thermal resistance f rom junction to ambient. a 30.0 i r i fsm note: 1. measured with i f =0.5a, i r =1a, i rr =0.25a. 2. measured at 1mhz and applied rev erse v oltage of 4.0v dc. a 5.0 - 55 ----- + 150 100 voltage range: 200 --- 1000 v current: 1.0 a do - 41 30 75 i f(av) dimensions in millimeters b yv26a-byv26e super fast rectifiers features m echani cal d ata http://www.luguang.cn mail:lge@luguang.cn
reverse voltage,volts ambient temperature, instantaneous forward voltage, volts number of cycles at 50hz fi g. 1 -- forward derati ng curve fi g. 2 -- typi cal forward characteristi c fig.3 -- peak forward surge current peak forward surge current amperes junction capacitance, pf average forward current,amperes fi g. 4 -- typi cal juncti on capaci tance amperes instantaneous forward current 0 0.4 02 55 0 75 100 125 150 175 0.2 0.6 0.8 1.0 single phase half wave 50hz resistive or inductive load 0.375"(9.5mm)lead length 0.01 0.1 1.0 2.0 01.02.0 3.0 4.0 t j =25 pulse w idth=300 s 0 124 20 10 20 50 30 40 10 10 040 10ms single half sine-wave 0.1 0.2 1 10 2 0.4 4 20 40 100 1 2 4 10 20 40 100 t j =25 f=1.0mh z BYV26A-byv26e super fast rectifiers ratings and charactieristic curves http://www.luguang.cn mail:lge@luguang.cn


▲Up To Search▲   

 
Price & Availability of BYV26A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X