Part Number Hot Search : 
ADCMP671 RSR010 LS130A MP03531 V23990 2SC4153 33000 2J222J
Product Description
Full Text Search
 

To Download BAT42WS Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ds30100 rev. 9 - 2 1 of 2 BAT42WS / bat43ws www.diodes.com  diodes incorporated BAT42WS / bat43ws surface mount schottky barrier diode features  low forward voltage drop  fast switching  ultra-small surface mount package  also available in lead free version  case: sod-323, plastic  case material - ul flammability rating classification 94v-0  moisture sensitivity: level 1 per j-std-020a  leads: solderable per mil-std-202, method 208  also available in lead free plating (matte tin finish). please see ordering information, note 4, on page 2  BAT42WS marking: s7  bat43ws marking: s8  polarity: cathode band  weight: 0.004 grams (approx.) mechanical data a b c d e g h j characteristic symbol BAT42WS / bat43ws unit peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 30 v rms reverse voltage v r(rms) 21 v forward continuous current (note 1) i fm 200 ma repetitive peak forward current (note 1) @ t < 1.0s i frm 500 ma non-repetitive peak forward surge current @ t < 10ms i fsm 4.0 a power dissipation (note 1) p d 200 mw thermal resistance junction to ambient air (note 1) r  ja 625  c/w operating and storage temperature range t j ,t stg -55 to +125  c maximum ratings @ t a = 25  c unless otherwise specified characteristic symbol min max unit test condition reverse breakdown voltage (note 2) v (br)r 30  v i r = 100  a forward voltage drop (note 2) both types BAT42WS BAT42WS bat43ws bat43ws v f    0.26  1.0 0.40 0.65 0.33 0.45 v i f = 200ma i f = 10ma i f = 50ma i f = 2.0ma i f = 15ma reverse current (note 2) i r  500 100 na  a v r = 25v v r = 25v, t j = 100  c total capacitance c t  10 pf v r = 1.0, f = 1.0mhz reverse recovery time t rr  5.0 ns i f = i r = 10ma, i rr = 0.1 x i r ,r l = 100  electrical characteristics @ t a = 25  c unless otherwise specified notes: 1. part mounted on fr4 pc board with recommended pad layout, which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf. 2. short duration test pulse used to minimize self-heating effect. sod-323 dim min max a 2.30 2.70 b 1.60 1.80 c 1.20 1.40 d 1.05 typical e 0.25 0.35 g 0.20 0.40 h 0.10 0.15 j 0.05 typical  0  8  all dimensions in mm
ds30100 rev. 9 - 2 2 of 2 BAT42WS / bat43ws www.diodes.com 10 0 20 30 40 v , instantaneous reverse voltage (v) r fi g .3 t y pical reverse characteristics t = 125oc a t = 75oc a t = 25oc a 100 10 1.0 0.1 0.01 1000 0.1 1.0 10 100 0 200 400 600 800 i , instantaneous forward current (ma) f v , instantaneous forward voltage (mv) f fi g .2 t y pical forward characteristics t = -25oc a t = 25oc a t = 125oc a t = 75oc a 0 0 20 40 25 50 75 100 125 150 i , average rectified current (ma) o t , ambient temperature ( c) a fi g . 1 forward current deratin g curve 60 80 100 t=125 c j 1.0 10 100 015 10 25 30 35 20 40 c , total capacitance (pf) t v , reverse voltage (v) r fi g . 4 total capacitance vs. reverse volta g e 5.0 t=25 c j f=1mhz notes: 3. for packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf. 4. for lead free version (with lead free terminal finish) part number, please add "-f" suffix to part number above. example: bat43ws-7-f. device packaging shipping BAT42WS-7 bat43ws-7 sod-323 3000/tape & reel ordering information (note 3) marking information xx xx = product type marking code see sheet 1


▲Up To Search▲   

 
Price & Availability of BAT42WS

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X