Part Number Hot Search : 
KSR2006 13210 MMST4401 MT8952B C9014 BA10393 10D27 M54610P
Product Description
Full Text Search
 

To Download B10A45VI Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1997. 10. 27 1/3 semiconductor technical data B10A45VI schottky barrier type diode revision no : 0 switching type power supply application. converter & chopper application. features  average output rectified current : i o =10a (tc=130 1 ).  repetitive peak reverse voltage : v rrm =45v.  fast reverse recovery time : t rr =35ns.  low peak forward voltage : 0.55(typ.) maximum rating (ta=25 1 ) dim millimeters 1. cathode 2. nc 3. anode to-220is 10.30 max 15.30 max 2.70 0.30 0.85 max 3.20 0.20 3.00 0.30 a b c d e f g 12.30 max 0.75 max h 13.60 0.50 3.90 max 1.20 1.30 2.54 4.50 0.20 6.80 2.60 0.20 10 j k l m n o p q r f o q 1 2 3 l p n b g j m d n t t h e r t v s k l u t s 0.5 5 25 2.60 0.15 v u d a c w w 1.5 max + _ + _ + _ + _ + _ + _ + _ electrical characteristics (ta=25 1 ) characteristic symbol test condition min. typ. max. unit peak forward voltage v fm i fm =10a, tc=25 1 - 0.55 0.58 v repetitive peak reverse current i rrm v rrm =rated - - 0.5 ma reverse recovery time t rr i f =1.0a, di/dt=-20a/  s - - 35 ns thermal resistance r th(j-c) juction to case - - 3.0 1 /w characteristic symbol rating unit repetitive peak reverse voltage v rrm 45 v average output rectified current (tc=130 1 ) i o 10 a peak one cycle surge forward current (non-repetitive 60hz) i fsm 150 a junction temperature t j -40  150 1 storage temperature range t stg -55  150 1
1997. 10. 27 2/3 B10A45VI revision no : 0 fsm peak surge forward current i (a) average forward current i (a) f(av) case temperature t ( c) c current derating (case) number of cycles at 60 hz (non-repetitive) surge forward current p (w) f(av) average forward current i (a) f(av) f(av) f(av) p - i average forward power dissipation reverse current i (ma) r reverse voltage v (v) r i - v i - v f forward voltage v (v) f forward current i (a) ff rr 0 0 0 1.0 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 0.3 1.0 3.0 10 30 100 t =150 c j j t =25 c 10 20 30 40 50 0.001 0.01 1.0 10 100 3.0 10 30 100 20 100 200 4 8 12 16 2 4 6 10 0.1 t =150 c j j t =125 c j t =100 c j t =75 c j t =25 c 30 50 ta=25 c 8 sine wave resistive load square ware (capacitive load) t =150 c j =5 pk av i i 10 20 dc 0 110 120 130 140 150 160 5 10 15 20 square wave (capacitive load) i av dc (resistive load) av i = i pk pk i =5 =10 =20 rated voltage applied
2001. 3/3 B10A45VI revision no : 1 average forward current i (a) 0 f(av) 0 ambient temperature t ( c) a i - t max capacitance c (pf) 100 j 10 1 0.1 0.05 reverse voltage v (v) r c - v 40 80 120 160 1.0 2.0 3.0 4.0 5.0 rated voltage applied (resistive load) dc (capacitive load) i =20,10,5 av pk i i pk av i square wave = j r 0.3 3 50 300 500 1k 2k f(av) a


▲Up To Search▲   

 
Price & Availability of B10A45VI

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X