Part Number Hot Search : 
FR35231 PN2222 TDA8405 APE0504 M27C32 TEA6850 PG12864 KBU603
Product Description
Full Text Search
 

To Download ACT510 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  innovative power tm - 1 - www.active-semi.com copyright ? 2012 active-semi, inc. activeqr tm is a trademark of active-semi. product brief, 05-dec-12 activeqr tm quasi-resonant pwm controller features ? quasi-resonant operation ? adjustable up to 150khz switching frequency ? accurate ocp/olp protection ? integrated patented frequency foldback technique ? integrated patented line and primary inductance compensation ? built-in soft-start circuit ? line under-voltage, thermal, output over- voltage, output short protections ? current sense resistor short protection ? transformer short winding protection ? 100mw standby power ? complies with global energy efficiency and cec average efficiency standards ? tiny sot23-6 packages applications ? ac/dc adaptors/chargers for cell phones, cordless phone, pdas, e-books ? adaptors for portable media player, dscs, set-top boxes, dvd players, records ? linear adapter replacements general description the ACT510 is a high performance peak current mode pwm controller. ACT510 applies activeqr tm and frequency foldback technique to reduce emi and improve efficiency. ACT510?s maximum switching frequency is set at 150khz. very low standby power, good dynamic response and accurate voltage regulation is achieved with an opto-coupler and the secondary side control circuit. the burst mode operation enables low standby power of 100mw with small output voltage ripple. by applying frequency foldback and activeqr tm technology, ACT510 increases the average system efficiency compared to conventional solutions and exceeds the latest es2.0 efficiency standard with good margin. ACT510 integrates comprehensive protection. in case of over temperature, over voltage, short winding, short current sense resistor, open loop an d overload conditions, it would enter into auto restart mode including cycle-by-cycle current limiting. ACT510 is to achieve no overshoot and very short rise time even with big capacitive load (4000f) with the built-in fast and soft start process. the quasi-resonant (qr) operation mode can effectively improve efficiency, reduce the emi noise and further reduce the components in input filter. ACT510 is idea for application up to 60 watt. figure 1: simplified application circuit ACT510
ACT510 product brief, 05-dec-12 innovative power tm - 2 - www.active-semi.com copyright ? 2012 active-semi, inc. activeqr tm is a trademark of active-semi. pin configuration pin descriptions part number temperature range package pins packing method top mark ACT510us-t -40c to 85c sot23-6 6 tube & reel fset sot23-6 ACT510us ordering information pin name description 1 cs current sense pin. connect an external resistor (r cs ) between this pin and ground to set peak current limit for the primary switch. 2 gnd ground. 3 gate gate drive. gate driver fo r the external mosfet transistor. 4 vdd power supply. this pin provides bias power fo r the ic during startup an d steady state operation. 5 vdet valley detector pin. connect this pin to a resist or divider network from the auxiliary winding to detect zero-crossing points for valley turn on operation. 6 fb feedback pin. connect this pin to opt ocouplers?s collector for output regulation.
ACT510 product brief, 05-dec-12 innovative power tm - 3 - www.active-semi.com copyright ? 2012 active-semi, inc. activeqr tm is a trademark of active-semi. figure 4: universal vac input, 5v/2a output charger
ACT510 product brief, 05-dec-12 innovative power tm - 4 - www.active-semi.com copyright ? 2012 active-semi, inc. activeqr tm is a trademark of active-semi. item reference description qty manufacturer 1 u1 ic, ACT510, sot23-6 1 active-semi 2 c1 capacitor, electrolytic, 15f/400v, 12x16mm 1 rubycon 3 c2 capacitor, electrolytic, 10f/400v, 10x15mm 1 rubycon 4 c3 capacitor, ceramic, 1000pf/500v, 0805,smd 1 poe 5 c4 capacitor, electrolytic, 6.8f/35v, 5x11mm 1 poe 6 c5 capacitor, ceramic, 1000pf/100v, 0805,smd 1 poe 7 c6 capacitor, electrolytic, 330f/6.3v, 6.3x8mm 1 ksc 8 c7 capacitor, electrolytic, 820f/6.3v, 6.5x15mm 1 ksc 9 c8 capacitor, ceramic, 0.1f/25v, 0805, smd 1 poe 10 c9 capacitor, ceramic, 1000pf/25v, 0805, smd 1 poe 11 cy1 safety y1, capacitor, 1000pf/400v, dip 1 uxt 12 bd1 bridge rectifier, d1010s, 1000v/1.0a, sdip 1 panjit 13 d2 fast recovery rectifier, rs1g, 200v/1.0a, rma 1 panjit 14 d3 diode, schottky, 45v/10a, s10u45s, smd 1 diodes 15 d4 fast recovery rectifier, rs1m, 1000v/1.0a, rma 1 panjit 16 d5 diode,ultra fast, ll4148, smd open 1 good-ark 17 l1 axial inductor, 1.5mh, 5*7, dip 1 soka 18 l2 axial inductor, 0.55*5t, 5*7, dip 1 soka 19 lf2 cm filter,r6k, 500h, 0.55*2 6t 1 soka 20 q1 mosfet transistor, 4n60, to-262 1 infineon 21 pcb1 pcb, l*w*t=53x29x1. 6mm, cem-1, rev:a 1 jintong 22 f1 fuse, 1a/250v 1 ty-ohm 23 r1,r2 chip resistor, 1.0m ? 1206, 5% 2 ty-ohm 24 r3 carbon resistor, 750k ? , 0805, 5% 1 ty-ohm 25 r4 chip resistor, 100 ? , 0805, 5% 1 ty-ohm 26 r5, r9, r15 chip resistor, 22 ? , 0805, 5% 3 ty-ohm 27 r6 chip resistor, 46.4k ? , 0805,1% 1 ty-ohm 28 r7 chip resistor, 9.1k ? , 0805, 1% 1 ty-ohm 29 r8 chip resistor, 1.37 ? , 1206 , 5% 1 ty-ohm 30 r10, r11 chip resistor, 1k ? , 0805, 5% 2 ty-ohm 31 r12 chip resistor, 3k ? , 0805, 5% 1 ty-ohm 32 r13 chip resistor, 10.7k ? , 0805, 1% 1 ty-ohm 33 r14 chip resistor, 10.5k ? , 0805, 1% 1 ty-ohm 34 r16 chip resistor, 10 ? , 0805, 5% 1 ty-ohm 35 r17 chip resistor, 2.2k ? , 0805, 5% 1 ty-ohm 36 t1 transformer, lp=0.54mh, ee16 1 37 u2 opot pc817c 1 sharp 38 ic3 tl431 to-92 1 st table 1: ACT510 5v10w bill of materials


▲Up To Search▲   

 
Price & Availability of ACT510

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X