Part Number Hot Search : 
WS2295B GPDP4218 CPZ18 MUR120 HC11E1 MAX1039 LT1313CS NB7LQ572
Product Description
Full Text Search
 

To Download 48CTQ060PBF10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94229 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 22-oct-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 schottky rectifier, 2 x 20 a vs-48ctq060pbf vishay semiconductors features ? low forward voltage drop ? high purity, high temperature epoxy encapsulation for enhanced mechanical strength and mois ture resistance ? guard ring for enhanced ruggedness and long term reliability ? 150 c t j operation ? center tap configuration ? high frequency operation ? compliant to rohs directive 2002/95/ec ? designed and qualified for industrial level description this center tap schottky rectif ier has been optimized for low reverse leakage at high temp erature. the proprietary barrier technology allows for reliable operation up to 150 c junction tempera ture. typical applications are in switching power supplies, converters, freewheeling diodes, and reverse battery protection. product summary package to-220ab i f(av) 2 x 20 a v r 60 v v f at i f 0.58 v i rm 89 ma at 125 c t j max. 150 c diode variation common cathode e as 13 mj anode 13 2 base common cathode 2 common cathode anode to-220ab major ratings and characteristics symbol characteristics values units i f(av) rectangular waveform 40 a v rrm 60 v i fsm t p = 5 s sine 1000 a v f 20 apk, t j = 125 c (per leg) 0.58 v t j range - 55 to 150 c voltage ratings parameter symbol vs-48ctq060pbf units maximum dc reverse voltage v r 60 v maximum working peak reverse voltage v rwm absolute maximum ratings parameter symbol test conditions values units maximum average forward current see fig. 5 per leg i f(av) 50 % duty cycle at t c = 111 c, rectangular waveform 20 a per device 40 maximum peak one cycle non-repetitive surge current per leg see fig. 7 i fsm 5 s sine or 3 s rect. pulse following any rated load condition and with rated v rrm applied 1000 10 ms sine or 6 ms rect. pulse 260 non-repetitive avalanche energy per leg e as t j = 25 c, i as = 1.50 a, l = 11.5 mh 13 mj repetitive avalanche current per leg i ar current decaying linear ly to zero in 1 s frequency limited by t j maximum v a = 1.5 x v r typical 1.50 a * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94229 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 22-oct-10 vs-48ctq060pbf vishay semiconductors schottky rectifier, 2 x 20 a note (1) pulse width < 300 s, duty cycle < 2 % electrical specifications parameter symbol test conditions values units maximum forward voltage drop per leg see fig. 1 v fm (1) 20 a t j = 25 c 0.61 v 40 a 0.83 20 a t j = 125 c 0.58 40 a 0.75 maximum reverse leakage current per leg see fig. 2 i rm (1) t j = 25 c v r = rated v r 2 ma t j = 125 c 89 threshold voltage v f(to) t j = t j maximum 0.37 v forward slope resistance r t 8.26 m ? maximum junction ca pacitance per leg c t v r = 5 v dc (test signal range 100 khz to 1 mhz), 25 c 1220 pf typical series inductance per leg l s measured lead to lead 5 mm from package body 8.0 nh maximum voltage rate of change dv/dt rated v r 10 000 v/s thermal - mechanical specifications parameter symbol test conditions values units maximum junction and storage temperature range t j , t stg - 55 to 150 c maximum thermal resistance, junction to case per leg r thjc dc operation 2.0 c/w maximum thermal resistance, junction to case per package 1.0 typical thermal resistance, case to heatsink r thcs mounting surface, smooth and greased 0.50 approximate weight 2g 0.07 oz. mounting torque minimum 6 (5) kgf cm (lbf in) maximum 12 (10) marking device case style to-220ab 48ctq060
document number: 94229 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 22-oct-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 vs-48ctq060pbf schottky rectifier, 2 x 20 a vishay semiconductors fig. 1 - maximum forward voltage drop characteristics (per leg) fig. 2 - typical values of reverse current vs. reverse voltage (per leg) fig. 3 - typical junction capacitance vs. reverse voltage (per leg) fig. 4 - maximum thermal impedance z thjc characteristics (per leg) 1 10 0.8 1.2 v fm - forward voltage drop (v) i f - instantaneous forward current (a) 100 0.4 0 0.2 0.6 1.0 1.4 1000 1.6 1.8 2.0 2.2 t j = 150 c t j = 125 c t j = 25 c 0.1 1 10 100 0.001 0 v r - reverse voltage (v) i r - reverse current (ma) 50 60 1000 30 20 40 10 t j = 150 c t j = 25 c t j = 50 c t j = 100 c t j = 125 c t j = 75 c 0.01 10 000 02030 v r - reverse voltage (v) c t - junction capacitance (pf) 10 1000 40 50 60 t j = 25 c 100 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) single pulse (thermal resistance) 1 d = 0.75 d = 0.50 d = 0.33 d = 0.25 d = 0.20 100 0.01 notes: 1. duty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c p dm t 1 t 2 10
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 94229 4 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 22-oct-10 vs-48ctq060pbf vishay semiconductors schottky rectifier, 2 x 20 a fig. 5 - maximum allowable case temperature vs. average forward current (per leg) fig. 6 - forward power loss characteristics (per leg) fig. 7 - maximum non-repeti tive surge current (per leg) fig. 8 - unclamped in ductive test circuit note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = 10 v 100 030 i f(av) - average forward current (a) allowable case temperature (c) 120 140 110 130 20 15 10 5 see note (1) 25 dc 150 90 square wave (d = 0.50) 80 % rated v r applied 0 025 20 average power loss (w) i f(av) - average forward current (a) 5101520 d = 0.20 d = 0.25 d = 0.33 d = 0.50 d = 0.75 30 10 15 5 rms limit dc 100 1000 t p - square wave pulse duration (s) i fsm - non-repetitive surge current (a) 100 10 000 10 1000 at any rated load condition and with rated v rrm applied following surge current monitor high-speed switch d.u.t. r g = 25 + freewheel diode v d = 25 v l irfp460 40hfl40s02
document number: 94229 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 22-oct-10 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 5 vs-48ctq060pbf schottky rectifier, 2 x 20 a vishay semiconductors ordering information table links to related documents dimensions www.vishay.com/doc?95222 part marking information www.vishay.com/doc?95225 spice model www.vishay.com/doc?95424 2 - current rating (40 a) 1 - vishay semiconductors product 3 - circuit configuration: c = common cathode 4 - package: t = to-220 5 - schottky ?q? series 6 - voltage rating (060 = 60 v) 7 - none = standard production pbf = lead (pb)-free tube standard pack quantity: 50 pieces device code 5 1 3 2 4 6 7 vs- 48 c t q 060 pbf
document number: 95222 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 08-mar-11 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 to-220ab outline dimensions vishay semiconductors dimensions in millimeters and inches notes (1) dimensioning and tolerancin g as per asme y14.5m-1994 (2) lead dimension and fini sh uncontrolled in l1 (3) dimension d, d1 and e do not in clude mold flash. mold flash shall not exceed 0.127 mm (0.005" ) per side. these dimensions are measured at the outermost extremes of th e plastic body (4) dimension b1, b3 and c1 apply to base metal only (5) controlling dimensions: inches (6) thermal pad contour optional within dimensions e, h1, d2 and e1 (7) dimensions e2 x h1 define a zone where stamping and singulation irregularities are allowed (8) outline conforms to jedec to- 220, except a2 (maximum) and d2 (minimum) where dimensions are derived from the actual package outline symbol millimeters inches notes symbol millimeters inches notes min. max. min. max. min. max. min. max. a 4.25 4.65 0.167 0.183 e 10.11 10.51 0.398 0.414 3, 6 a1 1.14 1.40 0.045 0.055 e1 6.86 8.89 0.270 0.350 6 a2 2.56 2.92 0.101 0.115 e2 - 0.76 - 0.030 7 b 0.69 1.01 0.027 0.040 e 2.41 2.67 0.095 0.105 b1 0.38 0.97 0.015 0.038 4 e1 4.88 5.28 0.192 0.208 b2 1.20 1.73 0.047 0.068 h1 6.09 6.48 0.240 0.255 6, 7 b3 1.14 1.73 0.045 0.068 4 l 13.52 14.02 0.532 0.552 c 0.36 0.61 0.014 0.024 l1 3.32 3.82 0.131 0.150 2 c1 0.36 0.56 0.014 0.022 4 ? p 3.54 3.73 0.139 0.147 d 14.85 15.25 0.585 0.600 3 q 2.60 3.00 0.102 0.118 d1 8.38 9.02 0.330 0.355 ? 90 to 93 90 to 93 d2 11.68 12.88 0.460 0.507 6 13 2 d d1 h1 q 13 2 c c d d 3 x b2 3 x b (b, b2) b1, b3 (h1) d2 detail b c a b l e1 lead tip e e2 ? p 0.014 a b m m 0.015 a b mm s eating plane c a2 a1 a a a lead assignments diode s 1. - anode/open 2. - cathode 3. - anode conforms to jedec outline to-220ab (6) (6) (7) (6) (7) e 2 x l1 (2) detail b s ection c - c and d - d view a - a ba s e metal plating (4) (4) c1 c (6) thermal pad (e) e1 (6)
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 48CTQ060PBF10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X