Part Number Hot Search : 
2SK377 AN601 AD5441 SNC12168 0SERI UPD16886 CNS471B6 A1593
Product Description
Full Text Search
 

To Download 30ETH06PBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 94019 for technical ques tions, contact: diodes-tech@vishay.com www.vishay.com revision: 07-apr-08 1 hyperfast rectifier, 30 a fred pt tm 30ETH06PBF vishay high power products features ? hyperfast recovery time ? low forward voltage drop ? low leakage current ? 175 c operating junction temperature ? dual diode center tap ? lead (pb)-free (?pbf? suffix) ? designed and qualified for industrial level description/applications state of the art hyperfast reco very rectifiers designed with optimized performance of forward voltage drop, hyperfast recovery time and soft recovery. the planar structure and the platinum doped life time control guarantee the best overall performance, ruggedness and reliability characteristics. these devices are intended for use in pfc boost stage in the ac-dc section of smps, inverters or as freewheeling diodes. their extremely optimized stored charge and low recovery current minimize the switching losses and reduce over dissipation in the switching element and snubbers. product summary t rr (typical) 28 ns i f(av) 30 a v r 600 v base common cathode 2 13 cathode anode to-220ac a v aila b le p b -free rohs* compliant absolute maximum ratings parameter symbol test conditions values units peak repetitive reverse voltage v rrm 600 v average rectified forward current i f(av) t c = 103 c 30 a non-repetitive peak surge current i fsm t j = 25 c 200 operating junction and storage temperatures t j , t stg - 65 to 175 c electrical specifications (t j = 25 c unless otherwise specified) parameter symbol test conditions min. typ. max. units breakdown voltage, blocking voltage v br , v r i r = 100 a 600 - - v forward voltage v f i f = 30 a - 2.0 2.6 i f = 30 a, t j = 150 c - 1.34 1.75 reverse leakage current i r v r = v r rated - 0.3 50 a t j = 150 c, v r = v r rated - 60 500 junction capacitance c t v r = 600 v - 33 - pf series inductance l s measured lead to lead 5 mm from package body - 8.0 - nh * pb containing terminations are not rohs compliant, exemptions may apply
www.vishay.com for technical questi ons, contact: diodes-tech@vishay.com document number: 94019 2 revision: 07-apr-08 30ETH06PBF vishay high power products hyperfast rectifier, 30 a fred pt tm dynamic recovery characteristics (t j = 25 c unless otherwise specified) parameter symbol test conditions min. typ. max. units reverse recovery time t rr i f = 1.0 a, di f /dt = 50 a/s, v r = 30 v - 28 35 ns t j = 25 c i f = 30 a di f /dt = 200 a/s v r = 200 v -31- t j = 125 c - 77 - peak recovery current i rrm t j = 25 c - 3.5 - a t j = 125 c - 7.7 - reverse recovery charge q rr t j = 25 c - 65 - nc t j = 125 c - 345 - thermal - mechanical specifications parameter symbol test conditions min. typ. max. units maximum junction and storage temperature range t j , t stg - 65 - 175 c thermal resistance, junction to case per leg r thjc -0.71.1 c/w thermal resistance, junction to ambient per leg r thja typical socket mount - - 70 thermal resistance, case to heatsink r thcs mounting surface, flat, smooth and greased -0.2- weight -2.0- g -0.07- oz. mounting torque 6.0 (5.0) - 12 (10) kgf cm (lbf in) marking device case style to-220ac 30eth06
document number: 94019 for technical ques tions, contact: diodes-tech@vishay.com www.vishay.com revision: 07-apr-08 3 30ETH06PBF hyperfast rectifier, 30 a fred pt tm vishay high power products fig. 1 - typical forward voltage dr op characteristics fig. 2 - typical values of reverse current vs. reverse voltage fig. 3 - typical junction capacitance vs. reverse voltage fig. 4 - maximum thermal impedance z thjc characteristics 1 10 t j = 175 c t j = 150 c t j = 25 c 1000 0 3.5 1.5 1 2.5 v f - forward voltage drop (v) i f - instantaneous forward current (a) 100 0.5 2 3 0.01 0.1 1 10 100 0 200 400 v r - reverse voltage (v) i r - reverse current (a) 300 t j = 175 c t j = 150 c t j = 125 c t j = 100 c t j = 25 c 100 0.001 1000 600 500 0.0001 100 1000 0 200 400 500 600 10 v r - reverse voltage (v) c t - junction capacitance (pf) 300 100 t j = 25 c 0.01 0.1 1 0.00001 0.0001 0.001 0.01 0.1 1 t 1 - rectangular pulse duration (s) z thjc - thermal impedance (c/w) single p u lse (thermal resistance) . . p dm t 1 t 2 n otes: 1. d u ty factor d = t 1 /t 2 2. peak t j = p dm x z thjc + t c d = 0.50 d = 0.20 d = 0.10 d = 0.05 d = 0.02 d = 0.01 10 0.001 10
www.vishay.com for technical questi ons, contact: diodes-tech@vishay.com document number: 94019 4 revision: 07-apr-08 30ETH06PBF vishay high power products hyperfast rectifier, 30 a fred pt tm fig. 5 - maximum allowable case temperature vs. average forward current fig. 6 - forward power loss characteristics fig. 7 - typical reverse recovery time vs. di f /dt fig. 8 - typical stored charge vs. di f /dt note (1) formula used: t c = t j - (pd + pd rev ) x r thjc ; pd = forward power loss = i f(av) x v fm at (i f(av) /d) (see fig. 6); pd rev = inverse power loss = v r1 x i r (1 - d); i r at v r1 = rated v r 0 5 10 15 20 25 allowable case temperature (c) i f(av) - average forward current (a) 140 160 1 8 0 see note (1) 120 dc 100 8 0 30 35 40 45 s qu are w a v e (d = 0.50) rated v r applied 0 1020304045 average power loss (w) i f(av) - average forward current (a) 0 10 30 40 50 d = 0.01 d = 0.02 d = 0.05 d = 0.10 d = 0.20 d = 0.50 dc 20 rms limit 5 152535 60 70 8 0 90 0 i f = 30 a i f = 15 a 10 100 1000 t rr (ns) di f /dt (a/s) 40 60 8 0 90 30 50 70 v r = 200 v t j = 125 c t j = 25 c 0 20 100 1000 q rr (nc) di f /dt (a/s) 600 1000 1200 400 8 00 v r = 200 v t j = 125 c t j = 25 c 0 200 i f = 30 a i f = 15 a
document number: 94019 for technical ques tions, contact: diodes-tech@vishay.com www.vishay.com revision: 07-apr-08 5 30ETH06PBF hyperfast rectifier, 30 a fred pt tm vishay high power products fig. 9 - reverse recovery parameter test circuit fig. 10 - reverse recovery waveform and definitions irfp250 d.u.t. l = 70 h v r = 200 v 0.01 g d s di f /dt adj u st q rr 0.5 i rrm di (rec)m /dt 0.75 i rrm i rrm t rr t b t a i f di f /dt 0 (1) (2) (3) (4) (5) (1) di f /dt - rate of change of c u rrent thro u gh zero crossing (2) i rrm - peak re v erse reco v ery c u rrent (3) t rr - re v erse reco v ery time meas u red from zero crossing point of negati v e going i f to point w here a line passing thro u gh 0.75 i rrm and 0.50 i rrm extrapolated to zero c u rrent. (4) q rr - area u nder c u r v e defined b y t rr and i rrm t rr x i rrm 2 q rr = (5) di (rec)m /dt - peak rate of change of c u rrent d u ring t b portion of t rr
www.vishay.com for technical questi ons, contact: diodes-tech@vishay.com document number: 94019 6 revision: 07-apr-08 30ETH06PBF vishay high power products hyperfast rectifier, 30 a fred pt tm ordering information table 1 - current rating (30 = 30 a) 2 - e = single diode 3 - package: 4 t = to-220 4 - h = hyperfast recovery 5 - voltage rating (06 = 600 v) 6 - none = standard production pbf = lead (pb)-free tube standard pack quantity: 50 pieces device code 5 13 24 6 30 e t h 06 pbf links to related documents dimensions http://www.vishay.com/doc?95221 part marking information http://www.vishay.com/doc?95224
document number: 91000 www.vishay.com revision: 18-jul-08 1 disclaimer legal disclaimer notice vishay all product specifications and data are subject to change without notice. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, ?vishay?), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. vishay disclaims any and all li ability arising out of the use or application of any product describ ed herein or of any information provided herein to the maximum extent permit ted by law. the product specifications do not expand or otherwise modify vishay?s terms and conditions of purcha se, including but not limited to the warranty expressed therein, which apply to these products. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of vishay. the products shown herein are not designed for use in medi cal, life-saving, or life-sustaining applications unless otherwise expressly indicated. customers using or selling vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify vishay for any damages arising or resulting from such use or sale. please contact authorized vishay personnel to obtain written terms and conditions regarding products designed for such applications. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of 30ETH06PBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X